Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0313020.HXP Datasheet(PDF) 1 Page - Littelfuse

No. de pieza 0313020.HXP
Descripción Electrónicos  313/315 Series Lead-Free 3AG, Slo-Blo짰 Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0313020.HXP Datasheet(HTML) 1 Page - Littelfuse

  0313020.HXP Datasheet HTML 1Page - Littelfuse 0313020.HXP Datasheet HTML 2Page - Littelfuse 0313020.HXP Datasheet HTML 3Page - Littelfuse 0313020.HXP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
317
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
313/315 Series
3AG > Time Lag > 313/315 Series
Please refer to www.littelfuse.com/series/313.html
or /315.html for current information.
313/315 Series Lead-Free 3AG, Slo-Blo® Fuse
The 3AG Slo-Blo® fuse solves a broad range of application
requirements while offering reliable performance and cost-
effective circuit protection.
The fuse catalog number with the suffix “ID” instantly
identifies itself upon opening by showing a discoloration
of its glass body. Guesswork and time consuming circuit
testing are eliminated. This unique design offers the same
quality performance characteristics as the standard 3AG
Slo-Blo® Fuse design.
Agency Approvals
Agency
Agency File Number
Ampere Range
E10480
10mA - 10A**
LR 29862
10mA - 10A**/15A**
E10480
10A - 30A
PS
E
NBK 040205-
E10480B/D/F/G/H
1A - 10A**/ 15A**
SU05001-
5007/5008/5009/6004
2.25A - 8A
10mA - 10A**/15A**
Features
Electrical Characteristics by Series
Standard 248-14
and axial lead format
and with various
forming dimensions
Lead-free
Applications
Used as supplementary protection in appliance or
utilization equipment to provide individual protection for
components or internal circuits.
% of Ampere
Rating
Ampere Rating
OpeningTime
100%
10mA – 30A
4 hours, Minimum
135%
10mA – 30A
1 hour, Maximum
200%
10mA – 15A
5 sec., Min.,
30 sec., Max
20A – 30A
5 sec., Min.,
60 sec Max
PS
E
Description
Revised: April 26, 2011


Número de pieza similar - 0313020.HXP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
031302.5H LITTELFUSE-031302.5H Datasheet
94Kb / 1P
   3AG Slo-Blo Fuse 313/315 Series
031302.5HXP LITTELFUSE-031302.5HXP Datasheet
197Kb / 4P
   312/318 Series Lead-Free 3AG, Fast-Acting Fuse
031302.5MXP LITTELFUSE-031302.5MXP Datasheet
197Kb / 4P
   312/318 Series Lead-Free 3AG, Fast-Acting Fuse
031302.8H LITTELFUSE-031302.8H Datasheet
94Kb / 1P
   3AG Slo-Blo Fuse 313/315 Series
031302.8HXP LITTELFUSE-031302.8HXP Datasheet
197Kb / 4P
   312/318 Series Lead-Free 3AG, Fast-Acting Fuse
More results

Descripción similar - 0313020.HXP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
313 LITTELFUSE-313 Datasheet
94Kb / 1P
   3AG Slo-Blo Fuse 313/315 Series
02291.25HXP LITTELFUSE-02291.25HXP Datasheet
227Kb / 6P
   229/230 Series Lead-Free 2AG, Slo-Blo짰 Fuse and Indicating Slo-Blo짰 Fuse
2205 LITTELFUSE-2205 Datasheet
905Kb / 3P
   2205 Series, Lead-Free 2AG, Slo-Blo짰 Fuse
0229.375HXSP LITTELFUSE-0229.375HXSP Datasheet
227Kb / 6P
   229/230 Series Lead-Free 2AG, Slo-Blo짰 Fuse and Indicating Slo-Blo짰 Fuse
0325.010HXP LITTELFUSE-0325.010HXP Datasheet
163Kb / 4P
   325/326 Series Lead-Free 3AB, Slo-Blo짰 Fuse
0209.250MXP LITTELFUSE-0209.250MXP Datasheet
454Kb / 4P
   209 Series Lead-Free 2AG, Slo-Blo짰 (Time-Lag) Fuse
0375012.MXP LITTELFUSE-0375012.MXP Datasheet
263Kb / 1P
   3AG SLO-BLO FUSE Pb-FREE 1000 PACK
0375012.HXP LITTELFUSE-0375012.HXP Datasheet
265Kb / 1P
   3AG SLO-BLO FUSE Pb-FREE 100 PACK
038801.5MXEP LITTELFUSE-038801.5MXEP Datasheet
143Kb / 3P
   388 Series Lead-Free 3AG, METI B Fuse
0375012.M LITTELFUSE-0375012.M Datasheet
264Kb / 1P
   3AG SLO-BLO FUSE, M-PACKED
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com