Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0315007.HXP Datasheet(PDF) 2 Page - Littelfuse

No. de pieza 0315007.HXP
Descripción Electrónicos  313/315 Series Lead-Free 3AG, Slo-Blo짰 Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0315007.HXP Datasheet(HTML) 2 Page - Littelfuse

  0315007.HXP Datasheet HTML 1Page - Littelfuse 0315007.HXP Datasheet HTML 2Page - Littelfuse 0315007.HXP Datasheet HTML 3Page - Littelfuse 0315007.HXP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
318
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
313/315 Series
3AG > Time Lag > 313/315 Series
Please refer to www.littelfuse.com/series/313.html
or /315.html for current information.
Electrical Characteristic Specifications by Item
Amp
Code
Ampere
Rating
(A)
Voltage
Rating
(V)
Interrupting
Rating
Nominal
Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A2 sec)
Agency Approvals
PS
E
.010
0.01
250
35A@250Vac
10KA@125Vac
4300.0000
0.000121
xx
x
.031
0.031
250
430.0000
0.00303
x
x
x
.040
0.04
250
300.0000
0.00630
x
x
x
.062
0.062
250
120.0000
0.0210
x
x
x
.100
0.1
250
43.0000
0.0850
x
x
x
.125
0.125
250
30.0000
0.152
x
x
x
.150
0.15
250
20.0000
0.270
x
x
x
.175
0.175
250
8.6700
0.177
x
x
x
.187
0.187
250
8.0100
0.230
x
x
x
.200
0.2
250
6.5900
0.270
x
x
x
.250
0.25
250
4.2700
0.385
x
x
x
.300
0.3
250
3.1350
0.730
x
x
x
.375
0.375
250
2.0950
1.23
x
x
x
.400
0.4
250
1.8750
1.35
x
x
x
.500*
0.5
250
1.2600
2.55
x
x
x
.600
0.6
250
0.9120
4.00
x
x
x
.700
0.7
250
0.7000
5.90
x
x
x
.750
0.75
250
0.6215
7.16
x
x
x
.800
0.8
250
0.5540
8.00
x
x
x
001.*
1
250
0.3750
14.0
x
x
x
x
01.2
1.2
250
100A@250Vac
10KA@125Vac
0.2780
21.5
x
x
x
x
1.25
1.25
250
0.2600
24.0
x
x
x
x
01.5*
1.5
250
0.1910
38.0
x
x
x
x
01.6
1.6
250
0.1710
49.6
x
x
x
x
01.8
1.8
250
0.1410
58.0
x
x
x
x
002.*
2
250
0.1169
77.0
x
x
x
x
2.25
2.25
250
0.0968
121
x
x
x
x
x
02.5
2.5
250
0.0811
130
x
x
x
x
x
02.8
2.8
250
0.0675
170
x
x
x
x
x
003.*
3
250
0.0593
200
x
x
x
x
x
03.2
3.2
250
0.0529
209
x
x
x
x
x
004.*
4
250
200@250Vac
10KA@125Vac
0.0311
76.1
x
x
x
x
x
005.*
5
250
0.0214
140
x
x
x
x
x
6.25*
6.25
250
0.0154
242
x
x
x
x
x
06.3
6.3
250
0.0154
242
x
x
x
x
x
007.*
7
250
0.0128
347
x
x
x
x
x
008.*
8
250
0.0111
445
x
x
x
x
x
010.**
10
250
300A@32Vac
0.0083
760
x
x
x
x
010.*
10
32
0.0083
760
x
012.
12
32
0.0065
1200
x
015.**
15
125
0.0050
1870
x
x
x
x
015.
15
32
0.0050
1870
x
020.
20
32
0.0022
9560
x
025.
25
32
0.0017
16500
x
030.
30
32
0.0012
26900
x
* For 313series, these ratings available with an indicating option. Add the “ID” designation to the series number. i.e. 313.500ID.
** These 2 ratings are designed for special voltage requirement. For 10A, it is available as 250Vac rated and the part number is 0313010.
MX250P; for 15A, it is available as 125Vac rated and the part number is 0315015.MX125P.


Número de pieza similar - 0315007.HXP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
0315007.HXW LITTELFUSE-0315007.HXW Datasheet
94Kb / 1P
   3AG Slo-Blo Fuse 313/315 Series
More results

Descripción similar - 0315007.HXP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
313 LITTELFUSE-313 Datasheet
94Kb / 1P
   3AG Slo-Blo Fuse 313/315 Series
02291.25HXP LITTELFUSE-02291.25HXP Datasheet
227Kb / 6P
   229/230 Series Lead-Free 2AG, Slo-Blo짰 Fuse and Indicating Slo-Blo짰 Fuse
2205 LITTELFUSE-2205 Datasheet
905Kb / 3P
   2205 Series, Lead-Free 2AG, Slo-Blo짰 Fuse
0229.375HXSP LITTELFUSE-0229.375HXSP Datasheet
227Kb / 6P
   229/230 Series Lead-Free 2AG, Slo-Blo짰 Fuse and Indicating Slo-Blo짰 Fuse
0325.010HXP LITTELFUSE-0325.010HXP Datasheet
163Kb / 4P
   325/326 Series Lead-Free 3AB, Slo-Blo짰 Fuse
0209.250MXP LITTELFUSE-0209.250MXP Datasheet
454Kb / 4P
   209 Series Lead-Free 2AG, Slo-Blo짰 (Time-Lag) Fuse
0375012.MXP LITTELFUSE-0375012.MXP Datasheet
263Kb / 1P
   3AG SLO-BLO FUSE Pb-FREE 1000 PACK
0375012.HXP LITTELFUSE-0375012.HXP Datasheet
265Kb / 1P
   3AG SLO-BLO FUSE Pb-FREE 100 PACK
038801.5MXEP LITTELFUSE-038801.5MXEP Datasheet
143Kb / 3P
   388 Series Lead-Free 3AG, METI B Fuse
0375012.M LITTELFUSE-0375012.M Datasheet
264Kb / 1P
   3AG SLO-BLO FUSE, M-PACKED
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com