Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC786800E Datasheet(PDF) 11 Page - Sanyo Semicon Device

No. de pieza LC786800E
Descripción Electrónicos  Compressed Audio signal Processor IC with USB host controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC786800E Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC786800E Datasheet HTML 7Page - Sanyo Semicon Device LC786800E Datasheet HTML 8Page - Sanyo Semicon Device LC786800E Datasheet HTML 9Page - Sanyo Semicon Device LC786800E Datasheet HTML 10Page - Sanyo Semicon Device LC786800E Datasheet HTML 11Page - Sanyo Semicon Device LC786800E Datasheet HTML 12Page - Sanyo Semicon Device LC786800E Datasheet HTML 13Page - Sanyo Semicon Device LC786800E Datasheet HTML 14Page - Sanyo Semicon Device LC786800E Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LC786800E
No.A2082-11/26
Continued from the previous page.
Pin
No.
Pin name
I/O
State when
"Reset"
Function
84
GP06
I/O
Input (L)
General purpose I/O port with pull down resistor
85
GP07
I/O
Input (L)
General purpose I/O port with pull down resistor
86
GP14
I/O
Input (L)
General purpose I/O port with pull down resistor
87
TEST0
I
Input
Test input. This pin must be connected to the 0V level.
88
DVDD
-
-
Digital system power supply
89
DVSS
-
-
Digital system ground. This pin must be connected to the 0V level.
90
DVDD15
AO
High
Capacitor connection pin for internal regulator
91
JTRSTB
I
Input
JTAG reset input
(Connect to pull-down resistor or 0V level in normal mode.)
92
JTCK
I
Input
JTAG clock input
(Connect to pull-down resistor or 0V level in normal mode.)
93
JTDI
I
Input
JTAG data input
(Connect to pull-down resistor or 0V level in normal mode.)
94
JTMS
I
Input
JTAG mode input
(Connect to pull-down resistor or DVDD level in normal mode.)
95
JTDO
O
Low
JTAG data output (Leave open in normal mode.)
96
JTRTCK
O
Low
JTAG return clock output (Leave open in normal mode.)
97
TEST1
I
Input
Test input. This pin must be connected to the 0V level.
98
AVDD1
-
-
Analog system power supply
99
AVSS1
-
-
Analog system ground. This pin must be connected to the 0V level.
100
LRREF
AO
AVDD1/2
Capacitor connection pin for reference voltage for Audio DAC and Electronic Volume.
<Note>
(1) For unused pins:
• The unused input pins must be connected to the GND (0V) level if there is no individual note in the above table.
• The unused output pins must be left open (No connection) if there is no individual note in the above table.
• The unused input/output pins must be connected to the GND (0V) or power supply pin for I/O block with internal
pull down resistor OFF or be left open with internal pull down resistor ON when input pin mode or must be left
open (No connection) when output pin mode if there is no individual note in the above table.
When you connect an I/O pin which is an input pin with internal pull-down resistor OFF at reset mode to the GND
or power supply level, we recommend you to use pull-down resistor or pull-up resistor individually as fail-safe.
(2) For power supply pins:
• Same voltage level must be supplied to DVDD, AVDD1, AVDD2, XVDD, VVDD2 and VVDD3 power supply
pins.
(Refer to“Allowable operating ranges”.)
(3) For “Reset” condition:
• This IC is not reset only by making the RESB pin “Low”.
Refer to “Power on and Reset control” for detail of “Reset” condition.
(4) For “Analog Source” unused pins (9 pin to 16 pin):
• The “Analog Source” unused pins (9 pin to 16 pin) must be connected to the GND (0V) level through the input
coupling capacitor.


Número de pieza similar - LC786800E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC786800E ONSEMI-LC786800E Datasheet
215Kb / 26P
   Compressed Audio signal Processor IC
Sep 2013 Ver. 1.0.0
LC786800E-H ONSEMI-LC786800E-H Datasheet
215Kb / 26P
   Compressed Audio signal Processor IC
Sep 2013 Ver. 1.0.0
More results

Descripción similar - LC786800E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC786820E ONSEMI-LC786820E_16 Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
November 2016 - Rev. 2
LC786800E ONSEMI-LC786800E Datasheet
215Kb / 26P
   Compressed Audio signal Processor IC
Sep 2013 Ver. 1.0.0
LC786821E ONSEMI-LC786821E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
LC786820E ONSEMI-LC786820E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
logo
Future Technology Devic...
VNC1L FTDI-VNC1L Datasheet
700Kb / 31P
   Embedded USB Host Controller IC
VNC1L-1A FTDI-VNC1L-1A Datasheet
767Kb / 32P
   Vinculum VNC1L Embedded USB Host Controller IC
logo
Princeton Technology Co...
PT8921 PTC-PT8921_10 Datasheet
481Kb / 4P
   Smart Audio Combo-Station with USB Mini-Host & SD/MMC Host Interface Controller
PT8921 PTC-PT8921 Datasheet
484Kb / 4P
   Smart Audio Combo-Station with USB Mini-Host & SD/MMC Host Interface Controller
logo
Future Technology Devic...
VNC2-64L1B-REEL FTDI-VNC2-64L1B-REEL Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
VNC2-48Q1B-TRAY FTDI-VNC2-48Q1B-TRAY Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com