Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS9004ISN16T Datasheet(PDF) 1 Page - Touchstone Semiconductor Inc

No. de pieza TS9004ISN16T
Descripción Electrónicos  Low-Power Single/Dual-Supply Quad Comparator with Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOUCHSTONE [Touchstone Semiconductor Inc]
Página de inicio  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS9004ISN16T Datasheet(HTML) 1 Page - Touchstone Semiconductor Inc

  TS9004ISN16T Datasheet HTML 1Page - Touchstone Semiconductor Inc TS9004ISN16T Datasheet HTML 2Page - Touchstone Semiconductor Inc TS9004ISN16T Datasheet HTML 3Page - Touchstone Semiconductor Inc TS9004ISN16T Datasheet HTML 4Page - Touchstone Semiconductor Inc TS9004ISN16T Datasheet HTML 5Page - Touchstone Semiconductor Inc TS9004ISN16T Datasheet HTML 6Page - Touchstone Semiconductor Inc TS9004ISN16T Datasheet HTML 7Page - Touchstone Semiconductor Inc TS9004ISN16T Datasheet HTML 8Page - Touchstone Semiconductor Inc TS9004ISN16T Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TS9004
Page 1
© 2012 Touchstone Semiconductor, Inc. All rights reserved.
FEATURES
♦ Ultra-Low Quiescent Current:
5.1μA (max), All comparators plus Reference
♦ Single or Dual Power Supplies:
Single: +2.5V to +11V
Dual: ±1.25V to ±5.5V
♦ Input Voltage Range Includes Negative Supply
♦ 7μs Propagation Delay
♦ Push-pull TTL/CMOS-Compatible Outputs
♦ Separate Output GND Pin
♦ Crowbar-Current-Free Switching
♦ Continuous Source Current Capability: 40mA
♦ Internal 1.182V ±1% Reference
♦ 16-pin Narrow SOIC Package
APPLICATIONS
Threshold Detectors
Window Comparator
Level Translators
Oscillator Circuits
Battery-Powered Systems
DESCRIPTION
The TS9004 low-voltage, micropower quad analog
comparator is form-factor identical to the MAX934
analog
comparator
with
improved
electrical
specifications. Ideal for 3V or 5V single-supply
applications, the TS9004 draws 22% lower supply
current with a 50%-better initial accuracy reference
voltage. The TS9004 joins Touchstone’s TS9001-1/2
and TS9002 analog comparators in the “NanoWatt
Analog™” high performance analog integrated
circuits portfolio. This quad comparator can operate
from single +2.5V to +11V supplies or from ±1.25V to
±5.5V dual supplies.
The TS9004 exhibits an input voltage range from the
negative supply rail to within 1.3V of the positive
supply. In addition, its push-pull output stage is
TTL/CMOS compatible and capable of sinking and
sourcing current. It also incorporates an internal
1.182V ±1% voltage reference. A GND connection
available at the TS9004’s output stage enables TTL
compatibility and bipolar-to-single ended conversion.
The TS9004 is fully specified over the -40ºC to +85ºC
temperature range and is available in a 16-pin narrow
SOIC package.
Low-Power Single/Dual-Supply Quad Comparator with Reference
TYPICAL APPLICATION CIRCUIT
Using a TS9004 in a 5V Bar-Graph Level Gauge Application
The Touchstone Semiconductor logo is a registered
trademark of Touchstone Semiconductor, Incorporated.


Número de pieza similar - TS9004ISN16T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Touchstone Semiconducto...
TS9004ISN16T TOUCHSTONE-TS9004ISN16T Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
logo
Silicon Laboratories
TS9004ISN16T SILABS-TS9004ISN16T Datasheet
1Mb / 13P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
logo
Touchstone Semiconducto...
TS9004ISN16TP TOUCHSTONE-TS9004ISN16TP Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
More results

Descripción similar - TS9004ISN16T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Touchstone Semiconducto...
TS9004DB TOUCHSTONE-TS9004DB Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
logo
Silicon Laboratories
TS9004 SILABS-TS9004 Datasheet
1Mb / 13P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
TS9002 SILABS-TS9002 Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Shanghai Consonance Ele...
CN951 CONSONANCE-CN951 Datasheet
271Kb / 8P
   Low-Power, Single-Supply Op Amp Comparator Reference
logo
Renesas Technology Corp
UPC177 RENESAS-UPC177 Datasheet
505Kb / 8P
   Single Power Supply Quad Comparator
logo
Linear Technology
LTC1440 LINER-LTC1440_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1442 LINER-LTC1442_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441IS LINER-LTC1441IS Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441 LINER-LTC1441_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com