Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA1225MC Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza LA1225MC
Descripción Electrónicos  Monolithic Linear IC FM IF Detector IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1225MC Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA1225MC Datasheet HTML 1Page - Sanyo Semicon Device LA1225MC Datasheet HTML 2Page - Sanyo Semicon Device LA1225MC Datasheet HTML 3Page - Sanyo Semicon Device LA1225MC Datasheet HTML 4Page - Sanyo Semicon Device LA1225MC Datasheet HTML 5Page - Sanyo Semicon Device LA1225MC Datasheet HTML 6Page - Sanyo Semicon Device LA1225MC Datasheet HTML 7Page - Sanyo Semicon Device LA1225MC Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment. The products mentioned herein
shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system,
safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives
in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any
guarantee thereof. If you should intend to use our products for new introduction or other application different
from current conditions on the usage of automotive device, communication device, office equipment, industrial
equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the
intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely
responsible for the use.
41812 SY 20120411-S00004 No.A2052-1/8
LA1225MC
Overview
The LA1225MC is a Low-voltage operation (1.8V or higher) FM IF detector IC for the electronic tuning system.
Features
• Low-voltage operation (1.8V or higher)
• Supports electronic tuning systems (provides built-in SD output and IF count output functions)
• FM detector circuit accepts an even wider input frequency range. (Supports the use of an external phase capacitor.)
• Miniature package: SOIC10
Functions
• IF amplifier
• Quadrature detector
• Signal meter
• SD
• IF buffer
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
9.0
V
Allowable power dissipation
Pd max
Ta
≤ 85°C
100
mW
Operating temperature
Topr
-20 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
3.0
V
Operating supply voltage range
VCC op
1.8 to 8.0
V
Ordering number : ENA2052
Monolithic Linear IC
FM IF Detector IC


Número de pieza similar - LA1225MC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LA1225MC ONSEMI-LA1225MC Datasheet
365Kb / 8P
   FM IF Detector IC
May, 2013
More results

Descripción similar - LA1225MC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA1225M SANYO-LA1225M_06 Datasheet
472Kb / 8P
   FM IF Detector IC
LA1225M SANYO-LA1225M Datasheet
55Kb / 8P
   FM IF Detector IC
logo
ON Semiconductor
LA1225MC ONSEMI-LA1225MC Datasheet
365Kb / 8P
   FM IF Detector IC
May, 2013
logo
Toshiba Semiconductor
TA31136F TOSHIBA-TA31136F Datasheet
712Kb / 16P
   FM IF DETECTOR IC FOR CORDLESS TELEPHONE
logo
Sanyo Semicon Device
LA72910V SANYO-LA72910V Datasheet
164Kb / 10P
   Monolithic Linear IC FM Modulator and Demodulator IC
logo
Panasonic Semiconductor
AN5215 PANASONIC-AN5215 Datasheet
155Kb / 2P
   TV Sound-IF Amplifier, FM Detector IC
logo
Sanyo Semicon Device
LA72914V SANYO-LA72914V Datasheet
296Kb / 9P
   Monolithic Linear IC FM Modulator and Demodulator IC
logo
TOKO, Inc
TK14584 TOKO-TK14584 Datasheet
196Kb / 20P
   FM IF IC
TK14588 TOKO-TK14588 Datasheet
233Kb / 20P
   FM IF IC
logo
KEC(Korea Electronics)
KIA2017FN KEC-KIA2017FN Datasheet
256Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (FM IF DIVERSITY IC)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com