Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD1848KST Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD1848KST
Descripción Electrónicos  Parallel-Port 16-Bit SoundPort Stereo Codec
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD1848KST Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1848KST Datasheet HTML 6Page - Analog Devices AD1848KST Datasheet HTML 7Page - Analog Devices AD1848KST Datasheet HTML 8Page - Analog Devices AD1848KST Datasheet HTML 9Page - Analog Devices AD1848KST Datasheet HTML 10Page - Analog Devices AD1848KST Datasheet HTML 11Page - Analog Devices AD1848KST Datasheet HTML 12Page - Analog Devices AD1848KST Datasheet HTML 13Page - Analog Devices AD1848KST Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD1848K
REV. 0
–10–
Digital Mixing
Stereo digital output from the ADCs can be mixed digitally with
the input to the DACs. Digital output from the ADCs going out
of the data port is unaffected by the digital mix. Along the digi-
tal mix datapath, the 16-bit linear output from the ADCs is
attenuated by an amount specified with control bits. Both chan-
nels of the monitor data are attenuated by the same amount.
(Note that internally the AD1848K always works with 16-bit
PCM linear data, digital mixing included; format conversions
take place at the input and output.)
Sixty-four steps of –1.5 dB attenuation are supported to
–94.5 dB. The digital mix datapath can also be completely
muted, preventing any mixing of the analog input with the digi-
tal input. Note that the level of the mixed signal is also a func-
tion of the input PGA settings, since they affect the ADCs’
output.
The attenuated digital mix data is digitally summed with the
DAC input data prior to the DACs’ datapath attenuators. The
digital sum of digital mix data and DAC input data is clipped at
plus or minus full scale and does not wrap around. Because both
stereo signals are mixed before the output attenuators, mix data
is attenuated a second time by the DACs’ datapath attenuators.
In case the AD1848K is capturing data but ADC output data is
not removed in time (“ADC overrun”), then the last sample
captured before overrun will be used for the digital mix. In case
the AD1848K is playing back data but input digital DAC data
fails to arrive in time (“DAC underrun”), then a midscale zero
will be added to the digital mix data.
Analog Outputs
A stereo line level output is available at external pins. Each
channel of this output can be independently muted. When
muted, the outputs will settle to a dc value near VREF, the mid-
scale reference voltage.
Digital Data Types
The AD1848K supports four global data types: 16-bit twos-
complement linear PCM, eight-bit unsigned linear PCM,
companded
µ-law, and 8-bit companded A-law, as specified by
control register bits. Data in all four formats is always trans-
ferred MSB first. Eight-bit data is always left justified in 16-bit
fields; said in other words, the MSBs of all data types are always
aligned; in yet other words, full-scale representations in all four
formats correspond to equivalent full-scale signals. The eight
least significant bit positions of 8-bit data in 16-bit fields are
ignored on input and zeroed on output.
The 16-bit PCM data format is capable of representing 96 dB of
dynamic range. Eight-bit PCM can represent 48 dB of dynamic
range. Companded
µ-law and A-law data formats use nonlinear
coding with less precision for large amplitude signals. The loss
of precision is compensated for by an increase in dynamic range
to 64 dB and 72 dB, respectively.
On input, 8-bit companded data is expanded to an internal lin-
ear representation, according to whether
µ-law or A-law was
specified in the Codec’s internal registers. Note that when
µ-law
compressed data is expanded to a linear format, it requires 14
bits. A-law data expanded requires 13 bits.
3/2
2/1
15
0
15
0
MSB
MSB
0 0 0 / 0 0
15
0
MSB
DAC INPUT
EXPANSION
COMPRESSED
INPUT DATA
3/2
2/1
LSB
LSB
8 7
LSB
Figure 2. A-Law or
µ-Law Expansion
When 8-bit companding is specified, the ADCs’ linear output is
compressed to the format specified.
LSB
3/2
2/1
15
0
15
0
MSB
MSB
0 0 0 0 0 0 0 0
15
0
MSB
ADC OUTPUT
TRUNCATION
COMPRESSION
LSB
8 7
LSB
Figure 3. A-Law or
µ-Law Compression
Note that all format conversions take place at input or output.
Internally, the AD1848K always uses 16-bit linear PCM repre-
sentations to maintain maximum precision.
Power Supplies and Voltage Reference
The AD1848K operates from +5 V power supplies. Indepen-
dent analog and digital supplies are recommended for optimal
performance though excellent results can be obtained in single
supply systems. A voltage reference is included on the Codec
and its 2.25 V buffered output is available on an external pin
(VREF). The reference output can be used for biasing op amps
used in dc coupling. The internal reference must be externally
bypassed to analog ground at the VREF_F pin.
Clocks and Sample Rates
The AD1848K operates from external crystals. Two crystal in-
puts are provided to generate a wide range of sample rates. The
oscillators for these crystals are on the AD1848K, as is a multi-
plexer for selecting between them. They can be overdriven with
external clocks by the user, if so desired. The recommended
crystal frequencies are 16.9344 MHz and 24.576 MHz. From
them the following sample rates are divided down: 5.5125,
6.615, 8, 9.6, 11.025, 16, 18.9, 22.05, 27.42857, 32, 33.075,
37.8, 44.1, 48 kHz.


Número de pieza similar - AD1848KST

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1848K AD-AD1848K_15 Datasheet
242Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
More results

Descripción similar - AD1848KST

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1845 AD-AD1845_15 Datasheet
1Mb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K_15 Datasheet
242Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845 AD-AD1845 Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1845JSTZ AD-AD1845JSTZ Datasheet
676Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1846 AD-AD1846 Datasheet
277Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1846 AD-AD1846_15 Datasheet
249Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1847 AD-AD1847 Datasheet
311Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1847 AD-AD1847_15 Datasheet
241Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com