Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD1868 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD1868
Descripción Electrónicos  Single Supply Dual 18-Bit Audio DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD1868 Datasheet(HTML) 5 Page - Analog Devices

  AD1868 Datasheet HTML 1Page - Analog Devices AD1868 Datasheet HTML 2Page - Analog Devices AD1868 Datasheet HTML 3Page - Analog Devices AD1868 Datasheet HTML 4Page - Analog Devices AD1868 Datasheet HTML 5Page - Analog Devices AD1868 Datasheet HTML 6Page - Analog Devices AD1868 Datasheet HTML 7Page - Analog Devices AD1868 Datasheet HTML 8Page - Analog Devices AD1868 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD1868
REV. A
–5–
1
2
3
4
5
6
7
8
9
10
12
13
14
15
11
16
18-BIT
DAC
18-BIT
SERIAL
REGISTER
18-BIT
SERIAL
REGISTER
AD1868
LL
DL
CK
DR
LR
DGND
NRL
AGND
NRR
VL
VBR
VBL
VS
VOL
VOR
VS
18-BIT
DAC
+
+
VREF
VREF
Functional Block Diagram
ANALOG CIRCUIT CONSIDERATIONS
GROUNDING RECOMMENDATIONS
The AD1868 has two ground pins, designated as AGND (Pin
12) and DGND (Pin 7). The analog ground, AGND, serves as
the “high quality” reference ground for analog signals and as a
return path for the supply current from the analog portion of the
device. The system analog common should be located as close
as possible to Pin 12 to minimize any voltage drop which may
develop between these two points, although the internal circuit
is designed to minimize signal dependence of the analog return
current.
The digital ground, DGND, returns ground current from the
digital logic portion of the device. This pin should be connected
to the digital common node in the system. As shown in Figure
7, the analog and digital grounds should be joined at one point
in the system. When these two grounds are remotely connected
such as at the power supply ground, care should be taken to
minimize the voltage difference between the DGND and AGND
pins in order to ensure the specified performance.
POWER SUPPLIES AND DECOUPLING
The AD1868 has three power supply input pins. VS (Pins 9 and
15) provides the supply voltages which operate the analog por-
tion of the device including the 18-bit DACs, the voltage refer-
ences, and the output amplifiers. The VS supplies are designed
to operate with a +5 V supply. These pins should be decoupled
to analog common using a 0.1
µF capacitor. Good engineering
practice suggests that the bypass capacitors be placed as close as
possible to the package pins. This minimizes the inherent induc-
tive effects of printed circuit board traces.
VL (Pin 1) operates the digital portions of the chip including the
input shift registers and the input latching circuitry. VL is also
designed to operate with a +5 V supply. This pin should be by-
passed to digital common using a 0.1
µF capacitor, again placed
as close as possible to the package pin. Figure 7 illustrates the cor-
rect connection of the digital and analog supply bypass capacitors.
An important feature of the AD1868 audio DAC is its ability to
operate at reduced power supply voltages. This feature is very
important in portable battery operated systems. As the batteries
discharge, the supply voltage drops. Unlike any other audio
DAC, the AD1868 can continue to function at supply voltages
as low as 3.5 V. Because of its unique design, the power require-
ments of the AD1868 diminish as the battery voltage drops, fur-
ther extending the operating time of the system.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
LL
DL
CK
DR
LR
DGND
NRL
AGND
NRR
VL
VBR
VBL
VS
VOL
VOR
AD1868
POWER
SUPPLY
0.1µF
0.1µF
4.7µF
4.7µF
VS
Figure 7. Recommended Circuit Schematic
NOISE REDUCTION CAPACITORS
The AD1868 has two noise reduction pins designated as NRL
(Pin 13) and NRR (Pin 11). It is recommended that external
noise reduction capacitors be connected from these pins to
AGND to reduce the output noise contributed by the voltage
reference circuitry. As shown in Figure 7, each of these pins
should be bypassed to AGND with a 4.7
µF or larger capacitor.
The connections between the capacitors, package pins and
AGND should be as short as possible to achieve the lowest
noise.
USING VBL AND VBR
The AD1868 has two bias voltage reference pins, designated as
VBR (Pin 8) and VBL (Pin 16). These pins supply a dc reference
voltage equal to the center of the output voltage swing. These
bias voltages replace “False Ground” networks previously required
in single-supply audio systems. At the same time, they allow dc-
coupled systems, improving audio performance.
Figure 8a illustrates the traditional approach used to generate
False Ground voltages in single-supply audio systems. This cir-
cuit requires additional power and circuit board space.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
16-BIT
LATCH
16-BIT
DAC
SERIAL
INPUT
REGISTER
CONTROL
LOGIC
AD1851
IOUT
–VS
DGND
NC
CLK
LE
DATA
+VL
NC = NO CONNECT
+VS
TRIM
MSB
ADJ
IOUT
AGND
SJ
RF
VOUT
NC
Figure 8a. Schematic Using False Ground


Número de pieza similar - AD1868

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1868 AD-AD1868 Datasheet
250Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1868 AD-AD1868_15 Datasheet
250Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
More results

Descripción similar - AD1868

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1868 AD-AD1868_15 Datasheet
250Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1866 AD-AD1866 Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866RZ AD-AD1866RZ Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866 AD-AD1866_15 Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1864 AD-AD1864 Datasheet
302Kb / 12P
   Complete Dual 18-Bit Audio DAC
REV. A
AD1864 AD-AD1864_15 Datasheet
564Kb / 12P
   COMPLETE DUAL 18 BIT AUDIO DAC
REV. A
AD1865 AD-AD1865_15 Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16FS Audio DAC
REV. 0
AD1859 AD-AD1859 Datasheet
302Kb / 16P
   Stereo, Single-Supply 18-Bit Integrated DAC
REV. A
AD1859 AD-AD1859_15 Datasheet
305Kb / 16P
   Stereo, Single-Supply 18-Bit Integrated DAC
REV. A
AD1865N-K AD-AD1865N-K Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16 x FS Audio DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com