Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LC74736PT Datasheet(PDF) 2 Page - Sanyo Semicon Device |
|
LC74736PT Datasheet(HTML) 2 Page - Sanyo Semicon Device |
2 / 106 page LC74736PT No.A0569-2/106 (2) Character structure QVGA mode: About 9MHz 16 dots (horizontal) ×16 dots (vertical): Character display 16 dots (horizontal) ×16 dots (vertical): Graphic glyph display WVGA mode: About 33.2MHz 24 dots (horizontal) ×32 dots (vertical): Character display 24 dots (horizontal) ×32 dots (vertical): Graphic glyph display Character display clock: LC oscillator (about 10MHz) External clock signal input (up to 40MHz) Built-in PLL (VCO) (7 to 40MHz) (3) Number of characters QVGA mode Up to 16384 characters when an external 16-bit 16M ROM is used. WVGA mode Up to 4096 characters when an external 16-bit 16M ROM is used. No internal ROM Internal character RAM QVGA: 4 characters, WVGA: 1 character (4) Character sizes: Four horizontal sizes (1 ×, 2×, 3×, and 4×) Four vertical sizes (1 ×, 2×, 3×, and 4×) (The character size is specified in line units.) (5) Display start positions: 1024 positions in the horizontal direction and 512 positions in the vertical direction. Setting units: Horizontal: 1 dot (in screen units) Vertical: 1 dot (in screen units) (6) Display functions • Blinking specification (in character units) Period: 1/64, 1/32, and 1/16 of the vertical sync signal (in screen units) Duty: Fixed at 50% • Box (raised or recessed) display Raised/recessed specification (in character units) Left: Off/on specification (in character units) Right: Off/on specification (in character units) Top: Off/on specification (in character units) Bottom: Off/on specification (in character units) • Border specification (in line units): Only valid with glyphs from the character font. (7) Color specification Character • Character color (in character units): 1 of 16 colors can be specified. • Character background color (in character units): 1 of 16 colors can be specified. • Border color (in line units): 1 of 16 colors can be specified. Graphic • 16 types can be specified by ROM data Graphic 2 • 16 types can be specified by ROM data 1 color type can be changed. Graphic 3 • 16 types can be specified by ROM data 1 color table type can be changed. • Box (raised or recessed) color (line units): 1 of 16 colors can be specified. • Background color (screen units): 1 of 16 colors can be specified. |
Número de pieza similar - LC74736PT_11 |
|
Descripción similar - LC74736PT_11 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |