Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD1864P Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD1864P
Descripción Electrónicos  Complete Dual 18-Bit Audio DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD1864P Datasheet(HTML) 9 Page - Analog Devices

Back Button AD1864P Datasheet HTML 4Page - Analog Devices AD1864P Datasheet HTML 5Page - Analog Devices AD1864P Datasheet HTML 6Page - Analog Devices AD1864P Datasheet HTML 7Page - Analog Devices AD1864P Datasheet HTML 8Page - Analog Devices AD1864P Datasheet HTML 9Page - Analog Devices AD1864P Datasheet HTML 10Page - Analog Devices AD1864P Datasheet HTML 11Page - Analog Devices AD1864P Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD1864
–9–
REV. A
AD1864
S
+V
L
–V
TRIM
MSB
SJ
DL
LL
DGND
AGND
OUT
V
OUT
I
R F
–VS
OUT
I
+VL
OUT
V
TRIM
MSB
LR
CLK
DR
AGND
SJ
R F
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
+5V ANALOG
SUPPLY
–5V ANALOG
SUPPLY
VOICE 1
OUTPUT
AD1864
S
+V
L
–V
TRIM
MSB
SJ
DL
LL
DGND
AGND
OUT
V
OUT
I
R F
–VS
OUT
I
+VL
OUT
V
TRIM
MSB
LR
CLK
DR
AGND
SJ
RF
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
AD1864
S
+V
L
–V
TRIM
MSB
SJ
DL
LL
DGND
AGND
OUT
V
OUT
I
R F
–VS
OUT
I
+VL
OUT
V
TRIM
MSB
LR
CLK
DR
AGND
SJ
RF
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VOICE 1 LOAD
ANALOG
COMMON
VOICE 3 LOAD
DATA
VOICE 2 LOAD
CLOCK
VOICE 2
OUTPUT
VOICE 3
OUTPUT
VOICE 4
OUTPUT
VOICE 5
OUTPUT
VOICE 6
OUTPUT
VOICE 6 LOAD
VOICE 5 LOAD
VOICE 4 LOAD
DIGITAL COMMON
–5V DIGITAL COMMON
+5V DIGITAL COMMON
Figure 12. Cascaded AD1864s in a Multichannel Keyboard Instrument
MULTICHANNEL DIGITAL KEYBOARD DESIGN
Figure 12 illustrates how to cascade AD1864s to add multiple
voices to an electronic musical instrument. In this example, the
data and clock signals are shared between all six DACs. As the
data representing an output for a specific voice is loaded, the
appropriate DAC is updated. For example, after the 18 bits
representing the next output value for Voice #4 is clocked out
on the data line, then “Voice 4 Load” is pulled low. This produces
a new output for Voice 4. Furthermore, all voices can be
returned to the same output by pulling all six load signals low.
In this application, the advantages of choosing the AD1864 are
clear. Its flexible digital interface allows the clock and data to
be shared among all DACs. This reduces printed circuit board
area requirements and also simplifies the actual layout of the
board. The low power requirement of the AD1864 (typically
215 mW) is an advantage in a multiple DAC system where its
power advantage is multiplied by the number of DACs used.
The AD1864 requires no external components, simplifying the
design, reducing the total number of components required and
enhancing reliability.
ADDITIONAL APPLICATIONS
Figures 13 through 16 show connection diagrams for the
AD1864 and a number of standard digital filter chips from
Yamaha, NPC and Sony. Figure 13 shows the SM5814AP
operating with pipelined data. Cophase operation is not
available with the SM5814AP in 18-bit mode. Figures 14
through 16 are all examples of cophase operation. Each
application operates at 8
× F
S for each channel. The 2-pole
Rauch low-pass filters shown in Figure 11 can be used with all
of the applications shown in this data sheet. The AD711 single
op amp can also be used in these applications in order to ensure
maximum channel separation.


Número de pieza similar - AD1864P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1864 AD-AD1864_15 Datasheet
564Kb / 12P
   COMPLETE DUAL 18 BIT AUDIO DAC
REV. A
More results

Descripción similar - AD1864P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1864 AD-AD1864_15 Datasheet
564Kb / 12P
   COMPLETE DUAL 18 BIT AUDIO DAC
REV. A
AD1865 AD-AD1865_15 Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16FS Audio DAC
REV. 0
AD1865 AD-AD1865 Datasheet
149Kb / 12P
   Complete Dual 18-Bit 16 x Fs Audio DAC
REV. 0
AD1865N-K AD-AD1865N-K Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16 x FS Audio DAC
REV. 0
AD1868 AD-AD1868 Datasheet
246Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1868 AD-AD1868_15 Datasheet
250Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
logo
Maxim Integrated Produc...
MX7845 MAXIM-MX7845 Datasheet
145Kb / 4P
   Complete, 12-Bit Multiplying DAC
19-3986; Rev 0; 10/91
logo
Analog Devices
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
logo
API Technologies Corp
DAC9377 APITECH-DAC9377 Datasheet
2Mb / 3P
   Complete Buffered 16-Bit DAC
logo
Analog Devices
AD8582ANZ AD-AD8582ANZ Datasheet
192Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com