Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4933 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

No. de pieza 1N4933
Descripción Electrónicos  Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Página de inicio  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1N4933 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1N4933 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N4933 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.2
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
175
0
20
40
60
80
100
120
140
20
10
1.0
0.1
0.01
0.7
0.9
1.1
1.3
1.4
100
10
1
0.1
1.0
10
100
T =25 C
Pulse Width=300us
1% Duty Cycle
j
o
FIG.1-TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.3-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE
AMBIENT TEMPERATURE,( C)
o
INSTANTANEOUS FORWARD VOLTAGE,(V)
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
REVRESE VOLTAGE,(V)
FIG.6-TEST CIRCUIT DIAGRAM AND
REVERSE RECOVERY TIME CHARACTERISTIC
100
10
1.0
0.1
0.01
T =100 C
j
o
T =25 C
j
o
SET TIME BASE FOR
50/100ns/cm
Trr
IRM(REC)
1.0
0
d /d =50A/us
f
t
I(t)
A-TEKRONNIX 545A.K.PLUG IN
PRE AMP P6000 PROBE OR EQUIVALENT
RI-ADJUSTED FOR 1.4 BETEEN
POINT 2 OF RELAY AND RECTIFIER
INDUCTIVE = 3.8uH
R2-TEN-1W 10 CARBON CORE
IN PARALLEL
TA=25
FOR RECTIFIER
+10 C
-0
o
1
2
3
4
5
6
7
8
1.0Adc RROM
CONSTANT
VOLTAGE SUPPLY
RIPPLE=3mVrms MAX
+
-
Zout 1- MAX
DC to 2kHz
2
1
R2
1
10W
NON-
INDUCTIVE
30
50W
NON-INDUCTIVE
UNIT
UNDER TEST
3.8uH/1.4
1.AMP
SLO-BLO
FUSE
C1
1.0uF
300V
30 Vdc
CONSTANT VOLTAGE
SUPPLY
C.P. CLARE
HPG 1002
115 Va
10K
60Hz
2W
1
2
4
6 8 10
20
40
60 80100
8.3ms Single Half Sine-Wave
(JEDEC Method) T =T max
j
j
NUMBER OF CYCLES AT 60 Hz
1 Cycle
30
20
10
0
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375 (9.5mm) Lead Length
-
+
MINIMIZE ALL LEAD LENGTHS
C1
1.0uF
300V
T =25 C
f=1MHz
V =50mVp-p
j
o
sig
IFM
1N4933-1N4937
Fast Recovery Rectifier
http://www.luguang.cn
mail:lge@luguang.cn


Número de pieza similar - 1N4933

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DIOTEC Electronics Corp...
1N4933 DEC-1N4933 Datasheet
383Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
First Silicon Co., Ltd
1N4933 FS-1N4933 Datasheet
517Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Motorola, Inc
1N4933 MOTOROLA-1N4933 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
Digitron Semiconductors
1N4933 DIGITRON-1N4933 Datasheet
92Kb / 2P
   AXIAL-LEAD FAST RECOVERY RECTIFIERS
logo
Jinan Jingheng (Group) ...
1N4933 JINANJINGHENG-1N4933 Datasheet
75Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Descripción similar - 1N4933

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com