Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

A4407 Datasheet(PDF) 23 Page - Allegro MicroSystems

No. de pieza A4407
Descripción Electrónicos  The A4407 is an automotive power management IC that uses a 2.2 MHz constant on-time (COT) buck pre-regulator to supply a 5 V linear regulator, a 5 V tracking/protected linear regulator,
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALLEGRO [Allegro MicroSystems]
Página de inicio  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4407 Datasheet(HTML) 23 Page - Allegro MicroSystems

Back Button A4407 Datasheet HTML 19Page - Allegro MicroSystems A4407 Datasheet HTML 20Page - Allegro MicroSystems A4407 Datasheet HTML 21Page - Allegro MicroSystems A4407 Datasheet HTML 22Page - Allegro MicroSystems A4407 Datasheet HTML 23Page - Allegro MicroSystems A4407 Datasheet HTML 24Page - Allegro MicroSystems A4407 Datasheet HTML 25Page - Allegro MicroSystems A4407 Datasheet HTML 26Page - Allegro MicroSystems A4407 Datasheet HTML 27Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
2.2 MHz Constant On-Time Buck Regulator
With Two External and Two Internal Linear Regulators
A4407
23
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Figure 14 shows recommended values of RDROP2 versus
MOSFET thermal resistance at various 1.5 V regulator maximum
current settings, I1V2LIM. This graph assumes a PCB temperature
of 135°C, a maximum MOSFET junction temperature of 175°C,
and 3.37 V from the upstream (3.3 V) linear regulator. This graph
takes into account the voltage drop across the 1.5 V current limit
resistor, RCL2.
After a value of RDROP2 is determined the designer should calcu-
late its maximum power dissipation (I2 × R) and select an appro-
priate component, allowing adequate design margin. Assuming
the RDROP2 value was chosen from figure 14, then figure 15
shows the power dissipated by RDROP2 versus the MOSFET ther-
mal resistance at various 1.5 V regulator current settings.
The exact value of RDROP2 is not critical, so a component with
1% or 5% tolerance could be used.
2.0
1.8
1.5
1.3
1.0
0.8
0.5
0.3
0
30
35
40
45
80
85
90
95 100
65
60
70
75
55
50
MOSFET Thermal Resistance (°C/W)
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
MOSFET Thermal Resistance (°C/W)
30
35
40
45
80
85
90
95 100
65
60
70
75
55
50
450
mA
375
mA
Figure 14. RDROP2 value versus 1.5 V MOSFET thermal resistance
at various 1.5 V regulator maximum current settings
Figure 15. RDROP2 power dissipation versus 1.5 V MOSFET thermal
resistance at various 1.5 V regulator maximum current settings


Número de pieza similar - A4407

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
A440 LITTELFUSE-A440 Datasheet
204Kb / 2P
   GAS DISCHARGE TUBE - 8x10mm
logo
Allegro MicroSystems
A4401 ALLEGRO-A4401 Datasheet
417Kb / 17P
   This device provides all the necessary control functions to provide the power rails for driving a vacuum fluorescent display (VFD) using minimal external components.
A4401KL-T ALLEGRO-A4401KL-T Datasheet
416Kb / 17P
   Automotive Quasi-Resonant Flyback Control IC
A4402 ALLEGRO-A4402 Datasheet
378Kb / 15P
   Constant On-Time Buck Converter with Integrated Linear Regulator
A4402 ALLEGRO-A4402 Datasheet
378Kb / 15P
   Constant On-Time Buck Converter with Integrated Linear Regulator
More results

Descripción similar - A4407

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
A4406 ALLEGRO-A4406 Datasheet
1Mb / 27P
   The A4406 is an automotive power management IC that uses a high frequency constant on-time 5.45 V pre-regulator to supply an internal 5 V linear regulator and a 3.3 V linear DMOS driver.
A4405 ALLEGRO-A4405 Datasheet
1Mb / 27P
   The A4405 is an automotive power management IC that uses a high frequency constant on-time 5.45 V pre-regulator to supply two internal 5 V linear regulators and a 3.3 V linear DMOS driver.
logo
Vishay Siliconix
SIP12107 VISHAY-SIP12107 Datasheet
715Kb / 19P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
Rev. B, 20-Feb-12
SIP12107 VISHAY-SIP12107_V01 Datasheet
911Kb / 20P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
01-Jan-2022
logo
ON Semiconductor
FAN53730 ONSEMI-FAN53730 Datasheet
1Mb / 31P
   Buck Regulator 3A, Constant On Time (COT)
June, 2023 - Rev. 0
logo
Allegro MicroSystems
A4402 ALLEGRO-A4402_12 Datasheet
328Kb / 17P
   The A4402 is a dual-output regulator, combining in a single package a constant on-time buck regulator and a linear regulator (LDO)?봢ach with adjustable output voltages.
A4402KLPTR-T ALLEGRO-A4402KLPTR-T Datasheet
326Kb / 17P
   Constant On-Time Buck Converter With Integrated Linear Regulator
A6210 ALLEGRO-A6210_11 Datasheet
457Kb / 12P
   The A6210 is a buck regulator that uses valley current-mode control.
A4402 ALLEGRO-A4402 Datasheet
378Kb / 15P
   Constant On-Time Buck Converter with Integrated Linear Regulator
A4402 ALLEGRO-A4402_1 Datasheet
378Kb / 15P
   Constant On-Time Buck Converter with Integrated Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com