Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD17522Q5A Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza CSD17522Q5A
Descripción Electrónicos  The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17522Q5A Datasheet(HTML) 3 Page - Texas Instruments

  CSD17522Q5A_11 Datasheet HTML 1Page - Texas Instruments CSD17522Q5A_11 Datasheet HTML 2Page - Texas Instruments CSD17522Q5A_11 Datasheet HTML 3Page - Texas Instruments CSD17522Q5A_11 Datasheet HTML 4Page - Texas Instruments CSD17522Q5A_11 Datasheet HTML 5Page - Texas Instruments CSD17522Q5A_11 Datasheet HTML 6Page - Texas Instruments CSD17522Q5A_11 Datasheet HTML 7Page - Texas Instruments CSD17522Q5A_11 Datasheet HTML 8Page - Texas Instruments CSD17522Q5A_11 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
GATE
Source
DRAIN
M0137-02
GATE
Source
DRAIN
M0137-01
t -PulseDuration-s
p
0.001
0.01
0.1
1
10
100
1k
0.001
0.01
0.1
1
10
G012
DutyCycle=t /t
1 2
t
1
t
2
TypicalR
=100 C/W(minCu)
T =P
Z
R
q
q
q
JA
J
JA
JA
°
´
´
P
SinglePulse
0.01
0.02
0.05
0.1
0.3
0.5
CSD17522Q5A
www.ti.com
SLPS341A
– JUNE 2011 – REVISED AUGUST 2011
Max RθJA = 51°C/W
Max RθJA = 125°C/W
when mounted on
when mounted on a
1 inch2 (6.45 cm2) of
minimum pad area of
2-oz. (0.071-mm thick)
2-oz. (0.071-mm thick)
Cu.
Cu.
TYPICAL MOSFET CHARACTERISTICS
(TA = 25°C unless otherwise stated)
Figure 2. Transient Thermal Impedance
Copyright
© 2011, Texas Instruments Incorporated
3


Número de pieza similar - CSD17522Q5A_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD17522Q5A TI1-CSD17522Q5A Datasheet
282Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET Power MOSFETs
More results

Descripción similar - CSD17522Q5A_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD17302Q5A TI1-CSD17302Q5A_10 Datasheet
521Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD17304Q3 TI1-CSD17304Q3_10 Datasheet
532Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications and optimized for 5V gate drive applications.
CSD16325Q5 TI1-CSD16325Q5_10 Datasheet
445Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications and optimized for 5V gate drive applications.
CSD17305Q5A TI1-CSD17305Q5A_10 Datasheet
510Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD16340Q3 TI1-CSD16340Q3_11 Datasheet
392Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion and optimized for 5V gate drive applications.
CSD16408Q5C TI1-CSD16408Q5C_10 Datasheet
340Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD16408Q5 TI1-CSD16408Q5_11 Datasheet
323Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18504Q5A TI1-CSD18504Q5A_12 Datasheet
745Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18503Q5A TI1-CSD18503Q5A_12 Datasheet
730Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18531Q5A TI1-CSD18531Q5A_12 Datasheet
1Mb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com