Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD18503Q5A Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza CSD18503Q5A
Descripción Electrónicos  The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18503Q5A Datasheet(HTML) 4 Page - Texas Instruments

  CSD18503Q5A_12 Datasheet HTML 1Page - Texas Instruments CSD18503Q5A_12 Datasheet HTML 2Page - Texas Instruments CSD18503Q5A_12 Datasheet HTML 3Page - Texas Instruments CSD18503Q5A_12 Datasheet HTML 4Page - Texas Instruments CSD18503Q5A_12 Datasheet HTML 5Page - Texas Instruments CSD18503Q5A_12 Datasheet HTML 6Page - Texas Instruments CSD18503Q5A_12 Datasheet HTML 7Page - Texas Instruments CSD18503Q5A_12 Datasheet HTML 8Page - Texas Instruments CSD18503Q5A_12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
−75
−25
25
75
125
175
TC - Case Temperature (ºC)
VGS = 4.5V
VGS = 10V
ID = 22A
G001
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
VSD − Source-to-Drain Voltage (V)
TC = 25°C
TC = 125°C
G001
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
−75
−25
25
75
125
175
TC - Case Temperature (ºC)
ID = 250uA
G001
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
14
16
18
20
VGS - Gate-to- Source Voltage (V)
TC = 25°C Id = 22A
TC = 125ºC Id = 22A
G001
0
2
4
6
8
10
0
5
10
15
20
25
30
Qg - Gate Charge (nC)
ID = 22A
VDS = 20V
G001
10
100
1000
10000
20000
0
4
8
12
16
20
24
28
32
36
40
VDS - Drain-to-Source Voltage (V)
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
G001
CSD18503Q5A
SLPS358B – JUNE 2012 – REVISED NOVEMBER 2012
www.ti.com
TYPICAL MOSFET CHARACTERISTICS (continued)
(TA = 25°C unless otherwise stated)
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 5. Gate Charge
Figure 6. Capacitance
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 7. Threshold Voltage vs. Temperature
Figure 8. On-State Resistance vs. Gate-to-Source Voltage
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 9. Normalized On-State Resistance vs. Temperature
Figure 10. Typical Diode Forward Voltage
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: CSD18503Q5A


Número de pieza similar - CSD18503Q5A_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD18503Q5A TI1-CSD18503Q5A_16 Datasheet
380Kb / 13P
[Old version datasheet]   40V N-Channel NexFET Power MOSFET
More results

Descripción similar - CSD18503Q5A_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD16408Q5C TI1-CSD16408Q5C_10 Datasheet
340Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD16408Q5 TI1-CSD16408Q5_11 Datasheet
323Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18504Q5A TI1-CSD18504Q5A_12 Datasheet
745Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18531Q5A TI1-CSD18531Q5A_12 Datasheet
1Mb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD16407Q5C TI1-CSD16407Q5C_10 Datasheet
345Kb / 11P
[Old version datasheet]   ID The NexFET??power MOSFET has been designed to minimize losses in power conversion applications.
CSD17302Q5A TI1-CSD17302Q5A_10 Datasheet
521Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD16340Q3 TI1-CSD16340Q3_11 Datasheet
392Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion and optimized for 5V gate drive applications.
CSD17304Q3 TI1-CSD17304Q3_10 Datasheet
532Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications and optimized for 5V gate drive applications.
CSD17305Q5A TI1-CSD17305Q5A_10 Datasheet
510Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD17522Q5A TI1-CSD17522Q5A_11 Datasheet
635Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com