Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MJ16018 Datasheet(PDF) 1 Page - Motorola, Inc

No. de pieza MJ16018
Descripción Electrónicos  POWER TRANSISTORS 10 AMPERES 800 VOLTS 125 AND 175 WATTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ16018 Datasheet(HTML) 1 Page - Motorola, Inc

  MJ16018 Datasheet HTML 1Page - Motorola, Inc MJ16018 Datasheet HTML 2Page - Motorola, Inc MJ16018 Datasheet HTML 3Page - Motorola, Inc MJ16018 Datasheet HTML 4Page - Motorola, Inc MJ16018 Datasheet HTML 5Page - Motorola, Inc MJ16018 Datasheet HTML 6Page - Motorola, Inc MJ16018 Datasheet HTML 7Page - Motorola, Inc MJ16018 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Bipolar Power Transistor Device Data
Designer's™ Data Sheet
NPN Silicon Power Transistors
1.5 kV SWITCHMODE Series
These transistors are designed for high–voltage, high–speed, power switching in
inductive circuits where fall time is critical. They are particularly suited for
line–operated switchmode applications.
Typical Applications:
Features:
• Switching Regulators
• Collector–Emitter Voltage — VCEV = 1500 Vdc
• Inverters
• Fast Turn–Off Times
• Solenoids
80 ns Inductive Fall Time — 100
_C (Typ)
• Relay Drivers
110 ns Inductive Crossover Time — 100
_C (Typ)
• Motor Controls
4.5
µs Inductive Storage Time — 100_C (Typ)
• Deflection Circuits
• 100_C Performance Specified for:
Reverse–Biased SOA with Inductive Load
Switching Times with Inductive Loads
Saturation Voltages
Leakage Currents
MAXIMUM RATINGS
Rating
Symbol
MJ16018
MJW16018
Unit
Collector–Emitter Voltage
VCEO(sus)
800
Vdc
Collector–Emitter Voltage
VCEV
1500
Vdc
Emitter–Base Voltage
VEB
6
Vdc
Collector Current — Continuous
— Peak(1)
IC
ICM
10
15
Adc
Base Current — Continuous
— Peak(1)
IB
IBM
8
12
Adc
Total Power Dissipation
@ TC = 25_C
@ TC = 100_C
Derate above TC = 25_C
PD
175
100
1
125
50
1
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to 200
– 55 to 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
1
1
_C/W
Lead Temperature for Soldering
Purposes: 1/8
″ from Case for
5 Seconds
TL
275
_C
(1) Pulse Test: Pulse Width = 5
µs, Duty Cycle v 10%.
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Preferred devices are Motorola recommended choices for future use and best overall value.
Designer’s and SWITCHMODE are trademarks of Motorola, Inc.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJ16018/D
© Motorola, Inc. 1995
POWER TRANSISTORS
10 AMPERES
800 VOLTS
125 AND 175 WATTS
MJ16018
MJW16018
*Motorola Preferred Device
*
*
CASE 1–07
TO–204AA
MJ16018
CASE 340F–03
TO–247AE
MJW16018
REV 1


Número de pieza similar - MJ16018

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MJ16018 ONSEMI-MJ16018 Datasheet
366Kb / 8P
   NPN Silicon Power Transistors
1995 REV 1
logo
Motorola, Inc
MJ16018 MOTOROLA-MJ16018 Datasheet
478Kb / 7P
   NPN SILICON POWER TRANSISTORS 1.5KV SWITCHMODE III SERIES
logo
Savantic, Inc.
MJ16018 SAVANTIC-MJ16018 Datasheet
120Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
MJ16018 ISC-MJ16018 Datasheet
130Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
MJ16018 SAVANTIC-MJ16018 Datasheet
122Kb / 3P
   Silicon NPN Power Transistors
More results

Descripción similar - MJ16018

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MJW16010A MOTOROLA-MJW16010A Datasheet
362Kb / 10P
   POWER TRANSISTORS 15 AMPERES 500 VOLTS 125 AND 175 WATTS
MJ16110 MOTOROLA-MJ16110 Datasheet
414Kb / 10P
   POWER TRANSISTORS 15 AMPERES 400 VOLTS 175 AND 135 WATTS
MJE16106 MOTOROLA-MJE16106 Datasheet
380Kb / 10P
   POWER TRANSISTORS 8 AMPERES 400 VOLTS 100 AND 125 WATTS
MJE18009 MOTOROLA-MJE18009 Datasheet
433Kb / 10P
   POWER TRANSISTORS 10 AMPERES 1000 VOLTS 50 and 150 WATTS
logo
ON Semiconductor
MJF44H11 ONSEMI-MJF44H11_06 Datasheet
115Kb / 5P
   SILICON POWER TRANSISTORS 10 AMPERES 80 VOLTS, 36 WATTS
April, 2006 ??Rev. 4
logo
Motorola, Inc
BUH50 MOTOROLA-BUH50 Datasheet
478Kb / 10P
   POWER TRANSISTOR 4 AMPERES 800 VOLTS 50 WATTS
logo
ON Semiconductor
BUH51 ONSEMI-BUH51 Datasheet
387Kb / 10P
   POWER TRANSISTOR 3 AMPERES 800 VOLTS 50 WATTS
1995
BUH50 ONSEMI-BUH50 Datasheet
478Kb / 10P
   POWER TRANSISTOR 4 AMPERES 800 VOLTS 50 WATTS
logo
Motorola, Inc
BUH51 MOTOROLA-BUH51 Datasheet
387Kb / 10P
   POWER TRANSISTOR 3 AMPERES 800 VOLTS 50 WATTS
MJE18008 MOTOROLA-MJE18008 Datasheet
421Kb / 10P
   POWER TRANSISTOR 8.0 AMPERES 1000 VOLTS 45 and 125 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com