Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMER150-24630AZ Datasheet(PDF) 1 Page - AIMTEC

No. de pieza AMER150-24630AZ
Descripción Electrónicos  up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AMER150-24630AZ Datasheet(HTML) 1 Page - AIMTEC

  AMER150-24630AZ Datasheet HTML 1Page - AIMTEC AMER150-24630AZ Datasheet HTML 2Page - AIMTEC AMER150-24630AZ Datasheet HTML 3Page - AIMTEC AMER150-24630AZ Datasheet HTML 4Page - AIMTEC AMER150-24630AZ Datasheet HTML 5Page - AIMTEC AMER150-24630AZ Datasheet HTML 6Page - AIMTEC AMER150-24630AZ Datasheet HTML 7Page - AIMTEC AMER150-24630AZ Datasheet HTML 8Page - AIMTEC AMER150-24630AZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Series AMER150-AZ
up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.T
1 of 11
North America only
FEATURES:
Models
Single output
Model
Max
Output
Power
(W)
Output
Voltage
Range
(V) 
Output
Current
(A)
Input Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Mode of Operation
Efficiency
(%)
AMER150-50300AZ
150
36-50
0-3
90-305/47-440
120-430
Constant Current
91
Constant Voltage
90
AMER150-36420AZ
150
24-36
0-4.16
90-305/47-440
120-430
Constant Current
90
Constant Voltage
88
AMER150-24630AZ
151.2
12-24
0-6.3
90-305/47-440
120-430
Constant Current
89
Constant Voltage
87
Add Suffix “-F” No dimming option
Exceeding the maximum output power will permanently damage the converter.
The dimming feature is not supported when units are used in Constant Voltage mode only, Aimtec suggests to order “-F” No dimming
option in this case.
In constant current mode output current is maximum shown, in constant voltage mode output voltage is the maximum shown.
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Inrush current <2ms
115VAC
50
A
230VAC
75
Leakage current
115VAC
0.75
mA
230VAC
1
AC current
115VAC
2.2
A
230VAC
0.7
Power Factor
115VAC
0.98
230VAC
0.94
External fuse
250V/3.5A
Start up time
500
ms
Surge voltage
2sec
440
V
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy
±3
%
Line regulation
LL-HL
±1
%
Load regulation
0-100% load
±3
%
Ripple & Noise
20MHz Bandwidth
75
mV p-p
Hold-up time (min)
45
ms
Current adjustment range
100-0
%
Tested with 0.1µF (C/C) or (M/C) and 47µF (E/C) parallel capacitors at the end.
 AC-DC Constant Current or Constant
Voltage LED Driver
 Over Voltage Protection
 Over Current Protection
 Input range 90-305VAC/47-440Hz
 Waterproof Case rated IP68
 High Efficiency up to 91%
 Power Factor Correction
 Operating temperature -40 to 80°C
 Dimming via analog/0-10V dimming
 Short Circuit Protection


Número de pieza similar - AMER150-24630AZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMER150-24630AZ AIMTEC-AMER150-24630AZ Datasheet
922Kb / 9P
   up to 6.3A | AC-DC LED driver
AMER150-24630AZ AIMTEC-AMER150-24630AZ Datasheet
640Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER150-24630AZ AIMTEC-AMER150-24630AZ Datasheet
1Mb / 10P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
More results

Descripción similar - AMER150-24630AZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMER150-CAZ AIMTEC-AMER150-CAZ_13 Datasheet
1Mb / 10P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER150-50300AZ AIMTEC-AMER150-50300AZ_17 Datasheet
1Mb / 10P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER150-AZ AIMTEC-AMER150-AZ_13 Datasheet
1Mb / 11P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER150-CAZ AIMTEC-AMER150-CAZ Datasheet
708Kb / 10P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER150-AZ AIMTEC-AMER150-AZ Datasheet
922Kb / 9P
   up to 6.3A | AC-DC LED driver
AMER90-CAZ AIMTEC-AMER90-CAZ_13 Datasheet
1Mb / 10P
   up to 3.75A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER90-CAZ AIMTEC-AMER90-CAZ Datasheet
711Kb / 10P
   up to 3.75A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_12 Datasheet
738Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com