Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMSRL-7805-NZ Datasheet(PDF) 2 Page - AIMTEC

No. de pieza AMSRL-7805-NZ
Descripción Electrónicos  Up to 7.5 Watt | DC-DC Switching Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AMSRL-7805-NZ Datasheet(HTML) 2 Page - AIMTEC

  AMSRL-7805-NZ Datasheet HTML 1Page - AIMTEC AMSRL-7805-NZ Datasheet HTML 2Page - AIMTEC AMSRL-7805-NZ Datasheet HTML 3Page - AIMTEC AMSRL-7805-NZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AMSRL-78-NZ
Up to 7.5 Watt | DC-DC Switching Regulator
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.E
2 of 4
North America only
General Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Dimensions (L x W x H)
0.60 x 0.47 x 0.29 Inches
15.24 x 11.82 x 7.25 mm
MTBF
> 2 000 000 hrs (MIL-HDBK-217F, Ground Benign, t=+25 oC)
Maximum Soldering Temperature
1.5mm from case for 10 sec
300
oC
Turn on Transient process time
50
us
Off idle current
30
uA
Pin Out Specifications
Pin
Single
1
+V input
5
+V output
6
V adj
7
Ground
9
Ground
10
ON/OFF
Dimensions
Derating
-
40
- 20
0
20
40
60
80
100
100
80
60
40
20
0
Free Air Convection
71
Safe Operating Area
85
ºC
Ambient Temperature º C
A
0.25
(0.01)
1.13
(0.44)
0.25
(0.01)
5.00º angle
A
15.24
(0.60)
11.82
(0.47)
7.00
(0.28)
Top View
Front View
Side View
7.25
(0.29)
1
6
10
1.00
(0.04)
2.54
(0.10)
5
9
7
8.50
(0.34)
2.54
(0.10)
1.80
(0.07)
7.25
(0.29)


Número de pieza similar - AMSRL-7805-NZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMSRL-7805-NZ AIMTEC-AMSRL-7805-NZ Datasheet
252Kb / 3P
   Up to 7.5 Watt | DC-DC Converter
AMSRL-7805-NZ AIMTEC-AMSRL-7805-NZ Datasheet
304Kb / 4P
   Up to 7.5 Watt | DC-DC Converter
AMSRL-7805-NZ AIMTEC-AMSRL-7805-NZ Datasheet
358Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
More results

Descripción similar - AMSRL-7805-NZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ_16 Datasheet
358Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSRW-78Z AIMTEC-AMSRW-78Z_16 Datasheet
321Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ_13 Datasheet
325Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSRW-78Z AIMTEC-AMSRW-78Z_13 Datasheet
313Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSRW-78Z AIMTEC-AMSRW-78Z_12 Datasheet
179Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSRL-78-JZ AIMTEC-AMSRL-78-JZ Datasheet
545Kb / 7P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ_1 Datasheet
304Kb / 4P
   Up to 7.5 Watt | DC-DC Converter
AMSRW-78Z AIMTEC-AMSRW-78Z Datasheet
294Kb / 3P
   Up to 7.5 Watt | DC-DC Converter
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ Datasheet
252Kb / 3P
   Up to 7.5 Watt | DC-DC Converter
AMSRW-78-NZ AIMTEC-AMSRW-78-NZ_16 Datasheet
141Kb / 3P
   Up to 12 Watt | DC-DC Switching Regulator
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com