Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD73311ARS Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD73311ARS
Descripción Electrónicos  Low Cost, Low Power CMOS General Purpose Analog Front End
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD73311ARS Datasheet(HTML) 11 Page - Analog Devices

Back Button AD73311ARS Datasheet HTML 7Page - Analog Devices AD73311ARS Datasheet HTML 8Page - Analog Devices AD73311ARS Datasheet HTML 9Page - Analog Devices AD73311ARS Datasheet HTML 10Page - Analog Devices AD73311ARS Datasheet HTML 11Page - Analog Devices AD73311ARS Datasheet HTML 12Page - Analog Devices AD73311ARS Datasheet HTML 13Page - Analog Devices AD73311ARS Datasheet HTML 14Page - Analog Devices AD73311ARS Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
AD73311
–11–
REV. B
TERMINOLOGY
Absolute Gain
Absolute gain is a measure of converter gain for a known signal.
Absolute gain is measured (differentially) with a 1 kHz sine
wave at 0 dBm0 for the DAC and with a 1 kHz sine wave at
0 dBm0 for the ADC. The absolute gain specification is used for
gain tracking error specification.
Crosstalk
Crosstalk is due to coupling of signals from a given channel
to an adjacent channel. It is defined as the ratio of the amplitude
of the coupled signal to the amplitude of the input signal.
Crosstalk is expressed in dB.
Gain Tracking Error
Gain tracking error measures changes in converter output for
different signal levels relative to an absolute signal level. The
absolute signal level is 0 dBm0 (equal to absolute gain) at 1 kHz
for the DAC and 0 dBm0 (equal to absolute gain) at 1 kHz for
the ADC. Gain tracking error at 0 dBm0 (ADC) and 0 dBm0
(DAC) is 0 dB by definition.
Group Delay
Group Delay is defined as the derivative of radian phase with
respect to radian frequency, dø(f)/df. Group delay is a measure
of average delay of a system as a function of frequency. A linear
system with a constant group delay has a linear phase response.
The deviation of group delay from a constant indicates the
degree of nonlinear phase response of the system.
Idle Channel Noise
Idle channel noise is defined as the total signal energy measured
at the output of the device when the input is grounded (mea-
sured in the frequency range 300 Hz–3400 Hz).
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa and
fb, any active device with nonlinearities will create distortion
products at sum and difference frequencies of mfa
± nfb where
m, n = 0, 1, 2, 3, etc. Intermodulation terms are those for which
neither m nor n are equal to zero. For final testing, the second
order terms include (fa + fb) and (fa – fb), while the third order
terms include (2fa + fb), (2fa – fb), (fa + 2fb) and (fa – 2fb).
Power Supply Rejection
Power supply rejection measures the susceptibility of a device to
noise on the power supply. Power supply rejection is measured
by modulating the power supply with a sine wave and measuring
the noise at the output (relative to 0 dB).
Sample Rate
The sample rate is the rate at which the ADC updates its output
register and the DAC updates its output from its input register.
It is fixed relative to the DMCLK (= DMCLK/256) and there-
fore may only be changed by changing the DMCLK.
SNR+THD
Signal-to-noise ratio plus harmonic distortion is defined to be
the ratio of the rms value of the measured input signal to the
rms sum of all other spectral components in the frequency range
300 Hz–3400 Hz, including harmonics but excluding dc.
ABBREVIATIONS
ADC
Analog-to-Digital Converter.
ALB
Analog Loop-Back.
BW
Bandwidth.
CRx
A Control Register where x is a placeholder for an
alphabetic character (A–E). There are five read/
write control registers on the AD73311—desig-
nated CRA through CRE.
CRx:n
A bit position, where n is a placeholder for a nu-
meric character (0–7), within a control register;
where x is a placeholder for an alphabetic charac-
ter (A–E). Position 7 represents the MSB and
Position 0 represents the LSB.
DAC
Digital-to-Analog Converter.
DLB
Digital Loop-Back.
DMCLK
Device (Internal) Master Clock. This is the inter-
nal master clock resulting from the external master
clock (MCLK) being divided by the on-chip mas-
ter clock divider.
FSLB
Frame Sync Loop Back—where the SDOFS of
the final device in a cascade is connected to the
RFS and TFS of the DSP and the SDIFS of
first device in the cascade. Data input and out-
put occur simultaneously. In the case of Non-
FSLB, SDOFS and SDO are connected to the
Rx Port of the DSP while SDIFS and SDI are
connected to the Tx Port.
PGA
Programmable Gain Amplifier.
SC
Switched Capacitor.
SNR
Signal-to-Noise Ratio.
SPORT
Serial Port.
THD
Total Harmonic Distortion.
VBW
Voice Bandwidth.


Número de pieza similar - AD73311ARS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD73311ARS AD-AD73311ARS Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311ARSZ AD-AD73311ARSZ Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results

Descripción similar - AD73311ARS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311 AD-AD73311_15 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311L AD-AD73311L_15 Datasheet
381Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311ARSZ AD-AD73311ARSZ Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36