Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCP060T-70 Datasheet(PDF) 2 Page - BeRex Corporation

No. de pieza BCP060T-70
Descripción Electrónicos  HIGH EFFICIENCY HETEROJUNCTION POWER FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BEREX [BeRex Corporation]
Página de inicio  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP060T-70 Datasheet(HTML) 2 Page - BeRex Corporation

  BCP060T-70 Datasheet HTML 1Page - BeRex Corporation BCP060T-70 Datasheet HTML 2Page - BeRex Corporation BCP060T-70 Datasheet HTML 3Page - BeRex Corporation BCP060T-70 Datasheet HTML 4Page - BeRex Corporation BCP060T-70 Datasheet HTML 5Page - BeRex Corporation BCP060T-70 Datasheet HTML 6Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.berex.com
BeRex, Inc. 1735 North 1
st Street #302 San Jose, CA 95112 tel. (408) 452-5595
September 2012
Specifications are subject to change without notice. ©BeRex 2012
Rev. A
BCP060T-70
ELECTRICAL CHARACTERISTIC (TUNED FOR GAIN) Ta = 25° C
SYMBOLS
PARAMETER/TEST CONDITIONS
TEST
FREQUENCY
MIN.
TYPICAL
MAX.
UNIT
P1dB
Output Power @ P1dB (Vds = 8V, Ids = 50% Idss)
12 GHz
18 GHz
23.5
24.0
24.5
25.0
dBm
G1dB
Gain @ P1dB (Vds = 8V, Ids = 50% Idss)
12 GHz
18 GHz
9.5
4.0
11
6.5
dB
PAE
PAE @ P1dB (Vds = 8V, Ids = 50% Idss)
12 GHz
18 GHz
50
45
%
Idss
Saturated Drain Current (Vgs = 0V, Vds = 1.0V)
120
180
240
mA
Gm
Transconductance (Vds = 3V, Vgs = 50% Idss)
240
mS
Vp
Pinch-off Voltage (Ids = 0.2 mA, Vds = 2V)
-2.5
-1.1
-0.5
V
BVgd
Drain Breakdown Voltage (Ig = 0.2mA, source open)
-15
V
BVgs
Source Breakdown Voltage (Ig = 0.2mA, drain open)
-13
V
Rth
Thermal Resistance
175
° C/W
MAXIMUM RATING (Ta = 25° C)
SYMBOLS
PARAMETERS
ABSOLUTE
CONTINUOUS
Vds
Vgs
Ids
Igsf
Pin
Tch
Tstg
Pt
Drain-Source Voltage
Gate-Source Voltage
Drain Current
Forward Gate Current
Input Power
Channel Temperature
Storage Temperature
Total Power Dissipation
12 V
-6 V
Idss
30 mA
25 dBm
175° C
-60° C - 150° C
770 mW
8 V
-3 V
Idss
10 mA
@ 3dB compression
150° C
-60° C - 150° C
640 mW
Exceeding any of the above Maximum Ratings will result in reduced MTTF and may cause permanent damage to the device.


Número de pieza similar - BCP060T-70

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BeRex Corporation
BCP060T-70 BEREX-BCP060T-70 Datasheet
715Kb / 8P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET
BCP060T-70 BEREX-BCP060T-70_15 Datasheet
715Kb / 8P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET
More results

Descripción similar - BCP060T-70

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
EPA040A-70 ETC1-EPA040A-70 Datasheet
23Kb / 2P
   High Efficiency Heterojunction Power FET
logo
Excelics Semiconductor,...
EPA030C-70 EXCELICS-EPA030C-70 Datasheet
86Kb / 1P
   High Efficiency Heterojunction Power FET
EPA030C EXCELICS-EPA030C Datasheet
99Kb / 2P
   High Efficiency Heterojunction Power FET
EPA240B-100P EXCELICS-EPA240B-100P Datasheet
44Kb / 1P
   High Efficiency Heterojunction Power FET
EPA240D-CP083 EXCELICS-EPA240D-CP083 Datasheet
40Kb / 1P
   High Efficiency Heterojunction Power FET
EPA025A EXCELICS-EPA025A Datasheet
48Kb / 3P
   High Efficiency Heterojunction Power FET
EPA080A-70 EXCELICS-EPA080A-70 Datasheet
23Kb / 2P
   High Efficiency Heterojunction Power FET
EPA120E EXCELICS-EPA120E Datasheet
58Kb / 2P
   High Efficiency Heterojunction Power FET
EPA480C EXCELICS-EPA480C Datasheet
28Kb / 2P
   High Efficiency Heterojunction Power FET
logo
List of Unclassifed Man...
EPA018BV ETC-EPA018BV Datasheet
47Kb / 2P
   High Efficiency Heterojunction Power FET
EPA018A-70 ETC-EPA018A-70 Datasheet
24Kb / 2P
   High Efficiency Heterojunction Power FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com