Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7390AR Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD7390AR
Descripción Electrónicos  3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7390AR Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7390AR Datasheet HTML 4Page - Analog Devices AD7390AR Datasheet HTML 5Page - Analog Devices AD7390AR Datasheet HTML 6Page - Analog Devices AD7390AR Datasheet HTML 7Page - Analog Devices AD7390AR Datasheet HTML 8Page - Analog Devices AD7390AR Datasheet HTML 9Page - Analog Devices AD7390AR Datasheet HTML 10Page - Analog Devices AD7390AR Datasheet HTML 11Page - Analog Devices AD7390AR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD7390/AD7391
REV. 0
–11–
MICROCOMPUTER INTERFACES
The AD7390 serial data input provides an easy interface to a va-
riety of single-chip microcomputers (
µCs). Many µCs have a
built-in serial data capability which can be used for communi-
cating with the DAC. In cases where no serial port is provided,
or it is being used for some other purpose (such as an RS-232
communications interface), the AD7390/AD7391 can easily be
addressed in software.
Twelve data bits are required to load a value into the AD7390.
If more than 12 bits are transmitted before the load LD input
goes high, the extra (i.e., the most-significant) bits are ignored.
This feature is valuable because most
µCs only transmit data in
8-bit increments. Thus, the
µC sends 16 bits to the DAC in-
stead of 12 bits. The AD7390 will only respond to the last
12 bits clocked into the SDI input, however, so the serial-data
interface is not affected.
Ten data bits are required to load a value into the AD7391. If
more than 10 bits are transmitted before load LD returns high,
the extra bits are ignored.


Número de pieza similar - AD7390AR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7390AR AD-AD7390AR Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390AR AD-AD7390AR Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390AR-REEL7 AD-AD7390AR-REEL7 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390AR-REEL7 AD-AD7390AR-REEL7 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
More results

Descripción similar - AD7390AR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7391ANZ AD-AD7391ANZ Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7392 AD-AD7392_15 Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7393 AD-AD7393_15 Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7392AR-REEL AD-AD7392AR-REEL Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7398BRZ-REEL7 AD-AD7398BRZ-REEL7 Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7398 AD-AD7398_15 Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7399 AD-AD7399_15 Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com