Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

K10103TD Datasheet(PDF) 5 Page - COSMO Electronics Corporation

No. de pieza K10103TD
Descripción Electrónicos  High Reliability Photocoupler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COSMO [COSMO Electronics Corporation]
Página de inicio  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K10103TD Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  K10103TD Datasheet HTML 1Page - COSMO  Electronics Corporation K10103TD Datasheet HTML 2Page - COSMO  Electronics Corporation K10103TD Datasheet HTML 3Page - COSMO  Electronics Corporation K10103TD Datasheet HTML 4Page - COSMO  Electronics Corporation K10103TD Datasheet HTML 5Page - COSMO  Electronics Corporation K10103TD Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRODUCT SPECIFICATION
DATE:01/10/2013
NO.62P00056
cosmo
ELECTRONICS CORPORATION
Photocoupler:
K1010 3T
SHEET 5 OF 6
REV.
2
Fig.6
Collector Current vs.
Collector-Emitter Voltage
Fig.7
Relative Current Transfer Ratio
vs. Ambient Temperature
0
01
234
6
57
9
8
Ta=25°C
1
2
3
4
5
6
0.1mA
0.5mA
1mA
5mA
IF=10mA
-5 5
0
0
50
25
5 0
11 5
75
IF = 1 m A
VC E= 5 V
15 0
10 0
Collector-Emitter Voltage VCE (V)
Ambient Temperature Ta ()
Fig.8
Collector-Emitter Saturation Voltage
vs. Ambient Temperature
Fig.9
Collector-Emitter Saturation
Voltage vs. Forward Current
0
050
25
75
115
Ic=1m A
0.02
0.04
0.06
0.10
0.08
0.12
0.16
0.14
IF=20m A
-55
5
0
10
C
Ta= 2 5°
Ic= 7m A
Ic= 5m A
Ic= 3m A
Ic= 1m A
Ic= 0.5m A
0
1
3
2
5
4
6
7
Ambient Temperature Ta ()
Forward Current IF (mA)
Fig.10
Response Time vs.
Load Resistance
Fig.11
Response Time vs.
Load Resistance
10
1
0.1
tr
0.5
0.2
0.1
1
2
5
10
20
10 0
50
Ic = 2 m A
V c e= 2V
C
T a = 25°
10
0.1
1
0.1
0.2
1
0.5
5
2
20
10
Ic = 2 m A
V c e=2V
10 0
50
C
tf
Ta = 2 5 °
Load Resistance RL (KΩ)
Load Resistance RL (KΩ)


Número de pieza similar - K10103TD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
COSMO Electronics Corp...
K10103T COSMO-K10103T Datasheet
945Kb / 11P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
K10103TATLD COSMO-K10103TATLD Datasheet
223Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K10103TATRU COSMO-K10103TATRU Datasheet
223Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K10103TETLD COSMO-K10103TETLD Datasheet
223Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K10103TETRU COSMO-K10103TETRU Datasheet
223Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
More results

Descripción similar - K10103TD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
COSMO Electronics Corp...
KTLP160J COSMO-KTLP160J Datasheet
359Kb / 2P
   HIGH RELIABILITY PHOTOCOUPLER
KMOC3041 COSMO-KMOC3041 Datasheet
376Kb / 2P
   High Reliability photocoupler
logo
List of Unclassifed Man...
P4010 ETC1-P4010 Datasheet
152Kb / 5P
   HIGH RELIABILITY PHOTOCOUPLER
logo
COSMO Electronics Corp...
KTLP166J COSMO-KTLP166J Datasheet
385Kb / 2P
   High Reliability Photocoupler
KPC815 COSMO-KPC815 Datasheet
371Kb / 2P
   High Reliability Photocoupler
KPC825 COSMO-KPC825 Datasheet
372Kb / 2P
   High Reliability Photocoupler
KPS2832 COSMO-KPS2832 Datasheet
234Kb / 2P
   High Reliability Photocoupler
KPC815S COSMO-KPC815S Datasheet
139Kb / 6P
   High Reliability Photocoupler
KPC4N33L COSMO-KPC4N33L Datasheet
95Kb / 6P
   High Reliability Photocoupler
K3010 COSMO-K3010_12 Datasheet
96Kb / 6P
   High Reliability Photocoupler
KP2210L COSMO-KP2210L Datasheet
121Kb / 6P
   High Reliability Photocoupler
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com