Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7416ARM-REEL7 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD7416ARM-REEL7
Descripción Electrónicos  10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7416ARM-REEL7 Datasheet(HTML) 4 Page - Analog Devices

  AD7416ARM-REEL7 Datasheet HTML 1Page - Analog Devices AD7416ARM-REEL7 Datasheet HTML 2Page - Analog Devices AD7416ARM-REEL7 Datasheet HTML 3Page - Analog Devices AD7416ARM-REEL7 Datasheet HTML 4Page - Analog Devices AD7416ARM-REEL7 Datasheet HTML 5Page - Analog Devices AD7416ARM-REEL7 Datasheet HTML 6Page - Analog Devices AD7416ARM-REEL7 Datasheet HTML 7Page - Analog Devices AD7416ARM-REEL7 Datasheet HTML 8Page - Analog Devices AD7416ARM-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. G
–4–
AD7416/AD7417/AD7418
AD7417 PIN FUNCTION DESCRIPTION
Pin No.
Mnemonic
Description
1, 16
NC
No Connection. Do not connect anything to this pin.
2
SDA
Digital I/O. Serial bus bidirectional data. Push-pull output.
3
SCL
Digital Input. Serial bus clock.
4
OTI
This is a logic output. The overtemperature indicator (OTI) is set if the result of a conversion on
Channel 0 (temperature sensor) is greater than an 8-bit word in the overtemperature register (OTR).
The signal is reset at the end of a serial read operation. Open-drain output.
5
REFIN
Reference Input. An external 2.5 V reference can be connected to the AD7417 at this pin. To enable the
on-chip reference, the REFIN pin should be tied to GND. If an external reference is connected to the
AD7417, the internal reference will shut down.
6GND
Ground reference for track-and-hold, comparator and capacitor DAC, and digital circuitry.
7–10
AIN1 to AIN4
Analog Input Channels. The AD7417 has four analog input channels. The input channels are single-ended
with respect to GND. The input channels can convert voltage signals in the range 0 V to VREF. A chan-
nel is selected by writing to the configuration register of the AD7417. (See Control Byte section.)
11
A2
Digital Input. The highest programmable bit of the serial bus address.
12
A1
Digital Input. The middle programmable bit of the serial bus address.
13
A0
Digital Input. The lowest programmable bit of the serial bus address.
14
VDD
Positive Supply Voltage, 2.7 V to 5.5 V.
15
CONVST
Logic Input Signal. Convert start signal. The rising edge of this signal fully powers up the part. The
power-up time for the part is 4
µs. If the CONVST pulse is greater than 4 µs, the falling edge of CONVST
places the track-and-hold mode into hold mode and initiates a conversion. If the pulse is less than 4
µs,
an internal timer ensures that the track-and-hold does not go into hold and conversion is not initiated
until the power-up time has elapsed. The track-and-hold goes into track mode again at the end of con-
version. (See Operating Mode section.)
AD7417 PIN CONFIGURATION
SOIC/TSSOP
TOP VIEW
(Not to Scale)
NC = NO CONNECT
NC
SDA
SCL
OTI
REFIN
GND
AIN1
AIN2
NC
CONVST
VDD
A0
A1
A2
AIN4
AIN3
AD7417
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9


Número de pieza similar - AD7416ARM-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7416ARM-REEL7 AD-AD7416ARM-REEL7 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
Rev. I
More results

Descripción similar - AD7416ARM-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7416 AD-AD7416_10 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
Rev. I
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
ADT7411 AD-ADT7411_06 Datasheet
1Mb / 36P
   SPI짰-/I2C짰-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. B
ADT7411 AD-ADT7411_15 Datasheet
1Mb / 36P
   SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Rev. B
logo
Texas Instruments
AMC7891 TI1-AMC7891 Datasheet
934Kb / 41P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7891 TI1-AMC7891_14 Datasheet
1Mb / 42P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
logo
Analog Devices
AD7417 AD-AD7417_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
logo
Texas Instruments
AMC7891 TI-AMC7891_15 Datasheet
1Mb / 41P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
logo
Analog Devices
AD7814 AD-AD7814_17 Datasheet
151Kb / 9P
   10-Bit Digital Temperature Sensor
AD7416 AD-AD7416_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com