Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD7545AUQ Datasheet(PDF) 6 Page - Analog Devices |
|
AD7545AUQ Datasheet(HTML) 6 Page - Analog Devices |
6 / 8 page AD7545A –6– REV. C Invalid Data: When WR and CS are both low, the latches are transparent and the D/A converter inputs follow the data inputs. In some bus systems, data on the data bus is not always valid for the whole period during which WR is low, and as a result invalid data can briefly occur at the D/A converter inputs during a write cycle. Such invalid data can cause unwanted signals or glitches at the output of the D/A converter. The solution to this prob- lem, if it occurs, is to retime the write pulse, WR, so it only occurs when data is valid. Digital Glitches: Digital glitches result due to capacitive cou- pling from the digital lines to the OUT1 and AGND terminals. This should be minimized by screening the analog pins of the AD7545A (Pins 1, 2, 19, 20) from the digital pins by a ground track run between Pins 2 and 3 and between Pins 18 and 19 of the AD7545A. Note how the analog pins are at one end (DIP) or side (LCC and PLCC) of the package and separated from the digital pins by VDD and DGND to aid screening at the board level. On-chip capacitive coupling can also give rise to crosstalk from the digital- to-analog sections of the AD7545A, particularly in circuits with high currents and fast rise and fall times. This type of crosstalk is minimized by using VDD = +5 volts. However, great care should be taken to ensure that the +5 V used to power the AD7545A is free from digitally induced noise. Temperature Coefficients: The gain temperature coefficient of the AD7545A has a maximum value of 5 ppm/ °C and a typi- cal value of 2 ppm/ °C. This corresponds to worst case gain shifts of 2 LSBs and 0.8 LSBs respectively over a 100 °C temperature range. When trim resistors R1 and R2 (such as in Figure 4) are used to adjust full-scale range, the temperature coefficient of R1 and R2 should also be taken into account. The reader is referred to Analog Devices Application Note “Gain Error and Gain Temperature Coefficient to CMOS Multiplying DACs,” Publi- cation Number E630c–5–3/86. SINGLE SUPPLY OPERATION The ladder termination resistor of the AD7545A (Figure 1) is connected to AGND. This arrangement is particularly suitable for single supply operation because OUT1 and AGND may be biased at any voltage between DGND and VDD. OUT1 and AGND should never go more than 0.3 volts less than DGND or an internal diode will be turned on and a heavy current may flow that will damage the device. (The AD7545A is, however, protected from the SCR latchup phenomenon prevalent in many CMOS devices.) Figure 7 shows the AD7545A connected in a voltage switching mode. OUT1 is connected to the reference voltage and AGND is connected to DGND. The D/A converter output voltage is available at the VREF pin and has a constant output impedance equal to R. RFB is not used in this circuit and should be tied to OUT1 to minimize stray capacitance effects. Figure 7. Single Supply Operation Using Voltage Switch- ing Mode The loading on the reference voltage source is code-dependent and the response time of the circuit is often determined by the behavior of the reference voltage with changing load conditions. To maintain linearity, the voltages at OUT1 and AGND should remain within 2.5 volts of each other, for a VDD of 15 volts. If VDD is reduced from 15 V, or the differential voltage between OUT1 and AGND is increased to more than 2.5 V, the differ- ential nonlinearity of the DAC will increase and the linearity of the DAC will be degraded. Figures 8 and 9 show typical curves illustrating this effect for various values of reference voltage and VDD. If the output voltage is required to be offset from ground by some value, then OUT1 and AGND may be biased up. The effect on linearity and differential nonlinearity will be the same as reducing VDD by the amount of the offset. Figure 8. Differential Nonlinearity vs. VDD for Figure 7 Circuit. Reference Voltage = 2.5 Volts. Shaded Area Shows Range of Values of Differential Nonlinearity that Typically Occur for all Grades. Figure 9. Differential Nonlinearity vs. Reference Voltage for Figure 7 Circuit. VDD = 15 Volts. Shaded Area Shows Range of Values of Differential Nonlinearity that Typically Occur for all Grades. |
Número de pieza similar - AD7545AUQ |
|
Descripción similar - AD7545AUQ |