Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KAQV414H Datasheet(PDF) 2 Page - COSMO Electronics Corporation

No. de pieza KAQV414H
Descripción Electrónicos  PRODUCT SPECIFICATION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COSMO [COSMO Electronics Corporation]
Página de inicio  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQV414H Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KAQV414H_11 Datasheet HTML 1Page - COSMO  Electronics Corporation KAQV414H_11 Datasheet HTML 2Page - COSMO  Electronics Corporation KAQV414H_11 Datasheet HTML 3Page - COSMO  Electronics Corporation KAQV414H_11 Datasheet HTML 4Page - COSMO  Electronics Corporation KAQV414H_11 Datasheet HTML 5Page - COSMO  Electronics Corporation KAQV414H_11 Datasheet HTML 6Page - COSMO  Electronics Corporation KAQV414H_11 Datasheet HTML 7Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PRODUCT SPECIFICATION
DATE:02/22/2011
NO.60M11006
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQV414H
SHEET 2 OF 7
REV.
2
Electro-optical Characteristics
Ta=25℃)
Parameter
Symbol
Conditions
Min. Typ. Max. Unit.
Emitter(Input)
Forward Voltage
VF
IF=10mA
1.2
1.5
V
Operation Input Current
IFOFF
VL=±20V,IL≦5μA
5.0
mA
Recovery Input Current
IFON
VL=±20V,IL=100mA,t=10ms
0.2
mA
Detector(Output)
Output Breakdown Voltage
VB
IB=50μA,IF=10mA
400
V
Output Off-State Leakage
ITOFF
VT=100V,IF=10mA
0.2
2
μ
A
I/O Capacitance
CISO
IF=0,f=1MHz
6
pF
A
25
50
B
13
25
ON Resistance Connection
C
RON
IL=100mA,IF=0mA
7
12.5
Ω
Reverse ( ON ) Time
TON
0.6
1.5
ms
Operate ( OFF ) Time
TOFF
IF=10mA,VL=±20V
t=10ms,IL=±100mA
0.3
1.0
ms
Schematic and Wiring Diagrams
Schematic
Output
Configuration
Load
Connection
Wiring Diagrams
AC/DC
A
(AC,DC)
IN
V
3
F
I
2
1
4
5
6
Load
I L
L
V
Load
4
6
L
I
L
V (AC,DC)
DC
B
(DC)
(DC)
3
IN
V
2
3
I F
1
IN
V
F
I
2
1
4
5
4
6
5
6
Load
L
I
L
V
+
-
Load
I L
L
V
-
+
Load
Load
5
4
L
I
5
6
I L
+
-
V L (DC)
-
+
L
V (DC)
1
6
3
2
5
4
1b
DC
C
(DC)
3
IN
V
F
I
2
1
4
5
6
L
I
Load
L
V
-
+
Load
4
5
6
I
-
+
L
V
L
(DC)


Número de pieza similar - KAQV414H_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
COSMO Electronics Corp...
KAQV414HA COSMO-KAQV414HA Datasheet
170Kb / 7P
   PRODUCT SPECIFICATION
KAQV414HA COSMO-KAQV414HA Datasheet
489Kb / 12P
   6PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results

Descripción similar - KAQV414H_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
   PRODUCT SPECIFICATION
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
   Product Specification
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
   PRODUCT SPECIFICATION
UG-2828GDEDF11 ETC2-UG-2828GDEDF11 Datasheet
2Mb / 26P
   Product Specification
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com