Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DMPE104G2E Datasheet(Hoja de datos) 1 Page - MERITEK ELECTRONICS CORPORATION

No. de Pieza. DMPE104G2E
Descripción  Metallized Polyester Film Capacitors
Descarga  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MERITEK [MERITEK ELECTRONICS CORPORATION]
Página de inicio  http://www.meritekusa.com
Logo 

   
 1 page
background image
RV
100V(2A)
250V(2E)
400V(2G)
630V(2J)
DIM.
CAP(
μF)
W
H
T
P±1
W
H
T
P±1
W
H
T
P±1
W
H
T
P±1
0.010
13.0
9.5
6.0
10.0
0.6
13.0
9.5
6.0
10.0
0.6
13.0
9.5
6.0
10.0
0.6
13.0
9.5
6.0
10.0
0.6
0.012
13.0
10.0
6.5
10.0
0.6
13.0
10.0
6.5
10.0
0.6
13.0
10.0
6.5
10.0
0.6
13.0
10.0
6.5
10.0
0.6
0.015
13.0
10.0
6.5
10.0
0.6
13.0
10.0
6.5
10.0
0.6
13.0
10.0
6.5
10.0
0.6
13.0
10.0
6.5
10.0
0.6
0.018
13.0
10.0
6.5
10.0
0.6
13.0
10.0
6.5
10.0
0.6
13.0
10.0
6.5
10.0
0.6
13.0
12.5
7.5
10.0
0.6
0.022
13.0
10.0
6.5
10.0
0.6
13.0
10.0
6.5
10.0
0.6
13.0
10.0
6.5
10.0
0.6
13.0
12.5
7.5
10.0
0.6
0.027
13.0
10.0
6.5
10.0
0.6
13.0
10.0
6.5
10.0
0.6
13.0
10.0
6.5
10.0
0.6
13.0
12.5
7.5
10.0
0.6
0.033
13.0
10.0
6.5
10.0
0.6
13.0
10.0
6.5
10.0
0.6
13.0
10.0
6.5
10.0
0.6
13.0
12.5
8.5
10.0
0.6
0.039
13.0
11.0
7.5
10.0
0.6
13.0
11.0
7.5
10.0
0.6
13.0
11.0
7.5
10.0
0.6
18.5
12.5
7.5
15.0
0.6
0.047
13.0
11.0
7.5
10.0
0.6
13.0
11.0
7.5
10.0
0.6
13.0
11.0
7.5
10.0
0.6
18.5
12.5
7.5
15.0
0.6
0.056
13.5
10.0
7.0
10.0
0.6
13.5
10.0
7.0
10.0
0.6
18.0
11.0
6.0
15.0
0.6
19.0
14.0
8.5
15.0
0.8
0.068
13.5
10.0
7.0
10.0
0.6
13.5
10.0
7.0
10.0
0.6
18.0
11.0
6.0
15.0
0.6
19.0
14.0
8.5
15.0
0.8
0.082
13.5
10.0
6.0
10.0
0.6
13.5
10.0
6.5
10.0
0.6
18.0
12.5
7.0
15.0
0.6
19.0
15.0
9.0
15.0
0.8
0.1
13.5
10.0
6.0
10.0
0.6
13.5
10.0
6.5
10.0
0.6
18.0
12.5
7.0
15.0
0.6
19.0
15.0
9.0
15.0
0.8
0.12
13.5
10.5
6.5
10.0
0.6
13.5
10.5
6.5
10.0
0.6
18.5
13.0
7.5
15.0
0.8
24.0
15.5
9.5
20.0
0.8
0.15
13.5
10.5
6.5
10.0
0.6
13.5
10.5
6.5
10.0
0.6
18.5
13.0
7.5
15.0
0.8
24.0
15.5
9.5
20.0
0.8
0.18
13.5
10.5
6.5
10.0
0.6
18.5
11.5
7.0
15.0
0.6
18.5
13.0
8.0
15.0
0.8
24.0
18.5
10.5
20.0
0.8
0.22
13.5
10.5
6.5
10.0
0.6
18.5
11.5
7.0
15.0
0.6
18.5
13.0
8.0
15.0
0.8
24.0
18.5
10.5
20.0
0.8
0.27
13.5
11.5
8.0
10.0
0.6
18.5
13.0
8.0
15.0
0.6
24.0
16.0
9.0
20.0
0.8
24.0
21.5
13.0
20.0
0.8
0.33
13.5
11.5
8.0
10.0
0.6
18.5
13.0
8.0
15.0
0.6
24.0
16.0
9.0
20.0
0.8
24.0
21.5
13.0
20.0
0.8
0.39
18.0
11.5
6.5
15.0
0.8
18.5
14.0
8.0
15.0
0.8
24.0
18.0
10.0
20.0
0.8
30.5
21.0
11.5
27.5
0.8
0.47
18.0
11.5
6.5
15.0
0.8
18.5
14.0
8.0
15.0
0.8
24.0
18.0
10.0
20.0
0.8
30.5
21.0
11.5
27.5
0.8
0.56
18.5
12.5
7.5
15.0
0.8
24.0
14.0
9.0
20.0
0.8
30.5
17.5
10.0
27.5
0.8
35.0
23.0
13.0
31.0
0.8
0.68
18.5
12.5
7.5
15.0
0.8
24.0
14.0
9.0
20.0
0.8
30.5
17.5
10.0
27.5
0.8
35.0
23.0
13.0
31.0
0.8
0.82
18.5
15.0
8.0
15.0
0.8
24.0
17.0
9.5
20.0
0.8
31.0
21.0
11.5
27.5
0.8
35.0
28.0
16.0
31.0
0.8
1.0
18.5
15.0
8.5
15.0
0.8
24.0
17.0
9.5
20.0
0.8
31.0
21.0
11.5
27.5
0.8
35.0
28.0
16.0
31.0
0.8
1.2
24.0
16.0
9.0
20.0
0.8
24.0
19.5
10.0
20.0
0.8
31.5
24.0
14.0
27.5
0.8
1.5
24.0
16.0
9.0
20.0
0.8
24.0
19.5
10.0
20.0
0.8
31.5
24.0
14.0
27.5
0.8
1.8
24.0
17.0
9.0
20.0
0.8
30.0
19.0
10.0
27.5
0.8
35.0
24.5
15.0
31.0
0.8
2.2
24.0
17.0
9.0
20.0
0.8
30.0
19.0
10.0
27.5
0.8
35.0
24.5
15.0
31.0
0.8
2.7
24.0
19.5
11.0
20.0
0.8
30.5
22.5
12.5
27.5
0.8
35.0
30.0
18.0
31.0
0.8
3.3
24.0
19.5
11.0
20.0
0.8
30.5
22.5
12.5
27.5
0.8
35.0
30.0
18.0
31.0
0.8
3.9
31.0
22.0
12.0
27.5
0.8
34.0
23.0
13.0
31.0
0.8
41.0
31.0
19.0
36.0
0.8
4.7
31.0
22.0
12.0
27.5
0.8
34.0
23.0
13.0
31.0
0.8
41.0
31.0
19.0
36.0
0.8
6.8
31.0
25.0
15.0
27.5
0.8
10
31.0
26.0
16.0
27.5
0.8
Custom sizes and leads spacing available upon request
Custom values and tolerances available upon request
Dimensions in millimeters (mm)
MERITEK
Metallized Polyester
Film Capacitors
DMPE Series
(Radial Dipped)
FEATURES
High moisture resistance
Good solderability
Non-inductive construction
Self-healing properties
SPECIFICATIONS
1. Operating temperature:
-40
oC to +85 oC
2.
Capacitance range:
0.01
μF to 10μF
3.
Capacitance tolerance:
±2%(G), ±5%(J), ±10%(K),
±20%(M)
4.
Rated voltage:
100VDC, 250VDC, 400VDC, 630VDC
5.
Dissipation factor:
1.0% max. at 1KHz, 25
oC
6.
Insulation resistance:
>30000M
Ω (C ≤ 0.33μF)
>10000M
Ω• μF (C > 0.33μF)
PART NUMBERING SYSTEM
DMPE
684
K
2G
Meritek Series
Capacitance
CODE
103
104
105
106
( pF )
10,000
100,000
( nF )
10
100
1000
(
μF )
0.01
0.1
1
10
Tolerance
CODE
G
J
K
M
Tolerance (%)
± 2
± 5
± 10
± 20
Rated Voltage
CODE
2A
2E
2G
2J
100V
250V
400V
630V
DMPE are constructed with metallized polyester
film dielectric, tinned copper leads, and an epoxy
resin coating. Applications include blocking,
coupling and decoupling, filtering, and bypassing.
They are ideal for use in telecommunication
equipment, industrial instruments, automatic
control systems, and other electronic apparatus
.
Specifications are subject to change without notice.
rev.6a




Html Pages

1 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl