Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7755AARS Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD7755AARS
Descripción Electrónicos  Energy Metering IC with Pulse Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7755AARS Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7755AARS Datasheet HTML 7Page - Analog Devices AD7755AARS Datasheet HTML 8Page - Analog Devices AD7755AARS Datasheet HTML 9Page - Analog Devices AD7755AARS Datasheet HTML 10Page - Analog Devices AD7755AARS Datasheet HTML 11Page - Analog Devices AD7755AARS Datasheet HTML 12Page - Analog Devices AD7755AARS Datasheet HTML 13Page - Analog Devices AD7755AARS Datasheet HTML 14Page - Analog Devices AD7755AARS Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. B
AD7755
–11–
Using Equations 1 and 2, the real power P can be expressed in
terms of its fundamental real power (P1) and harmonic real
power (PH).
PP
PH
=+
1
where:
PV
I
11
1
1
1
1
1
=
cos
φ
φα
β
(3)
and
PVh
Ih
h
hh
h
H
h
=
1
cos
φ
φα
β
(4)
As can be seen from Equation 4 above, a harmonic real power
component is generated for every harmonic, provided that har-
monic is present in both the voltage and current waveforms.
The power factor calculation has previously been shown to be
accurate in the case of a pure sinusoid, therefore the harmonic
real power must also correctly account for power factor since it
is made up of a series of pure sinusoids.
Note that the input bandwidth of the analog inputs is 14 kHz
with a master clock frequency of 3.5795 MHz.
ANALOG INPUTS
Channel V1 (Current Channel )
The voltage output from the current transducer is connected to
the AD7755 here. Channel V1 is a fully differential voltage
input. V1P is the positive input with respect to V1N.
The maximum peak differential signal on Channel 1 should be
less than
±470 mV (330 mV rms for a pure sinusoidal signal) for
specified operation. Note that Channel 1 has a programmable
gain amplifier (PGA) with user selectable gain of 1, 2, 8 or 16
(see Table I). These gains facilitate easy transducer interfacing.
DIFFERENTIAL INPUT
470mV MAX PEAK
+470mV
AGND
VCM
V1
V1P
VCM
–470mV
COMMON-MODE
100mV MAX
V1N
V1
Figure 22. Maximum Signal Levels, Channel 1, Gain = 1
The diagram in Figure 22 illustrates the maximum signal levels
on V1P and V1N. The maximum differential voltage is
±470 mV
divided by the gain selection. The differential voltage signal on
the inputs must be referenced to a common mode, e.g. AGND.
The maximum common mode signal is
±100 mV as shown in
Figure 22.
Table I. Gain Selection for Channel 1
Maximum
G1
G0
Gain
Differential Signal
001
±470 mV
012
±235 mV
108
±60 mV
1116
±30 mV
Channel V2 (Voltage Channel )
The output of the line voltage transducer is connected to the
AD7755 at this analog input. Channel V2 is a fully differential
voltage input. The maximum peak differential signal on Chan-
nel 2 is
±660 mV. Figure 23 illustrates the maximum signal
levels that can be connected to the AD7755 Channel 2.
DIFFERENTIAL INPUT
660mV MAX PEAK
+660mV
AGND
VCM
V2
V2P
VCM
–660mV
COMMON-MODE
100mV MAX
V2N
V2
Figure 23. Maximum Signal Levels, Channel 2
Channel 2 must be driven from a common-mode voltage, i.e.,
the differential voltage signal on the input must be referenced to
a common mode (usually AGND). The analog inputs of the
AD7755 can be driven with common-mode voltages of up to
100 mV with respect to AGND. However best results are
achieved using a common mode equal to AGND.
Typical Connection Diagrams
Figure 24 shows a typical connection diagram for Channel V1.
A CT (current transformer) is the current transducer selected for
this example. Notice the common-mode voltage for Channel 1
is AGND and is derived by center tapping the burden resistor
to AGND. This provides the complementary analog input sig-
nals for V1P and V1N. The CT turns ratio and burden resistor
Rb are selected to give a peak differential voltage of
±470 mV/
Gain at maximum load.
V1P
AGND
470mV
GAIN
Rb
Rf
Rf
CT
NEUTRAL
PHASE
IP
V1N
Cf
Cf
Figure 24. Typical Connection for Channel 1


Número de pieza similar - AD7755AARS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7755 AD-AD7755_15 Datasheet
275Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
More results

Descripción similar - AD7755AARS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silan Microelectronics ...
SC3333 SILAN-SC3333 Datasheet
494Kb / 7P
   ENERGY METERING IC WITH PULSE OUTPUT
logo
Analog Devices
AD7755 AD-AD7755_15 Datasheet
275Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
ADE7755 AD-ADE7755_15 Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
EVAL-ADE7755ZEB AD-EVAL-ADE7755ZEB Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSZ AD-ADE7755ARSZ Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSRL AD-ADE7755ARSRL Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSZRL AD-ADE7755ARSZRL Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
logo
Silvan Chip Electronics...
SCE7755 SILVAN-SCE7755 Datasheet
680Kb / 14P
   Energy Metering IC with Pulse Output
logo
Analog Devices
ADE7752A AD-ADE7752A_15 Datasheet
401Kb / 24P
   Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752 AD-ADE7752_15 Datasheet
401Kb / 24P
   Polyphase Energy Metering IC with Pulse Output
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com