Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSR1206RTR010G Datasheet(PDF) 4 Page - MERITEK ELECTRONICS CORPORATION

No. de pieza CSR1206RTR010G
Descripción Electrónicos  Current Sensing Chip Resistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MERITEK [MERITEK ELECTRONICS CORPORATION]
Página de inicio  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CSR1206RTR010G Datasheet(HTML) 4 Page - MERITEK ELECTRONICS CORPORATION

  CSR1206RTR010G Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CSR1206RTR010G Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CSR1206RTR010G Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CSR1206RTR010G Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CSR1206RTR010G Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CSR1206RTR010G Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CSR1206RTR010G Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
 
 
 
Rev. 7
 
Current Sensing Chip Resistor
MERITEK
CSR Series
Low TCR Electrical Specifications
      Item
Type
Power Rating
at 70°C
Operating Temp.
Range
Resistance Range
(mΩ)
TCR
(PPM/°C)
±1%
±2%
±5%
CSR0805
1/8W
-55 ~ +155
C
100 - 1000
±100
CSR1206
1/4W
100 - 1000
±100
CSR1210
1/2W
75 - 1000
±100
CSR2010
3/4W
50 - 1000
±100
CSR2512
1W
20 - 1000
±100
CSR2512
2W
50 - 1000
±100
CSR3720
1W
100 - 500
±100
CSR7520
2W
50 - 350
±100
Operating Voltage=√(P*R) ; Overload Voltage=2.5*√(P*R) ; Operating Current=√(P/R)
 
Soldering Condition 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
IR Reflow Soldering
Wave Soldering (Flow Soldering)
(1)Time of IR reflow soldering at maximum temperature point 260
C:10s
(2)Time of wave soldering at maximum temperature point 260
C:10s
(3)Time of soldering iron at maximum temperature point 410
C:5s
 
 
 
 
 
 
 
 
 
 
 
 


Número de pieza similar - CSR1206RTR010G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Riedon Powertron
CSR1206 RIEDON-CSR1206 Datasheet
219Kb / 2P
   Ultra Low Ohm (Metal Strip) Chip Resistor
CSR1206 RIEDON-CSR1206 Datasheet
170Kb / 3P
   Power Current Sense Chip Resistor
CSR1206 RIEDON-CSR1206 Datasheet
185Kb / 3P
   Ultra Low Ohm (Metal Strip) Chip Resistor
CSR1206 RIEDON-CSR1206 Datasheet
170Kb / 3P
   Power Current Sense Chip Resistor
logo
List of Unclassifed Man...
CSR1206 ETC2-CSR1206 Datasheet
116Kb / 6P
   CSR/CSRN Series Thick Film Current Sensing Resistor
More results

Descripción similar - CSR1206RTR010G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KOA Speer Electronics, ...
UR732ATTDR100F KOA-UR732ATTDR100F Datasheet
306Kb / 2P
   current sensing chip resistor
logo
Riedon Powertron
CLSA0402 RIEDON-CLSA0402 Datasheet
172Kb / 2P
   Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR73D1ET KOA-UR73D1ET Datasheet
131Kb / 4P
   Current Sensing Chip Resistor
UR73 KOA-UR73 Datasheet
470Kb / 2P
   current sensing chip resistor
logo
Riedon Powertron
CLS0402 RIEDON-CLS0402 Datasheet
233Kb / 1P
   Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR731ET KOA-UR731ET Datasheet
108Kb / 2P
   current sensing chip resistor
logo
Riedon Powertron
CLS0402 RIEDON-CLS0402_13 Datasheet
168Kb / 2P
   Current Sensing Chip Resistor
logo
Ohmite Mfg. Co.
LVM OHMITE-LVM Datasheet
490Kb / 2P
   Current Sensing Metal Chip Resistor
logo
Token Electronics Indus...
TCS TOKEN-TCS Datasheet
856Kb / 10P
   Chip Current Sensing Precision Resistor
logo
Stackpole Electronics, ...
CSNL SEI-CSNL Datasheet
361Kb / 6P
   Metal Plate Current Sensing Chip Resistor
10/22/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com