Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSR1206RTR010G Datasheet(PDF) 6 Page - MERITEK ELECTRONICS CORPORATION

No. de pieza CSR1206RTR010G
Descripción Electrónicos  Current Sensing Chip Resistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MERITEK [MERITEK ELECTRONICS CORPORATION]
Página de inicio  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CSR1206RTR010G Datasheet(HTML) 6 Page - MERITEK ELECTRONICS CORPORATION

  CSR1206RTR010G Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CSR1206RTR010G Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CSR1206RTR010G Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CSR1206RTR010G Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CSR1206RTR010G Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CSR1206RTR010G Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CSR1206RTR010G Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
 
 
 
Rev. 7
 
Current Sensing Chip Resistor
MERITEK
CSR Series
Packaging 
 
 
 
 
 
 
 
 
Packaging Quantity & Reel Specifications
Unit :mm
 
Paper Tape Specifications
 
 
 
 
 
 
 
 
 
Unit: mm
 
Type
ψA
ΦB
ψC
W
T
Paper
Tape (EA)
Emboss
Plastic
Tape (EA)
CSR0201
178.0±1.0
60.0+1.0
13.5±0.7
9.5±0.1
11.5±1.0
10,000
CSR0402
178.0±1.0
60.0+1.0
13.5±0.7
9.5±0.1
11.5±1.0
10,000
-
CSR0603
178.0±1.0
60.0+1.0
13.5±0.7
9.5±0.1
11.5±1.0
5,000
-
CSR0805
178.0±1.0
60.0+1.0
13.5±0.7
9.5±0.1
11.5±1.0
5,000
-
CSR1206
178.0±1.0
60.0+1.0
13.5±0.7
9.5±0.1
11.5±1.0
5,000
-
CSR1210
178.0±1.0
60.0+1.0
13.5±0.7
9.5±0.1
11.5±1.0
5,000
CSR2010
178.0±1.0
60.0+1.0
13.5±0.7
13.5±1.0
15.5±1.0
-
4,000
CSR2512
178.0±1.0
60.0+1.0
13.5±0.7
13.5±1.0
15.5±1.0
-
4,000
CSR2512 (2W)
178.0±1.0
60.0+1.0
13.5±0.7
13.5±1.0
15.5±1.0
-
2,000
CSR1225
178.0±1.0
60.0+1.0
13.5±0.7
13.5±1.0
15.5±1.0
-
2,000
CSR3720
178.0±1.0
60.0+1.0
13.5±0.7
13.5±1.0
15.5±1.0
-
2,000
CSR7520
178.0±1.0
60.0+1.0
13.5±0.7
17.5±1.0
19.5±1.0
-
2,000
Type
A
B
W
E
F
P0
P1
P2
ΦD0
T
CSR0201
0.38±0.05
0.68±0.05
8.0±0.20
1.75±0.10
3.50±0.05
4.00±0.10
2.00±0.05
2.00±0.05
1.50+0.1,-0
0.42±0.20
CSR0402
0.65±0.10
1.15±0.10
8.0±0.20
1.75±0.10
3.50±0.05
4.00±0.10
2.00±0.05
2.00±0.05
1.50+0.1,-0
0.45±0.10
CSR0603
1.10±0.10
1.90±0.10
8.0±0.20
1.75±0.10
3.50±0.05
4.00±0.10
4.00±0.05
2.00±0.05
1.50+0.1,-0
0.70±0.10
CSR0805
1.60±0.10
2.40±0.20
8.0±0.20
1.75±0.10
3.50±0.05
4.00±0.10
4.00±0.05
2.00±0.05
1.50+0.1,-0
0.85±0.10
CSR1206
1.90±0.10
3.50±0.20
8.0±0.20
1.75±0.10
3.50±0.05
4.00±0.10
4.00±0.05
2.00±0.05
1.50+0.1,-0
0.85±0.10
CSR1210
2.90±0.10
3.50±0.20
8.0±0.20
1.75±0.10
3.50±0.05
4.00±0.10
4.00±0.05
2.00±0.05
1.50+0.1,-0
0.85±0.10
W
E
F
ψ D 0
P 1
P 2
P 0
direction o f unreeling
A
B
To p Tap e
B o tto m T ap e
Resisto r
Paper T ap e
T


Número de pieza similar - CSR1206RTR010G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Riedon Powertron
CSR1206 RIEDON-CSR1206 Datasheet
219Kb / 2P
   Ultra Low Ohm (Metal Strip) Chip Resistor
CSR1206 RIEDON-CSR1206 Datasheet
170Kb / 3P
   Power Current Sense Chip Resistor
CSR1206 RIEDON-CSR1206 Datasheet
185Kb / 3P
   Ultra Low Ohm (Metal Strip) Chip Resistor
CSR1206 RIEDON-CSR1206 Datasheet
170Kb / 3P
   Power Current Sense Chip Resistor
logo
List of Unclassifed Man...
CSR1206 ETC2-CSR1206 Datasheet
116Kb / 6P
   CSR/CSRN Series Thick Film Current Sensing Resistor
More results

Descripción similar - CSR1206RTR010G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KOA Speer Electronics, ...
UR732ATTDR100F KOA-UR732ATTDR100F Datasheet
306Kb / 2P
   current sensing chip resistor
logo
Riedon Powertron
CLSA0402 RIEDON-CLSA0402 Datasheet
172Kb / 2P
   Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR73D1ET KOA-UR73D1ET Datasheet
131Kb / 4P
   Current Sensing Chip Resistor
UR73 KOA-UR73 Datasheet
470Kb / 2P
   current sensing chip resistor
logo
Riedon Powertron
CLS0402 RIEDON-CLS0402 Datasheet
233Kb / 1P
   Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR731ET KOA-UR731ET Datasheet
108Kb / 2P
   current sensing chip resistor
logo
Riedon Powertron
CLS0402 RIEDON-CLS0402_13 Datasheet
168Kb / 2P
   Current Sensing Chip Resistor
logo
Ohmite Mfg. Co.
LVM OHMITE-LVM Datasheet
490Kb / 2P
   Current Sensing Metal Chip Resistor
logo
Token Electronics Indus...
TCS TOKEN-TCS Datasheet
856Kb / 10P
   Chip Current Sensing Precision Resistor
logo
Stackpole Electronics, ...
CSNL SEI-CSNL Datasheet
361Kb / 6P
   Metal Plate Current Sensing Chip Resistor
10/22/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com