Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7824LN Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD7824LN
Descripción Electrónicos  LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7824LN Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7824LN Datasheet HTML 7Page - Analog Devices AD7824LN Datasheet HTML 8Page - Analog Devices AD7824LN Datasheet HTML 9Page - Analog Devices AD7824LN Datasheet HTML 10Page - Analog Devices AD7824LN Datasheet HTML 11Page - Analog Devices AD7824LN Datasheet HTML 12Page - Analog Devices AD7824LN Datasheet HTML 13Page - Analog Devices AD7824LN Datasheet HTML 14Page - Analog Devices AD7824LN Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD7824/AD7828
REV. F
–11–
OUTLINE DIMENSIONS
24-Lead Plastic Dual-in-Line Package [PDIP]
(N-24)
Dimensions shown in inches and (millimeters)
24
1
12
13
1.185 (30.01)
1.165 (29.59)
1.145 (29.08)
0.295 (7.49)
0.285 (7.24)
0.275 (6.99)
0.150 (3.81)
0.135 (3.43)
0.120 (3.05)
0.015 (0.38)
0.010 (0.25)
0.008 (0.20)
0.325 (8.26)
0.310 (7.87)
0.300 (7.62)
SEATING
PLANE
0.015 (0.38) MIN
0.180
(4.57)
MAX
0.022 (0.56)
0.018 (0.46)
0.014 (0.36)
0.150 (3.81)
0.130 (3.30)
0.110 (2.79)
0.100
(2.54)
BSC
0.060 (1.52)
0.050 (1.27)
0.045 (1.14)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MO-095AG
BAND-PASS
FILTER 1
BAND-PASS
FILTER 2
BAND-PASS
FILTER 7
BAND-PASS
FILTER 8
AMP
SPEECH
INPUT
AIN1
AIN2
AIN7
AIN8
VDD
VREF (–)
VREF (+)
5V
GND
5V
CS
RD
DB7
DB0
A2
A1
A0
DATA
AD7828
Figure 19. Speech Analysis Using Real-Time Filtering
VDD
GND
5V
CS
RD
AIN1
AIN2
AIN3
AIN4
VREF (+)
VREF (–)
AD7824
INT
DB7
DB0
A1
A0
WR
DB7
DB0
A1
A0
VOUT A
AGND
DGND
VOUT B
VOUT C
VOUT D
AD7226
VSS
VDD
15V
VO1
VO2
VO3
VO4
SAMPLE
PULSE
VREF
10V
Figure 20. 4-Channel Fast Infinite Sample-and-Hold
28-Lead Plastic Dual-in-Line Package [PDIP]
(N-28)
Dimensions shown in inches and (millimeters)
0.195 (4.95)
0.125 (3.18)
0.015 (0.381)
0.008 (0.204)
0.625 (15.87)
0.600 (15.24)
28
1
14
15
0.580 (14.73)
0.485 (12.32)
1.565 (39.7)
1.380 (35.1)
SEATING
PLANE
0.250 (6.35)
MAX
0.022 (0.558)
0.014 (0.356)
0.200 (5.05)
0.115 (2.93)
0.015 (0.39)
MIN
0.100 (2.54)
BSC
0.70 (1.77)
0.30 (0.77)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MS-011AB


Número de pieza similar - AD7824LN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7824LN AD-AD7824LN Datasheet
275Kb / 16P
   LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824LN AD-AD7824LN Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824LN AD-AD7824LN Datasheet
215Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
More results

Descripción similar - AD7824LN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7828KPZ AD-AD7828KPZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KR-REEL AD-AD7824KR-REEL Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KNZ AD-AD7824KNZ Datasheet
215Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828KNZ AD-AD7828KNZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7776 AD-AD7776 Datasheet
220Kb / 12P
   LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs
REV. 0
AD7776 AD-AD7776_02 Datasheet
550Kb / 12P
   LC2MOS, High Speed 1-,4-,and 8-Channel 10-Bit ADCs
REV. A
AD7824 AD-AD7824_15 Datasheet
276Kb / 16P
   LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828 AD-AD7828_15 Datasheet
276Kb / 16P
   LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KRZ AD-AD7824KRZ Datasheet
275Kb / 16P
   LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7884 AD-AD7884 Datasheet
319Kb / 16P
   LC2MOS 16-Bit, High Speed Sampling ADCs
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com