Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7864 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD7864
Descripción Electrónicos  4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7864 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7864 Datasheet HTML 4Page - Analog Devices AD7864 Datasheet HTML 5Page - Analog Devices AD7864 Datasheet HTML 6Page - Analog Devices AD7864 Datasheet HTML 7Page - Analog Devices AD7864 Datasheet HTML 8Page - Analog Devices AD7864 Datasheet HTML 9Page - Analog Devices AD7864 Datasheet HTML 10Page - Analog Devices AD7864 Datasheet HTML 11Page - Analog Devices AD7864 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
AD7864
–8–
REV. A
CONVERTER DETAILS
The AD7864 is a high speed, low power, 4-channel simulta-
neous sampling 12-bit A/D converter that operates from a single
+5 V supply. The part contains a 1.65
µs successive approxima-
tion ADC, four track/hold amplifiers, an internal +2.5 V refer-
ence and a high speed parallel interface. There are four analog
inputs that can be simultaneously sampled thus preserving the
relative phase information of the signals on all four analog in-
puts. Thereafter, conversions will be completed on the selected
subset of the four channels. The part accepts an analog input
range of
±10 V or ±5 V (AD7864-1), ±2.5 V (AD7864-3) and
0 V–2.5 V or 0 V–5 V (AD7864-2). Overvoltage protection on
the analog inputs of the part allows the input voltage to go to
±20 V, (AD7864-1 ±10 V range), –7 V or +20 V (AD7864-1
±5 V range) –1 V to +20 V (AD7864-2) and –7 V to +20 V
(AD7864-3) without causing damage or effecting a conversion in
progress. The AD7864 has two operating modes Reading Between
Conversions and Reading after the Conversion Sequence. These
modes are discussed in more detail in the Timing and Control
section.
A conversion is initiated on the AD7864 by pulsing the
CONVST
input. On the rising edge of
CONVST, all four on-chip track/
holds are placed into hold simultaneously and the conversion
sequence is started on all the selected channels. Channel
selection is made via the SL1–SL4 pins if
H/S SEL is logic zero
or via the channel select register if
H/S SEL is logic one—see
Selecting a Conversion Sequence. The channel select register is
programmed via the bidirectional data lines DB0–DB3 and a
standard write operation. The selected conversion sequence is
latched on the rising edge of
CONVST so changing a selection
will only take effect once a new conversion sequence is initiated.
The BUSY output signal is triggered high on the rising edge of
CONVST and will remain high for the duration of the conver-
sion sequence. The conversion clock for the part is generated
internally using a laser-trimmed clock oscillator circuit. There is
also the option of using an external clock, by tying the
INT/
EXT CLK pin logic high, and applying an external clock to the
CLKIN pin. However, the optimum throughput is obtained by
using the internally generated clock—see Using an External
Clock. The
EOC signal indicates the end of each conversion in
the conversion sequence. The BUSY signal indicates the end of
the full conversion sequence and at this time all four Track and
Holds return to tracking mode. The conversion results can
either be read at the end of the full conversion sequence
(indicated by BUSY going low) or as each result becomes
available (indicated by
EOC going low). Data is read from the
part via a 12-bit parallel data bus with standard
CS and RD
signals—see Timing and Control.
Conversion time for each channel of the AD7864 is 1.65
µs and
the track/hold acquisition time is 0.35
µs. To obtain optimum
performance from the part, the read operation should not occur
during a channel conversion or during the 100 ns prior to the
next
CONVST rising edge. This allows the part to operate at
throughput rates up to 130 kHz for all four channels and
achieve data sheet specifications.
Track/Hold Section
The track/hold amplifiers on the AD7864 allows the ADCs to
accurately convert an input sine wave of full-scale amplitude to
12-bit accuracy. The input bandwidth of the track/hold is greater
than the Nyquist rate of the ADC even when the ADC is oper-
ated at its maximum throughput rate of 500 kSPS (i.e., the
track/hold can handle input frequencies in excess of 250 kHz).
The track/hold amplifiers acquire input signals to 12-bit accu-
racy in less than 350 ns. The operation of the track/holds are
essentially transparent to the user. The four track/hold amplifi-
ers sample their respective input channels simultaneously, on
the rising edge of
CONVST. The aperture time for the track/
holds (i.e., the delay time between the external
CONVST signal
and the track/hold actually going into hold) is typically 15 ns
and, more importantly, is well matched across the four track/
holds on one device and also well matched from device to de-
vice. This allows the relative phase information between differ-
ent input channels to be accurately preserved. It also allows
multiple AD7864s to sample more than four channels simulta-
neously. At the end of a conversion sequence, the part returns
to its tracking mode. The acquisition time of the track/hold
amplifiers begin at this point.
Reference Section
The AD7864 contains a single reference pin, labelled VREF,
which either provides access to the part’s own +2.5 V reference
or to which an external +2.5 V reference can be connected to
provide the reference source for the part. The part is specified
with a +2.5 V reference voltage. Errors in the reference source
will result in gain errors in the AD7864’s transfer function and
will add to the specified full-scale errors on the part. On the
AD7864-1 and AD7864-3, it will also result in an offset error
injected in the attenuator stage, see Figures 2 and 4.
The AD7864 contains an on-chip +2.5 V reference. To use this
reference as the reference source for the AD7864, simply con-
nect a 0.1
µF disc ceramic capacitor from the V
REF pin to AGND.
The voltage that appears at this pin is internally buffered before
being applied to the ADC. If this reference is used externally to
the AD7864, it should be buffered, as the part has a FET switch
in series with the reference output resulting in a source imped-
ance for this output of 6 k
Ω nominal. The tolerance on the
internal reference is
±10 mV at 25°C with a typical temperature
coefficient of 25 ppm/
°C and a maximum error over tempera-
ture of
±20 mV.
If the application requires a reference with a tighter tolerance or
the AD7864 needs to be used with a system reference, the user
has the option of connecting an external reference to this VREF
pin. The external reference will effectively overdrive the internal
reference and thus provide the reference source for the ADC.
The reference input is buffered before being applied to the ADC
with the maximum input current of
±100 µA. Suitable reference
sources for the AD7864 include the AD680, AD780, REF192
and REF43 precision +2.5 V references.
CIRCUIT DESCRIPTION
Analog Input Section
The AD7864 is offered as three part types: the AD7864-1,
where each input can be configured for
±10 V or a ±5 V input
voltage range; the AD7864-3 which handles input voltage range
±2.5 V; the AD7864-2, where each input can be configured to
have a 0 V to +2.5 V or 0 V to +5 V input voltage range.


Número de pieza similar - AD7864

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7864 AD-AD7864 Datasheet
673Kb / 29P
   4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
AD7864ASZ-1 AD-AD7864ASZ-1 Datasheet
673Kb / 29P
   4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
AD7864ASZ-12 AD-AD7864ASZ-12 Datasheet
760Kb / 28P
   4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
REV. D
AD7864ASZ-1REEL AD-AD7864ASZ-1REEL Datasheet
673Kb / 29P
   4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
AD7864ASZ-1REEL2 AD-AD7864ASZ-1REEL2 Datasheet
760Kb / 28P
   4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
REV. D
More results

Descripción similar - AD7864

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7864 AD-AD7864_15 Datasheet
760Kb / 28P
   4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
REV. D
AD7864 AD-AD7864_17 Datasheet
673Kb / 29P
   4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
AD7864 AD-AD7864_09 Datasheet
760Kb / 28P
   4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
REV. D
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-10 AD-AD7862ARSZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
AD7862ARZ-10 AD-AD7862ARZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862 AD-AD7862_17 Datasheet
449Kb / 17P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
logo
Linear Technology
LTC1408-12 LINER-LTC1408-12_15 Datasheet
281Kb / 20P
   6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC2351-12 LINER-LTC2351-12_15 Datasheet
235Kb / 20P
   6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC With Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com