Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMDR0402-680K Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

No. de pieza SMDR0402-680K
Descripción Electrónicos  Unshielded SMT Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MERITEK [MERITEK ELECTRONICS CORPORATION]
Página de inicio  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SMDR0402-680K Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  SMDR0402-680K Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SMDR0402-680K Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION SMDR0402-680K Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION SMDR0402-680K Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part No.
L
(uH)
DCR Max.
(OHM)
SRF Ref.
(MHz)
I sat
(A)
I rms
(A)
6.8
6.4
6.1
5.4
4.8
4.4
3.9
3.1
2.7
2.1
1.8
1.5
1.3
1.0
0.80
0.60
0.50
0.40
0.30
SMDR0804 - 1R0M
SMDR0804 - 1R5M
SMDR0804 - 2R2M
SMDR0804 - 3R3M
SMDR0804 - 4R7M
SMDR0804 - 6R8M
SMDR0804 - 100M
SMDR0804 - 150M
SMDR0804 - 220M
SMDR0804 - 330M
SMDR0804 - 470M
SMDR0804 - 680M
SMDR0804 - 101M
SMDR0804 - 151M
SMDR0804 - 221M
SMDR0804 - 331M
SMDR0804 - 471M
SMDR0804 - 681M
SMDR0804 - 102M
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
1000
0.009
0.010
0.012
0.015
0.018
0.027
0.038
0.046
0.085
0.100
0.14
0.20
0.28
0.40
0.61
1.02
1.27
2.02
3.00
100
90
80
65
45
38
30
27
19
15
12
10
9.0
6.0
5.0
4.5
3.5
2.5
2.0
9.0
8.0
7.0
6.4
5.4
4.6
3.8
3.0
2.6
2.0
1.6
1.4
1.2
1.0
0.80
0.60
0.50
0.40
0.30
SRF Ref.
(MHz)
I sat
(A)
I rms
(A)
Part No.
L
(uH)
DCR Max.
(OHM)
SMDR0810 - 100M
SMDR0810 - 150M
SMDR0810 - 220M
SMDR0810 - 330M
SMDR0810 - 470M
SMDR0810 - 680M
SMDR0810 - 101M
SMDR0810 - 151M
SMDR0810 - 221M
SMDR0810 - 331M
SMDR0810 - 471M
SMDR0810 - 681M
SMDR0810 - 102M
10
15
22
33
47
68
100
150
220
330
470
680
1000
0.04
0.05
0.066
0.08
0.11
0.17
0.22
0.34
0.44
0.70
0.95
1.2
2.0
22
18
11
9.0
8.0
7.0
5.0
4.0
3.5
2.5
2.0
2.0
1.5
8.0
7.0
5.5
4.0
3.8
3.0
2.5
2.0
1.6
1.2
1.0
1.0
0.80
3.5
3.0
2.5
2.0
1.6
1.2
1.2
0.90
0.70
0.60
0.30
0.20
0.10
3
MERITEK
Unshielded SMT Power Inductors
SMDR Series
SMDR 0402/0802/0804/0810/1206 TYPE


Número de pieza similar - SMDR0402-680K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AEL Crystals Ltd
SMD AEL-SMD Datasheet
85Kb / 1P
   2.5 x 2.0mm SMD Crystal Resonator
logo
TAITRON Components Inco...
SMD TAITRON-SMD Datasheet
195Kb / 1P
   SMD Zener
logo
DATEL, Inc.
SMD DATEL-SMD Datasheet
168Kb / 1P
   SMD Analog-to-Digital Converters
logo
Shanghai Leiditech Elec...
SMD LEIDITECH-SMD Datasheet
391Kb / 8P
   Surface-mount Devices
logo
WAGO Kontakttechnik Gmb...
SMD WAGO-SMD Datasheet
1,015Kb / 8P
   SMD Terminal Blocks
06/2014
More results

Descripción similar - SMDR0402-680K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pulse A Technitrol Comp...
PG0063 PULSE-PG0063 Datasheet
78Kb / 2P
   SMT POWER INDUCTORS UNSHIELDED DRUM CORE
PF0580 PULSE-PF0580_16 Datasheet
1Mb / 3P
   SMT UNSHIELDED DRUM CORE INDUCTORS
PB2020NL PULSE-PB2020NL Datasheet
96Kb / 1P
   SMT POWER INDUCTORS Unshielded Drum Core - PB2020NL Series
PF0382NL PULSE-PF0382NL Datasheet
302Kb / 2P
   SMT Power Inductors Unshielded Drum Core - PF0382NL Series
logo
Central Technologies
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
   Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
   Power Inductors - Unshielded
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
   Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
   Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
   Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
   Power Inductors - Unshielded
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com