Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CNX3000 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza CNX3000
Descripción Electrónicos  Fluke CNX3000 Series Test Tools
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

CNX3000 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CNX3000 Datasheet HTML 1Page - List of Unclassifed Manufacturers CNX3000 Datasheet HTML 2Page - List of Unclassifed Manufacturers CNX3000 Datasheet HTML 3Page - List of Unclassifed Manufacturers CNX3000 Datasheet HTML 4Page - List of Unclassifed Manufacturers CNX3000 Datasheet HTML 5Page - List of Unclassifed Manufacturers CNX3000 Datasheet HTML 6Page - List of Unclassifed Manufacturers CNX3000 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4 Fluke Corporation
Fluke CNX 3000 Series Test Tools. The Fluke Wireless Team.
Fluke CNX 3000 Series AC Voltage Module
Accuracy is specified as ± ([% of reading] + [number of least significant digits]). All ranges
are autoranging. Accuracy is specified from 5 % to 100 % of the range obtained by
autoranging, from 18 °C to 28 °C.
AC voltage
Range1
Resolution
Accuracy2,3
45 Hz to 500 Hz
500 Hz to 1 kHz
6.000 V
0.001 V
1.0 % + 3
2.0 % + 3
60.00 V
0.01 V
600.0 V
0.1 V
1000 V
1 V
1
All ac voltage ranges are specified from 1 % of range to 100 % of range.
2
Crest factor of ≤ 3 at full scale up to 500 V, decreasing linearly to crest factor ≤ 1.5 at 1000 V.
3
For non-sinusoidial waveforms, add –(2 % of reading + 2 % full scale) typical, for crest factor up to 3.
General specifications
LCD w/backlight
3½ digits, 6000 counts, updates 4/sec
Battery type
2 AA, NEDA 15 A, IEC LR6
Battery life
400 Hours
Memory
Record up to 65000 readings
RF communications
2.4 GHZ ISM Band
RF communication range
20 meters
Operating temperature
-10 °C to +50 °C
Storage temperature
-40 °C to +60 °C
Temperature coefficient
0.1 X (specified accuracy)/°C (< 18 °C or > 28 °C)
Operating humidity
90 % at 35 °C, 45 % at 40 °C, 45 % at 50 °C
EMC
EN 61326-1:2006
Safety compliance
EN/IEC 61010-1:2010 to 1000 V Measurement Category (CAT) III
600 V Measurement Category (CAT) IV
EN/IEC 61010-2-030:2010
EN/IEC 61010-031:2002+A1:2008
Safety rating
CAT IV 600 V, CAT III 1000 V
Certifications
CSA, FCC T68-FWCS IC:6627A-FWCS
Ingress Protection (IP) rating
IP42
Size (HxWxD)
16.5 cm x 6.35 cm x 1.4 cm (6.5 in x 2.5 in x 1.4 in)
Weight
.22 kg (8 oz)
Contents


Número de pieza similar - CNX3000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Visual Communications C...
CNX310056E4108 VCC-CNX310056E4108 Datasheet
77Kb / 1P
   CNX 310 XXX CABLE ASSEMBLY
logo
Fairchild Semiconductor
CNX35 FAIRCHILD-CNX35 Datasheet
146Kb / 8P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
List of Unclassifed Man...
CNX35 ETC-CNX35 Datasheet
513Kb / 3P
   OPTICALLY COUPLED ISOLATORS
logo
Fairchild Semiconductor
CNX35U FAIRCHILD-CNX35U Datasheet
146Kb / 8P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX36 FAIRCHILD-CNX36 Datasheet
146Kb / 8P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

Descripción similar - CNX3000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fluke Corporation
TL940 FLUKE-TL940 Datasheet
114Kb / 3P
   Fluke TL940 Mini-Hook Test Leads
11/2021
logo
Pomona Electronics
6171 POMONA-6171 Datasheet
38Kb / 3P
   Test Companion Test Kit For Fluke 20 & 70 Series DMM?셲
logo
Fluke Corporation
TLK-220 FLUKE-TLK-220 Datasheet
305Kb / 1P
   Fluke TLK-220 SureGripTM Industrial Test Lead Kit
logo
List of Unclassifed Man...
TP912 ETC1-TP912 Datasheet
12Mb / 72P
   Test Tools Catalog Volume one, 2007
logo
Fluke Corporation
975 FLUKE-975 Datasheet
564Kb / 2P
   Fluke 975 AirMeter??Five powerful tools in one, with simple one-touch air velocity
FLUKE-805 FLUKE-FLUKE-805 Datasheet
2Mb / 4P
   Fluke 805 Vibration Meter
4/2012
414D FLUKE-414D Datasheet
1Mb / 3P
   Fluke 417D Laser Distance Measurer
1750 FLUKE-1750 Datasheet
2Mb / 8P
   Fluke 1750 Three-Phase Power Recorder
561 FLUKE-561 Datasheet
258Kb / 2P
   Fluke 561 Infrared and Contact Thermometer
773 FLUKE-773 Datasheet
1Mb / 2P
   Fluke 772 and 773 Milliamp Process Clamp Meters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com