Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD816AYS Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD816AYS
Descripción Electrónicos  500 mA Differential Driver and Dual Low Noise VF Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD816AYS Datasheet(HTML) 10 Page - Analog Devices

Back Button AD816AYS Datasheet HTML 6Page - Analog Devices AD816AYS Datasheet HTML 7Page - Analog Devices AD816AYS Datasheet HTML 8Page - Analog Devices AD816AYS Datasheet HTML 9Page - Analog Devices AD816AYS Datasheet HTML 10Page - Analog Devices AD816AYS Datasheet HTML 11Page - Analog Devices AD816AYS Datasheet HTML 12Page - Analog Devices AD816AYS Datasheet HTML 13Page - Analog Devices AD816AYS Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. B
AD816–Typical Receiver Performance Characteristics
AD816
REC A/B
8
0.1 F
10 F
+15V
10 F
7
–15V
RL
50
VIN
PULSE
GENERATOR
TR/TF = 500ps
1k
1k
0.1 F
2.2pF
VOUT
Figure 34. Test Circuit, Gain = +2
Figure 35. Receiver 10 V Step Response, G = +2
Figure 36. Receiver 400 mV Step Response, G = +2
FREQUENCY – MHz
0.1
300
1
10
100
–40
–50
–60
–70
–80
–90
–100
–30
–20
–10
0
0.01
RECEIVER A = INPUT
RECEIVER B = OUTPUT
RECEIVER B : INPUT
RECEIVER A : OUTPUT
VIN = 200mVrms
1k
100
50
OUTPUT
INPUT
1k
REC A
2.2pF
1k
100
50
OUTPUT
INPUT
1k
REC B
2.2pF
Figure 37. Receiver Output-to-Output Crosstalk
vs. Frequency
–10–
AD816
REC A/B
8
0.1 F
10 F
+15V
10 F
7
–15V
RL = 500
50
VIN
PULSE
GENERATOR
TR/TF = 250ps
1k
1k
0.1 F
VOUT
Figure 38. Test Circuit, Gain = –1
5V
50ns
Figure 39. Receiver 10 V Step Response, G = –1
50ns
Figure 40. Receiver 400 mV Step Response, G = –1
FREQUENCY – MHz
0.1
300
1
10
100
–40
–50
–60
–70
–80
–90
–100
–30
–20
–10
0
0.01
DRIVER A: INPUT
RECEIVER B: OUTPUT
VIN = 200mVrms
DRIVER B: INPUT
RECEIVER A: OUTPUT
DRIVER A: INPUT
RECEIVER A: OUTPUT
DRIVER B: INPUT
RECEIVER A: OUTPUT
499
100
50
INPUT
499
DRV A
100
OUTPUT
1k
100
50
OUTPUT
INPUT
1k
2.2pF
REC A
499
100
50
OUTPUT
INPUT
499
DRV B
100
1k
100
50
OUTPUT
INPUT
1k
REC B
2.2pF
Figure 41. Driver-to-Receiver Crosstalk vs. Frequency


Número de pieza similar - AD816AYS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AD816 ETC1-AD816 Datasheet
141Kb / 1P
   SILICON DUAL DIFFERNTIAL AMPLIFIER TRANSISTORS
logo
Analog Devices
AD816 AD-AD816_15 Datasheet
839Kb / 16P
   500 mA Differential Driver and Dual Low Noise (VF) Amplifiers
REV. B
More results

Descripción similar - AD816AYS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD816 AD-AD816_15 Datasheet
839Kb / 16P
   500 mA Differential Driver and Dual Low Noise (VF) Amplifiers
REV. B
logo
Texas Instruments
THS6012 TI1-THS6012_16 Datasheet
1Mb / 37P
[Old version datasheet]   500-mA DUAL DIFFERENTIAL LINE DRIVER
THS6012 TI-THS6012 Datasheet
604Kb / 35P
[Old version datasheet]   500-mA DUAL DIFFERENTIAL LINE DRIVER
logo
New Jersey Semi-Conduct...
2N2639 NJSEMI-2N2639 Datasheet
130Kb / 1P
   DUAL NPN LOW LEVEL NOISE DIFFERENTIAL AMPLIFIERS
2N2913 NJSEMI-2N2913 Datasheet
159Kb / 1P
   DUAL NPN LOW LEVEL LOW NOISE DIFFERENTIAL AMPLIFIERS
logo
NXP Semiconductors
PMEG3005CT PHILIPS-PMEG3005CT_15 Datasheet
354Kb / 14P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
PMEG2005CT PHILIPS-PMEG2005CT_15 Datasheet
353Kb / 14P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-22 June 2010
PMEG3005CT.215 NXP-PMEG3005CT.215 Datasheet
354Kb / 14P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
logo
Nexperia B.V. All right...
PMEG3005CT NEXPERIA-PMEG3005CT Datasheet
453Kb / 15P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2 - 20 September 2010
logo
NXP Semiconductors
PMEG2005CT NXP-PMEG2005CT Datasheet
353Kb / 14P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-22 June 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com