Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8170AR Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD8170AR
Descripción Electrónicos  250 MHz, 10 ns Switching Multiplexers w/Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8170AR Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8170AR Datasheet HTML 2Page - Analog Devices AD8170AR Datasheet HTML 3Page - Analog Devices AD8170AR Datasheet HTML 4Page - Analog Devices AD8170AR Datasheet HTML 5Page - Analog Devices AD8170AR Datasheet HTML 6Page - Analog Devices AD8170AR Datasheet HTML 7Page - Analog Devices AD8170AR Datasheet HTML 8Page - Analog Devices AD8170AR Datasheet HTML 9Page - Analog Devices AD8170AR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8170/AD8174
–6–
REV. 0
20ns/DIV
G = +2
RF = 499 (AD8170R)
RF = 549 (AD8174R)
RL = 100
Figure 10. Small Signal Pulse Response
10ns/DIV
VOUT = 4V p-p
G = +2
RF = 499
(AD8170R)
RF = 549
(AD8174R)
RL = 100
Figure 11. Large Signal Transient Response
12345
6
7
8
9
10
11
IRE
12345
6
7
8
9
10
11
IRE
0.04
0.03
0.02
0.01
0.00
–0.01
–0.02
–0.03
–0.04
0.04
0.03
0.02
0.01
0.00
–0.01
–0.02
–0.03
0.05
RL = 150Ω
RF = 499Ω (AD8170R)
RF = 549Ω (AD8174R)
G = +2
Figure 12. Differential Gain and Phase Error
FREQUENCY – Hz
–20
–30
–10
0.1
1G
1M
10M
100M
–60
–90
–100
–110
–40
–50
–80
–70
VIN = +0.707V rms
G = +2
RF = 499Ω (AD8170R)
RF = 549Ω (AD8174R)
RL = 100Ω
AD8170R
AD8174R
Figure 13. All-Hostile Crosstalk vs. Frequency
FREQUENCY – MHz
–20
–30
–120
0.1
500
1
10
100
–60
–90
–100
–110
–40
–50
–80
–70
VIN = +0.354V rms
G = +2
RF = 549Ω
RL = 100Ω
ENABLE = LOGIC 1
SD = LOGIC 0
SHUTDOWN ISOLATION
0.03
DISABLE ISOLATION
SD = LOGIC 1
ENABLE = LOGIC 0
Figure 14. AD8174R Disable and Shutdown Isolation
vs. Frequency
FREQUENCY – Hz
100
10
1
10
1M
100
1k
10k
100k
100
10
1
VNOISE
INVERTING INPUT I
SWITCHING INPUT I
Figure 15. Noise vs. Frequency


Número de pieza similar - AD8170AR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8170AR AD-AD8170AR Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8170AR-REEL AD-AD8170AR-REEL Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8170ARZ AD-AD8170ARZ Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
More results

Descripción similar - AD8170AR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8174ARZ AD-AD8174ARZ Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8170ARZ AD-AD8170ARZ Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8180 AD-AD8180_15 Datasheet
256Kb / 12P
   10 ns Switching Multiplexers
REV. B
AD8182 AD-AD8182_15 Datasheet
256Kb / 12P
   10 ns Switching Multiplexers
REV. B
AD8180ARZ AD-AD8180ARZ Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8180 AD-AD8180 Datasheet
253Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182ARZ AD-AD8182ARZ Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
logo
M/A-COM Technology Solu...
A83-1 MA-COM-A83-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 250 MHz
logo
Tyco Electronics
A70 MACOM-A70_1 Datasheet
369Kb / 2P
   Cascadable Amplifier 10 to 250 MHz
logo
M/A-COM Technology Solu...
A70-1 MA-COM-A70-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 250 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com