Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CX2VSM Datasheet(PDF) 1 Page - EUROQUARTZ limited

No. de pieza CX2VSM
Descripción Electrónicos  Frequency Range 16kHz to 600kHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EUROQUARTZ [EUROQUARTZ limited]
Página de inicio  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

CX2VSM Datasheet(HTML) 1 Page - EUROQUARTZ limited

  CX2VSM Datasheet HTML 1Page - EUROQUARTZ limited CX2VSM Datasheet HTML 2Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
DESCRIPTION
CX2VSM crystals are leadless devices designed for surface mounting
on PCBs or hybrid substrates. The crystals are intended for use in
Pierce (single inverter) oscillator circuits.
OUTLINE & DIMENSIONS
Specifications stated are typical at 25°C unless otherwise indicated.
Specifications may change without notice.
Frequency Range:
16.0kHz to 600.0kHz
Functional Mode:
Tuning Fork (Flexure)
Standard Calibration Tolerance*:
see table
Motional Resistance (R1):
Figure 1
Max = 16~24.9kHz, 2x typical
25~600kHz, 2.5x typical
Motional Capacitance (C1):
Figure 2
Quality Factor (Q):
Figure 3
Min. is 0.25x typical
Shunt Capacitance (C0):
2.0pF max.
Drive Level
16~24.9kHz:
0.5µW max.
25~600.0kHz:
1.0µW max.
Turning Point (T0)**:
Figure 4
Temperature Coefficient (k):
-0.035ppm/°C2
Ageing, first year:
5ppm max.
Shock, survival***:
1,500g, 0.3ms, ½ sine
Vibration, survival***:
10g rms, 20~2000Hz
Operating Temperature Range
Commercial:
-10° to +70°C
Industrial:
-40° to +85°C
Military:
-55 to +125°C
Storage Temperature Range:
-55° to +125°C
Maximum Process Temperature:
+260°C for 20 seconds
SPECIFICATION
±30ppm
±50ppm
±100ppm
±200ppm
(0.003%)
(0.005%)
(0.01%)
(0.02%)
±100ppm
±100ppm
±200ppm
±500ppm
(0.01%)
(0.01%)
(0.02%)
(0.05%)
±1000ppm
±1000ppm
±2000ppm
±5000ppm
(0.1%)
(0.1%)
(0.2%)
(0.5%)
16~74.9
75~169.9
170~249
STANDARD CALIBRATION TOLERANCE
FEATURES
Frequency Range 16kHz to 600kHz
High shock resistance
Low ageing
Designed for low power applications
Full MIL testing available
16~24.9
10pF
25~54.9
9pF
55~100.0
8pF
Frequency
Range (kHz)
LOAD CAPACITANCE (CL)*
PACKAGING OPTIONS
CX2VSM crystals are available either tray packed (<250pcs) or tape
and reel (>250 pieces).
16mm tape, 178mm or 330mm reels (EIA 418).
CX2VSM CRYSTAL
*
Tighter frequency calibration is available.
**
Other turning point is available
*** Higher shock and vibration survival is available
HOW TO ORDER CX2VSM CRYSTALS
CX2V - S
-
C
-
SM1
-
32.768K
30
/
I
'S' if special,
custom design.
Otherwise leave
blank
Blank = glass lid
C = ceramic lid
Terminations
SM1 = Gold plated *
SM2 = Solder plated
SM3 = Solder dipped
SM4 = Solder plated *
SM5 = Solder dipped *
* = Lead free
Frequency
K = kHz
Calibration
Tolerance
@25°C
(in ppm)
Temp. Range
C = -10° ~ +70°C
I = -40° ~ +85°C
M = -55° ~ +125°C
S = Customer specified
Miniature SMD Crystal for Pierce Oscillators
16kHz to 600kHz
250~600
Frequency Range (kHz)
100.0~179.9
5pF
180~600
4pF
Load
Capacitance
Frequency
Range (kHz)
Load
Capacitance
* The load capacitance we use to calibrate CX2VSM.
(Other CL is available.)
A
6.60
6.99
B
2.39
2.74
C
see below
D
0.89
1.14
E
1.50
1.75
F
1.27
1.52
G
2.67
2.92
H
3.94
4.19
I
5.33
5.59
Typ.
Max.
Dim.
SM1
1.65
1.91
SM2
1.70
1.96
SM3
1.78
2.03
SM4
1.70
1.96
SM5
1.78
2.03
Glass
Lid
Ceramic
Lid
Dim. C


Número de pieza similar - CX2VSM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STATEK CORPORATION
CX2VSM STATEK-CX2VSM Datasheet
467Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
RSG Electronic Componen...
CX2VSM RSG-CX2VSM Datasheet
509Kb / 2P
   16 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
STATEK CORPORATION
CX2VSM STATEK-CX2VSM Datasheet
285Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
RSG Electronic Componen...
CX2VSM1 RSG-CX2VSM1 Datasheet
509Kb / 2P
   16 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX2VSM2 RSG-CX2VSM2 Datasheet
509Kb / 2P
   16 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
More results

Descripción similar - CX2VSM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EUROQUARTZ limited
CX2HSM EUROQUARTZ-CX2HSM Datasheet
300Kb / 2P
   Frequency Range 16kHz to 600kHz
CX1HSM EUROQUARTZ-CX1HSM Datasheet
306Kb / 2P
   Frequency Range 10kHz to 600kHz
CX3HSM EUROQUARTZ-CX3HSM Datasheet
298Kb / 2P
   Frequency Range 18kHz to 600kHz
CX1VSM EUROQUARTZ-CX1VSM Datasheet
296Kb / 2P
   Frequency Range 10kHz to 600kHz
CX1H EUROQUARTZ-CX1H Datasheet
290Kb / 2P
   Frequency Range 10kHz to 600kHz
CX3VSM EUROQUARTZ-CX3VSM Datasheet
301Kb / 2P
   Frequency Range 18kHz to 600kHz
CX1V EUROQUARTZ-CX1V Datasheet
280Kb / 2P
   Frequency Range 10kHz to 600kHz
CX6VSM EUROQUARTZ-CX6VSM Datasheet
295Kb / 2P
   Frequency Range 18kHz to 600kHz
logo
Maxim Integrated Produc...
MAX15026BEVKIT MAXIM-MAX15026BEVKIT Datasheet
236Kb / 10P
   600kHz Switching Frequency
Rev 0; 6/08
MAX17501G MAXIM-MAX17501G Datasheet
1Mb / 8P
   600kHz Switching Frequency
Rev 0; 11/12
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com