Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD820AN Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD820AN
Descripción Electrónicos  Single Supply, Rail to Rail Low Power FET-Input Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD820AN Datasheet(HTML) 11 Page - Analog Devices

Back Button AD820AN Datasheet HTML 7Page - Analog Devices AD820AN Datasheet HTML 8Page - Analog Devices AD820AN Datasheet HTML 9Page - Analog Devices AD820AN Datasheet HTML 10Page - Analog Devices AD820AN Datasheet HTML 11Page - Analog Devices AD820AN Datasheet HTML 12Page - Analog Devices AD820AN Datasheet HTML 13Page - Analog Devices AD820AN Datasheet HTML 14Page - Analog Devices AD820AN Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD820
REV. B
–11–
Figure 29. Large Signal Response Unity Gain Follower;
VS = ±15 V, RL = 10 kΩ
Figure 30. Small Signal Response Unity Gain Follower;
VS = ±15 V, RL = 10 k
GND
Figure 31. VS = +5 V, 0 V; Unity Gain Follower Response
to 0 V to 5 V Step
AD820
RL
100pF
VOUT
0.01 F
+VS
VIN
0.01 F
–VS
3
2
4
7
6
Figure 26. Unity-Gain Follower
Figure 27. 20 V, 25 kHz Sine Input; Unity Gain Follower;
RL = 600 Ω, VS = ±15 V
GND
Figure 28. VS = +5 V, 0 V; Unity Gain Follower Response
to 0 V to 4 V Step


Número de pieza similar - AD820AN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD820AN AD-AD820AN Datasheet
588Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
AD820ANZ AD-AD820ANZ Datasheet
588Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
More results

Descripción similar - AD820AN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD820 AD-AD820_07 Datasheet
588Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
AD822ARMZ AD-AD822ARMZ Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD824ARZ-14 AD-AD824ARZ-14 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_V01 Datasheet
344Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Rev. E
AD824 AD-AD824_03 Datasheet
552Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_15 Datasheet
436Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. D
AD824ARZ-14-REEL7 AD-AD824ARZ-14-REEL7 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824 Datasheet
551Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. A
AD820ARMZ AD-AD820ARMZ Datasheet
428Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
Rev. H
AD822 AD-AD822 Datasheet
320Kb / 16P
   Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
REV. A
AD822AN AD-AD822AN Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com