Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8314 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD8314
Descripción Electrónicos  100 MHz-2500 MHz 45 dB RF Detector/Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8314 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8314 Datasheet HTML 6Page - Analog Devices AD8314 Datasheet HTML 7Page - Analog Devices AD8314 Datasheet HTML 8Page - Analog Devices AD8314 Datasheet HTML 9Page - Analog Devices AD8314 Datasheet HTML 10Page - Analog Devices AD8314 Datasheet HTML 11Page - Analog Devices AD8314 Datasheet HTML 12Page - Analog Devices AD8314 Datasheet HTML 13Page - Analog Devices AD8314 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8314
–10–
REV. 0
INPUT AMPLITUDE – dBV
1.2
0
–70
0
–60
(–47dBm)
–50
–40
–30
–20
–10
(+3dBm)
1.0
0.8
0.6
0.4
0.2
VS = 3V
RT = 52.3
3
–3
2
1
0
–1
–2
1dB DYNAMIC RANGE
3dB DYNAMIC RANGE
INTERCEPT
Figure 29. VUP and Log Conformance Error vs. Input
Level vs. Input Level at 900 MHz
Transfer Function in Terms of Slope and Intercept
The transfer function of the AD8314 is characterized in terms of
its Slope and Intercept. The logarithmic slope is defined as the
change in the RSSI output voltage for a 1 dB change at the input.
For the AD8314, slope is nominally 21.5 mV/dB. So a 10 dB
change at the input results in a change at the output of approxi-
mately 215 mV. The plot of Log-Conformance (Figure 29) shows
the range over which the device maintains its constant slope. The
dynamic range can be defined as the range over which the error
remains within a certain band, usually
±1 dB or ±3 dB. In
Figure 29, for example, the
±1 dB dynamic range is approxi-
mately 50 dB (from –13 dBV to –63 dBV).
The intercept is the point at which the extrapolated linear
response would intersect the horizontal axis (Figure 29). Using
the slope and intercept, the output voltage can be calculated for
any input level within the specified input range using the equation:
VUP = VSLOPE × (PIN – PO)
where VUP is the demodulated and filtered RSSI output, VSLOPE
is the logarithmic slope, expressed in V/dB, PIN is the input sig-
nal, expressed in decibels relative to some reference level (either
dBm or dBV in this case) and PO is the logarithmic intercept,
expressed in decibels relative to the same reference level.
For example, at an input level of –40 dBV (–27 dBm), the
output voltage will be
VOUT = 0.020 V/dB × (–40 dBV – (–63 dBV )) = 0.46 V
dBV vs. dBm
The most widely used convention in RF systems is to specify power
in dBm, that is, decibels above 1 mW in 50
Ω. Specification of
log amp input levels in terms of power is strictly a concession to
popular convention; they do not respond to power (tacitly “power
absorbed at the input”), but to the input voltage. The use of dBV,
defined as decibels with respect to a 1 V rms sine wave, is more pre-
cise, although this is still not unambiguous because waveform is
also involved in the response of a log amp, which, for a complex
input (such as a CDMA signal), will not follow the rms value
exactly. Since most users specify RF signals in terms of power—
more specifically, in dBm/50
Ω—we use both dBV and dBm in
specifying the performance of the AD8314, showing equivalent
dBm levels for the special case of a 50
Ω environment. Values in
dBV are converted to dBm re 50
Ω by adding 13.
Filter Capacitor
The video bandwidth of both V_UP and V_DN is approximately
3.5 MHz. In CW applications where the input frequency is much
higher than this, no further filtering of the demodulated signal
will be required. Where there is a low-frequency modulation of
the carrier amplitude, however, the low-pass corner must be
reduced by the addition of an external filter capacitor, CF (see
Figure 28). The video bandwidth is related to CF by the equation
Video Bandwidth
kpF
C F
=
××
+
1
24 4
10
π
.(
)
Operating in Controller Mode
Figure 30 shows the basic connections for operation in the con-
troller mode and Figure 31 shows a block diagram of a typical
controller mode application. The feedback from V_UP to VSET is
broken and the desired setpoint voltage is applied to VSET from
the controlling source (often this will be a DAC). VDN will rail
high (2.2 V on a 3.3 V supply, 1.9 V on a 2.7 V supply) when
the applied power is less than the value corresponding to the set-
point voltage. When the input power slightly exceeds this value,
VDN would, in the absence of the loop via the power amplifier
gain pin, decrease rapidly toward ground. In the closed loop,
however, the reduction in VDN causes the power amplifier to re-
duce its output. This restores a balance between the actual power
level sensed at the input of the AD8314 and the demanded value
determined by the setpoint. This assumes that the gain control
sense of the variable gain element is positive, that is, an increas-
ing voltage from V_DN will tend to increase gain. The output
swing and current sourcing capability of V_DN are shown in
Figures 19 and 20.
1
2
3
4
ENBL
RFIN
AD8314
8
7
6
5
VSET
FLTR
V DN
VPOS
COMM
V UP
VS
VDN
VS
INPUT
VSET
CF
0.1 F
52.3
Figure 30. Basic Connections for Operation in Controller
Mode
DAC
FLTR
V UP
VSET
AD8314
DIRECTIONAL
COUPLER
POWER
AMPLIFIER
RF INPUT
GAIN
CONTROL
VOLTAGE
RFIN
V DN
CF
52.3
Figure 31. Typical Controller Mode Application


Número de pieza similar - AD8314

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8314 AD-AD8314 Datasheet
495Kb / 20P
   100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8314 AD-AD8314 Datasheet
522Kb / 20P
   RF Detector/Controller
AD8314 AD-AD8314 Datasheet
492Kb / 20P
   100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8314-EVAL AD-AD8314-EVAL Datasheet
495Kb / 20P
   100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8314-EVAL AD-AD8314-EVAL Datasheet
492Kb / 20P
   100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
More results

Descripción similar - AD8314

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8314 AD-AD8314_06 Datasheet
495Kb / 20P
   100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8314 AD-AD8314_15 Datasheet
492Kb / 20P
   100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8314ACPZ AD-AD8314ACPZ Datasheet
492Kb / 20P
   100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8312 AD-AD8312 Datasheet
576Kb / 13P
   100 MHz-2.7 GHz, 45 dB RF Log Detector
PrA 10/29/2004
ADL5506 AD-ADL5506 Datasheet
1Mb / 24P
   30 MHz to 4.5 GHz, 45 dB RF Detector
AD8312 AD-AD8312_15 Datasheet
1Mb / 20P
   50 MHz to 3.5 GHz, 45 dB RF Detector
REV. A
AD8312 AD-AD8312_05 Datasheet
1Mb / 20P
   50 MHz to 3.5 GHz, 45 dB RF Detector
REV. 0
logo
Hittite Microwave Corpo...
HMC713MS8 HITTITE-HMC713MS8 Datasheet
542Kb / 10P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
HMC713MS8 HITTITE-HMC713MS8_10 Datasheet
838Kb / 10P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
HMC713MS8 HITTITE-HMC713MS8_09 Datasheet
541Kb / 10P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com