Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8326ARP-REEL Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD8326ARP-REEL
Descripción Electrónicos  High Output Power Programmable CATV Line Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8326ARP-REEL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8326ARP-REEL Datasheet HTML 4Page - Analog Devices AD8326ARP-REEL Datasheet HTML 5Page - Analog Devices AD8326ARP-REEL Datasheet HTML 6Page - Analog Devices AD8326ARP-REEL Datasheet HTML 7Page - Analog Devices AD8326ARP-REEL Datasheet HTML 8Page - Analog Devices AD8326ARP-REEL Datasheet HTML 9Page - Analog Devices AD8326ARP-REEL Datasheet HTML 10Page - Analog Devices AD8326ARP-REEL Datasheet HTML 11Page - Analog Devices AD8326ARP-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
REV. 0
AD8326
–8–
–50
–55
–60
–65
–70
–75
–80
–85
–90
0
9
18
27
36
45
54
63
72
GAIN CODE – Decimal
VS = 12V
f = 42MHz
PO = 67dBmV @ MAX GAIN
HD3
HD2
TPC 6. Harmonic Distortion vs. Gain Code for
AD8326-ARP
–50
–55
–60
–65
–70
–75
–80
–85
–90
5
15
25
35
45
55
65
FREQUENCY – MHz
VO = 68dBmV @ MAX GAIN
VO = 69dBmV @ MAX GAIN
VO = 67dBmV @ MAX GAIN
VO = 65dBmV @ MAX GAIN
VS = 12V(ARP)
TPC 7. Second Order Harmonic Distortion vs. Frequency
for Various Output Powers
–35
–40
–45
–50
–55
–60
–65
–70
–75
5
15
25
35
45
55
65
VS = +12V(ARP)
VO = 69dBmV @ MAX GAIN
VO = 67dBmV @ MAX GAIN
VO = 65dBmV @ MAX GAIN
VO = 68dBmV @ MAX GAIN
FREQUENCY – MHz
TPC 8. Third Order Harmonic Distortion vs. Frequency
for Various Output Powers
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
CENTER 21MHz
100kHz/
SPAN 1MHz
RBW 500Hz RF ATT 30dB
VBW 5kHz
SWT 20s UNIT dBm
CH PWR +12.27dBm
ACP UP –56.72dB
ACP LOW –56.71dB
TPC 9. Adjacent Channel Power for AD8326-ARP
190
180
170
160
150
140
130
120
110
1
10
100
1000
FREQUENCY – MHz
POWER-DOWN
POWER-UP
SLEEP
TPC 10. Input Impedance vs. Frequency (Inputs
Shunted with 165
Ω)
1000
100
10
1
0.1
1
10
100
1000
FREQUENCY – MHz
SLEEP
POWER-DOWN
POWER-UP
TPC 11. Output Impedance vs. Frequency


Número de pieza similar - AD8326ARP-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8326 AD-AD8326_15 Datasheet
1Mb / 24P
   High Output Power Programmable CATV Line Driver
REV. 0
More results

Descripción similar - AD8326ARP-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8326 AD-AD8326_15 Datasheet
1Mb / 24P
   High Output Power Programmable CATV Line Driver
REV. 0
AD8321ARZ AD-AD8321ARZ Datasheet
593Kb / 20P
   Gain Programmable CATV Line DRiver
REV. A
AD8321 AD-AD8321 Datasheet
660Kb / 19P
   Gain Programmable CATV Line Driver
REV. 0
AD8322 AD-AD8322 Datasheet
243Kb / 16P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8327 AD-AD8327 Datasheet
307Kb / 20P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8327 AD-AD8327_15 Datasheet
885Kb / 20P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8323 AD-AD8323 Datasheet
277Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8322 AD-AD8322_15 Datasheet
687Kb / 16P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8325 AD-AD8325 Datasheet
304Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8325 AD-AD8325_05 Datasheet
736Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com