Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8367ARU Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD8367ARU
Descripción Electrónicos  500 MHz, Linear-in-dB VGA with AGC Detector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8367ARU Datasheet(HTML) 5 Page - Analog Devices

  AD8367ARU Datasheet HTML 1Page - Analog Devices AD8367ARU Datasheet HTML 2Page - Analog Devices AD8367ARU Datasheet HTML 3Page - Analog Devices AD8367ARU Datasheet HTML 4Page - Analog Devices AD8367ARU Datasheet HTML 5Page - Analog Devices AD8367ARU Datasheet HTML 6Page - Analog Devices AD8367ARU Datasheet HTML 7Page - Analog Devices AD8367ARU Datasheet HTML 8Page - Analog Devices AD8367ARU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. 0
Typical Performance Characteristics–AD8367
–5–
FREQUENCY – MHz
50
40
–10
10
1000
100
20
10
0
30
1V
0.9V
0.8V
0.7V
0.6V
0.5V
0.4V
0.3V
0.2V
0.1V
TPC 1. Gain vs. Frequency for Values of VGAIN
VGAIN – V
45
15
–5
0
1.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
40
20
10
0
30
25
5
35
MODE
5V
10MHz
70MHz
140MHz
240MHz
MODE
0V
10MHz
70MHz
140MHz
240MHz
TPC 2. Gain vs. VGAIN (Mode LO and Mode HI)
VGAIN – V
45
15
–5
0
1.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
40
20
10
0
30
25
5
35
–40 C
+25 C
+85 C
2.0
–0.4
–2.0
1.6
0
–0.8
–1.6
0.8
0.4
–1.2
1.2
TPC 3. Gain Conformance at 70 MHz for T
–40 C,
+25 C, and +85 C.
FREQUENCY – MHz
10
4
70
250
90
110
130
150
170
190
210
230
9
8
7
6
5
+85 C
+25 C
–40 C
TPC 4. NF (re 200
Ω) vs. Frequency at Maximum Gain
VGAIN – V
0
1.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
60
0
50
40
30
20
10
TPC 5. NF (re 200
) vs. VGAIN at 70 MHz
VGAIN – V
0
0
10MHz
0.1
0.2
0.4
0.6
0.7
0.8
0.9
1.0
5
10
15
25
30
0.3
0.5
20
7
12
17
22
32
37
27
70MHz
140MHz
240MHz
TPC 6. OIP3 vs. VGAIN


Número de pieza similar - AD8367ARU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8367ARU AD-AD8367ARU Datasheet
492Kb / 24P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8367ARU-REEL-7 AD-AD8367ARU-REEL-7 Datasheet
492Kb / 24P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8367ARUZ AD-AD8367ARUZ Datasheet
492Kb / 24P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8367ARUZ-RL7 AD-AD8367ARUZ-RL7 Datasheet
492Kb / 24P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8367ARUZ1 AD-AD8367ARUZ1 Datasheet
492Kb / 24P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
More results

Descripción similar - AD8367ARU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8367 AD-AD8367_05 Datasheet
492Kb / 24P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8367 AD-AD8367_15 Datasheet
492Kb / 24P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8368 AD-AD8368_15 Datasheet
859Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. B
AD8368 AD-AD8368 Datasheet
471Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. 0
AD8368 AD-AD8368_07 Datasheet
511Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8386 AD-AD8386_17 Datasheet
742Kb / 20P
   Linear-in-dB VGA with AGC Detector
ADL6337 AD-ADL6337 Datasheet
1Mb / 41P
   35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
Rev. B
ADL6012 AD-ADL6012 Datasheet
268Kb / 7P
   500 MHz BW Envelope Detector
logo
Linear Technology
LTC5596 LINER-LTC5596 Datasheet
2Mb / 22P
   100MHz to 40GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
logo
Analog Devices
LTC5597 AD-LTC5597 Datasheet
2Mb / 22P
   100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com