Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN54011UCX(1) Datasheet(PDF) 8 Page - Fairchild Semiconductor

No. de pieza FAN54011UCX(1)
Descripción Electrónicos  FAN54010 / FAN54011 / FAN54012 / FAN54013 / FAN54014
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN54011UCX(1) Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN54011UCX(1) Datasheet HTML 4Page - Fairchild Semiconductor FAN54011UCX(1) Datasheet HTML 5Page - Fairchild Semiconductor FAN54011UCX(1) Datasheet HTML 6Page - Fairchild Semiconductor FAN54011UCX(1) Datasheet HTML 7Page - Fairchild Semiconductor FAN54011UCX(1) Datasheet HTML 8Page - Fairchild Semiconductor FAN54011UCX(1) Datasheet HTML 9Page - Fairchild Semiconductor FAN54011UCX(1) Datasheet HTML 10Page - Fairchild Semiconductor FAN54011UCX(1) Datasheet HTML 11Page - Fairchild Semiconductor FAN54011UCX(1) Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5401X Family • Rev. 1.0.4
8
Electrical Specifications
Unless otherwise specified: according to the circuit of Figure 1; recommended operating temperature range for TJ and TA;
VBUS=5.0 V; HZ_MODE; OPA_MODE=0; (Charge Mode); SCL, SDA, OTG=0 or 1.8 V; and typical values are for TJ=25°C.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Boost Mode Operation (OPA_MODE=1, HZ_MODE=0)
VBOOST
Boost Output Voltage at VBUS
2.5 V < VBAT < 4.5 V, ILOAD from 0 to
200 mA
4.80
5.07
5.17
V
3.0 V < VBAT < 4.5 V, ILOAD from 0 to
500 mA
4.77
5.07
5.17
IBAT(BOOST)
Boost Mode Quiescent Current
PFM Mode, VBAT=3.6 V, IOUT=0
140
300
A
ILIMPK(BST)
Q2 Peak Current Limit
1272
1590
1908
mA
UVLOBST
Minimum Battery Voltage for Boost
Operation
While Boost Active
2.42
V
To Start Boost Regulator
2.58
2.70
VBUS Load Resistance
RVBUS
VBUS to PGND Resistance
Normal Operation
1500
K
Charger Validation
100
Protection and Timers
VBUSOVP
VBUS Over-Voltage Shutdown
VBUS Rising
6.09
6.29
6.49
V
Hysteresis
VBUS Falling
100
mV
ILIMPK(CHG)
Q1 Cycle-by-Cycle Peak Current
Limit
Charge Mode
2.3
A
VSHORT
Battery Short-Circuit Threshold
VBAT Rising
1.95
2.00
2.05
V
Hysteresis
VBAT Falling
100
mV
ISHORT
Linear Charging Current
VBAT < VSHORT
20
30
40
mA
TSHUTDWN
Thermal Shutdown Threshold
(7)
TJ Rising
145
°C
Hysteresis
(7)
TJ Falling
10
TCF
Thermal Regulation Threshold
(7)
Charge Current Reduction Begins
120
°C
tINT
Detection Interval
2.1
s
t32S
32-Second Timer
(8)
Charger Enabled
20.5
25.2
28.0
s
Charger Disabled
18.0
25.2
34.0
t15MIN
15-Minute Timer
15-Minute Mode (FAN54013-14)
12.0
13.5
15.0
min
∆tLF
Low-Frequency Timer Accuracy
Charger Inactive
–25
25
%
Notes:
5.
Negative current is current flowing from the battery to VBUS (discharging the battery).
6.
Q2 always turns on for 60 ns, then turns off if current is below ISYNC.
7.
Guaranteed by design; not tested in production.
8.
This tolerance (%) applies to all timers on the IC, including soft-start and deglitching timers.


Número de pieza similar - FAN54011UCX(1)

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN54011UCX FAIRCHILD-FAN54011UCX Datasheet
1Mb / 37P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com