Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N3823C Datasheet(PDF) 2 Page - Micro Commercial Components

No. de pieza 1N3823C
Descripción Electrónicos  1.0 Watt Zener Diode 3.3 to 6.2 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N3823C Datasheet(HTML) 2 Page - Micro Commercial Components

  1N3823C Datasheet HTML 1Page - Micro Commercial Components 1N3823C Datasheet HTML 2Page - Micro Commercial Components 1N3823C Datasheet HTML 3Page - Micro Commercial Components 1N3823C Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS @25°C
1N3821A THRU 1N3828A
MCC
TM
Micro Commercial Components
NOMINAL
MAX. DC
ZENER
TEST CURRENT
ZENER
VOLTAGE
CURRENT
VZ @ IZT
IZT
IZM
(NOTE 1)
(NOTE 3)
VOLTS
mA
OHMS
OHMS
mA
µ A
VOLTS
1N3821A
3.3
76
10
400
276
100
1
1N43821C
3.3
76
10
400
276
100
1
1N3822A
3.6
69
10
400
252
75
1
1N3822C
3.6
69
10
400
252
75
1
1N3823A
3.9
64
9
400
238
25
1
1N3823C
3.9
64
9
400
238
25
1
1N3824A
4.3
58
9
400
213
5
1
1N3824C
4.3
58
9
400
213
5
1
1N3825A
4.7
53
8
500
194
5
1
1N3825C
4.7
53
8
500
194
5
1
1N3826A
5.1
49
7
550
178
3
1
1N3826C
5.1
49
7
550
178
3
1
1N3827A
5.6
45
5
600
162
3
2
1N3827C
5.6
45
5
600
162
3
2
1N3828A
6.2
41
2
700
146
3
3
1N3828C
6.2
41
2
700
146
3
3
TYPE
NUMBER
MAXIMUM ZENER IMPEDANCE
MAX. REVERSE
(NOTE 2)
LEAKAGE CURRENT
lR @ VR
ZZT @ IZT ZZK @ IZK=1mA
NOTE 1
suffix
"A" =+ 5% tolerance on nominal Zener voltage, suffix “C” signifies + 2%.
NOTE 2
Zener impedance is derived by superimposing on 1ZT A 60Hz rms a.c. current equal to
10% of 1ZT.
NOTE 3
Zener voltage is measured with the device junction in thermal equilibrium at an ambient
temperature of 25°C + 3°C.
www.mccsemi.com
2 of 4
Revision:
B
20
12/08/23


Número de pieza similar - 1N3823C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Compensated Deuices Inc...
1N3823 CDI-DIODE-1N3823 Datasheet
43Kb / 2P
   1 WATT ZENER DIODE
logo
Microsemi Corporation
1N3823 MICROSEMI-1N3823 Datasheet
288Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
Motorola, Inc
1N3823 MOTOROLA-1N3823 Datasheet
235Kb / 6P
   1.0 WATT METAL SILICON ZENER DIODES
logo
Micro Commercial Compon...
1N3823 MCC-1N3823 Datasheet
108Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
1N3823 MCC-1N3823 Datasheet
238Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
More results

Descripción similar - 1N3823C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
1N3821A MCC-1N3821A Datasheet
108Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
1N3821A MCC-1N3821A_11 Datasheet
238Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
1N4728 MCC-1N4728 Datasheet
127Kb / 3P
   1.0 Watt Zener Diode 3.3 to 100 Volts
1N4728 MCC-1N4728_11 Datasheet
209Kb / 4P
   1.0 Watt Zener Diode 3.3 to 75 Volts
1N4728A MCC-1N4728A Datasheet
296Kb / 4P
   1.0 Watt Zener Diode 3.3 to 75 Volts
1N5913B MCC-1N5913B_12 Datasheet
263Kb / 3P
   1.5 Watt Zener Diode 3.3 to 51 Volts
SMAJ5913B MCC-SMAJ5913B_18 Datasheet
446Kb / 5P
   1.5 Watt Zener Diode 3.3 to 4.7 Volts
DL4728 MCC-DL4728 Datasheet
84Kb / 2P
   1 Watt Zener Diode 3.3 to 100 Volts
DL4728A-TP MCC-DL4728A-TP Datasheet
256Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
SMAJ4742A-TP MCC-SMAJ4742A-TP Datasheet
426Kb / 4P
   1 Watt Zener Diode 3.3 to 75 Volts
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com