Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9617JR Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD9617JR
Descripción Electrónicos  Low Distortion, Precision, Wide Bandwidth Op Amp
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9617JR Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9617JR Datasheet HTML 2Page - Analog Devices AD9617JR Datasheet HTML 3Page - Analog Devices AD9617JR Datasheet HTML 4Page - Analog Devices AD9617JR Datasheet HTML 5Page - Analog Devices AD9617JR Datasheet HTML 6Page - Analog Devices AD9617JR Datasheet HTML 7Page - Analog Devices AD9617JR Datasheet HTML 8Page - Analog Devices AD9617JR Datasheet HTML 9Page - Analog Devices AD9617JR Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
AD9617
–10–
REV. B
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Small Outline Package
(SO-8)
85
4
1
0.198 (5.00)
0.188 (4.74)
0.244 (6.200)
0.228 (5.80)
PIN 1
0.158 (4.00)
0.150 (3.80)
0.050 (1.27)
BSC
0.069 (1.75)
0.053 (1.35)
SEATING
PLANE
0.010 (0.25)
0.004 (0.10)
0.018 (0.46)
0.014 (0.36)
0.015 (0.38)
0.007 (0.18)
0.045 (1.15)
0.020 (0.50)
8
0
0.205 (5.20)
0.181 (4.60)
Plastic DIP
(N-8)
SEATING
PLANE
0.060 (1.52)
0.015 (0.38)
0.210
(5.33)
MAX
0.022 (0.558)
0.014 (0.356)
0.200 (5.05)
0.125 (3.18)
0.070 (1.77)
0.045 (1.15)
0.150
(3.81)
MIN
8
14
5
PIN 1
0.280 (7.11)
0.240 (6.10)
0.100 (2.54)
BSC
0.430 (10.92)
0.348 (8.84)
0.015 (0.381)
0.008 (0.204)
0.325 (8.25)
0.300 (7.62)
0 –15
LAYOUT CONSIDERATIONS
As with all high performance amplifiers, printed circuit layout is
critical in obtaining optimum results with the AD9617. The
ground plane in the area of the amplifier should cover as much
of the component side of the board as possible. Each power
supply trace should be decoupled close to the package with at
least a 3.3
µF tantalum and a low inductance, 0.1 µF ceramic
capacitor.
All lead lengths for input, output and the feedback resistor
should be kept as short as possible. All gain setting resistors
should be chosen for low values of parasitic capacitance and
inductance, i.e., microwave resistors and/or carbon resistors.
Stripline techniques should be used for lead lengths in excess of
one inch. Sockets should be avoided if possible because of their
stray inductance and capacitance.


Número de pieza similar - AD9617JR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9610 AD-AD9610 Datasheet
556Kb / 8P
   Wide Bandwidth, Fast Settling Operational Amplifier
AD9610 AD-AD9610 Datasheet
567Kb / 8P
   WIDE BANDWIDTH FAST SETTLING
AD9610BH AD-AD9610BH Datasheet
556Kb / 8P
   Wide Bandwidth, Fast Settling Operational Amplifier
AD9610TH AD-AD9610TH Datasheet
556Kb / 8P
   Wide Bandwidth, Fast Settling Operational Amplifier
AD9610TH/883B AD-AD9610TH/883B Datasheet
556Kb / 8P
   Wide Bandwidth, Fast Settling Operational Amplifier
More results

Descripción similar - AD9617JR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9618 AD-AD9618_15 Datasheet
474Kb / 8P
   LOW DISTORTION PRECISION WIDE BANDWIDTH OP AMP
REV. A
AD9618 AD-AD9618 Datasheet
414Kb / 8P
   Low Distortion, Precision, Wide Bandwidth Op Amp
REV. A
logo
Maxim Integrated Produc...
MAX9622 MAXIM-MAX9622 Datasheet
1Mb / 10P
   Precision, High-Bandwidth Op Amp
Rev 0; 9/10
MAX9622 MAXIM-MAX9622_V01 Datasheet
777Kb / 10P
   Precision, High-Bandwidth Op Amp
2015
logo
List of Unclassifed Man...
SPT232 ETC-SPT232 Datasheet
322Kb / 4P
   LOW DISTORTION WIDEBAND OP AMP
logo
Fairchild Semiconductor
KH232 FAIRCHILD-KH232 Datasheet
134Kb / 6P
   Low Distortion Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
   Low Distortion Wideband Op Amp
logo
Analog Devices
AD9631ARZ AD-AD9631ARZ Datasheet
702Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
logo
Fairchild Semiconductor
KH207 FAIRCHILD-KH207 Datasheet
159Kb / 7P
   Low Distortion Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH207 CADEKA-KH207 Datasheet
286Kb / 7P
   Low Distortion Wideband Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com