Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0526960041 Datasheet(PDF) 1 Page - Weidmuller

No. de pieza 0526960041
Descripción Electrónicos  Connector markers, L x W: 6 x 5 mm, Polyamide, white
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WEIDMULLER [Weidmuller]
Página de inicio  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0526960041 Datasheet(HTML) 1 Page - Weidmuller

  0526960041 Datasheet HTML 1Page - Weidmuller 0526960041 Datasheet HTML 2Page - Weidmuller 0526960041 Datasheet HTML 3Page - Weidmuller 0526960041 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product catalogue | Installation Products | Markings | Terminal markers | Card | Dekafix | Standard print | Dek 6 |
Horizontal | Digits consistent
- 1 -
General ordering data
Order No.
0526960001
Part designation
DEK 6 GW 1
Version
Connector markers, L x W: 6 x 5 mm, Polyamide,
white
EAN
4008190128234
Qty.
500 pc(s).
Markings
Cadmium
no
Can be labelled with thermal transfer printers
No
Can be printed with plotter
No
Can be written with dot-matrix printer
No
Can be written with laser printer
No
Colour of printing
black
Function
Connector markers
Halogen
no
Length
6 mm
Material
Polyamide
Material colour
white
Material colour according to resistance code
9
Max. temperature, continuous
100 °C
Min. temperature, continuous
-40 °C
Orientation of print
horizontal
Pin can be written (STI)
No
Pitch
6 mm
PrintJet
No
Printed characters
Numbers
Printing method
MC Laser
Silicone
no
Speed marking laser
No
Type of printing
Standard
UL 94 flammability class
V2
Width
5 mm


Número de pieza similar - 0526960041

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0526020579 MOLEX7-0526020579 Datasheet
206Kb / 3P
   1.00mm (.039") Pitch Receptacle, Dual Row Surface Mount, Vertical Stacking, 12.00and 20.00mm (.472 and .787") Stacking Heights, 50 Circuits, Lead-free
0526020679 MOLEX7-0526020679 Datasheet
206Kb / 3P
   1.00mm (.039") Pitch Receptacle, Dual Row Surface Mount, Vertical Stacking, 12.00and 20.00mm (.472 and .787") Stacking Heights, 60 Circuits, Lead-free
0526021279 MOLEX7-0526021279 Datasheet
206Kb / 3P
   1.00mm (.039") Pitch Receptacle, Dual Row Surface Mount, Vertical Stacking, 12.0020.00mm (.472 and .787") Stacking Heights, 120 Circuits, Lead-free
logo
Weidmuller
0526060000 WEIDMULLER-0526060000 Datasheet
48Kb / 1P
   Special terminal, special connections, PA, green/ yellow, Busbar
logo
Molex Electronics Ltd.
0526100533 MOLEX-0526100533_V01 Datasheet
34Kb / 2P
   Easy-On FFC/FPC Connector, 1.00mm Pitch, Slider Series, Vertical, 5.75mm Height, 5 Circuits, Tin-Silver-Bismuth Plating
More results

Descripción similar - 0526960041

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Weidmuller
0468660301 WEIDMULLER-0468660301 Datasheet
73Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide,white
0468760101 WEIDMULLER-0468760101 Datasheet
72Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide, white
0468760201 WEIDMULLER-0468760201 Datasheet
72Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide, white
0468760251 WEIDMULLER-0468760251 Datasheet
72Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide, white
0468760551 WEIDMULLER-0468760551 Datasheet
72Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide, white
0468760601 WEIDMULLER-0468760601 Datasheet
72Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide, white
0468660051 WEIDMULLER-0468660051 Datasheet
73Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide, white
0468660151 WEIDMULLER-0468660151 Datasheet
73Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide, white
0468760051 WEIDMULLER-0468760051 Datasheet
72Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide, white
0468760751 WEIDMULLER-0468760751 Datasheet
72Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide, white
0518960091 WEIDMULLER-0518960091 Datasheet
72Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide, white
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com