Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0448.160MR Datasheet(PDF) 1 Page - Littelfuse

No. de pieza 0448.160MR
Descripción Electrónicos  Surface Mount Fuses NANO2짰 > Very Fast-Acting > 448 Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0448.160MR Datasheet(HTML) 1 Page - Littelfuse

  0448.160MR Datasheet HTML 1Page - Littelfuse 0448.160MR Datasheet HTML 2Page - Littelfuse 0448.160MR Datasheet HTML 3Page - Littelfuse 0448.160MR Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
448 Series
NANO> Very Fast-Acting > 448 Series
Please refer to www.littelfuse.com/series/448.html for current information.
448 Series Fuse
Description
The lead-free Nano2 SMF Fuse is a very small, square
surface mount fuse that is RoHS compliant, Halogen Free
and 100% lead-free. This product is fully compatible with
lead-free solder alloys and higher temperature profiles
associated with lead-free assembly.
Agency Approvals
Features
PS
E
Electrical Characteristics for Series
% of Ampere
Rating
Ampere Rating
Opening Time
100%
1/16 –15
4 hours, Minimum
200%
1/16 –10
5 sec., Maximum
12 –15
20 sec., Maximum
Applications
equipment
protection
Free
temperature range
de-rating
AGENCY
AGENCY FILE NUMBER
AMPERE RANGE
E10480
62mA - 15A
LR29862
62mA - 15A
PS
E
NBK030205
1A - 10A
Revised: September 6, 2012


Número de pieza similar - 0448.160MR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
0448.160 LITTELFUSE-0448.160 Datasheet
142Kb / 1P
   Surface Mount Fuses
More results

Descripción similar - 0448.160MR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
0448002.MR LITTELFUSE-0448002.MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 448 Series
0448010.MR LITTELFUSE-0448010.MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 448 Series
0448.080MR LITTELFUSE-0448.080MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 448 Series
0448.315MR LITTELFUSE-0448.315MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 448 Series
0448.125MR LITTELFUSE-0448.125MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 448 Series
0448.750MR LITTELFUSE-0448.750MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 448 Series
0448.800MR LITTELFUSE-0448.800MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 448 Series
04481.25MR LITTELFUSE-04481.25MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 448 Series
0448003.MR LITTELFUSE-0448003.MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 448 Series
044801.5MR LITTELFUSE-044801.5MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 448 Series
0448.200MR LITTELFUSE-0448.200MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 448 Series
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com