Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9807 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD9807
Descripción Electrónicos  Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9807 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9807 Datasheet HTML 4Page - Analog Devices AD9807 Datasheet HTML 5Page - Analog Devices AD9807 Datasheet HTML 6Page - Analog Devices AD9807 Datasheet HTML 7Page - Analog Devices AD9807 Datasheet HTML 8Page - Analog Devices AD9807 Datasheet HTML 9Page - Analog Devices AD9807 Datasheet HTML 10Page - Analog Devices AD9807 Datasheet HTML 11Page - Analog Devices AD9807 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD9807/AD9805
–8–
REV. 0
R0, G0, B0
R1, G1, B1
Rn, Gn, Bn
tAD
tAD
tC1A
tC2C1A
tCRA
tS
tH
tGOH
tGOS
tCP2
tC1AD
tACLK tACLK
tSTL1
RG
B
R
G
B
R
G
B
ANALOG
INPUTS
STRTLN
CDSCLK1
CDSCLK2
ADCCLK
GAIN<n:0>
OFFSET<m:0>
R0
G0
B0
R1
G1
B1
tC2A
tC1C2A
Figure 1a. 3-Channel CDS-Mode Clock Timing
tGOH
tGOS
tCP
tC2A
tACLK tACLK
tSTL1
CDSCLK1
ADCCLK
GAIN<n:0>
OFFSET<m:0>
tCRA
tS
tH
STRTLN
tAD
(0V)
ANALOG
INPUTS
R0, G0, B0
R1, G1, B1
Rn, Gn, Bn
Figure 1b. 3-Channel SHA-Mode Clock Timing
PIXEL 0
tS
tH
tGOH
tGOS
tC1B
tC2C1B
tCRB
CDSCLK1
tC1C2B
PIXEL 1
PIXEL n
tAD
tAD
ANALOG
INPUTS
STRTLN
CDSCLK2
tACLK
tACLK
G2
G1
G0
tCP
ADCCLK
GAIN<n:0>
OFFSET<m:0>
tC2B
tSTL2
Figure 1c. 1-Channel CDS-Mode Clock Timing (for B and G Only)


Número de pieza similar - AD9807

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9801 AD-AD9801 Datasheet
292Kb / 12P
   CCD Signal Processor For Electronic Cameras
REV. 0
AD9801 AD-AD9801_15 Datasheet
269Kb / 12P
   CCD Signal Processor For Electronic Cameras
REV. 0
AD9802 AD-AD9802 Datasheet
366Kb / 20P
   CCD Signal Processor For Electronic Cameras
REV. 0
AD9802 AD-AD9802 Datasheet
300Kb / 20P
   CCD Signal Processor For Electronic Cameras
REV. 0
AD9802JST AD-AD9802JST Datasheet
366Kb / 20P
   CCD Signal Processor For Electronic Cameras
REV. 0
More results

Descripción similar - AD9807

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9816 AD-AD9816 Datasheet
171Kb / 16P
   Complete 12-Bit 6 MSPS CCD/CIS Signal Processor
REV. A
AD9816 AD-AD9816_15 Datasheet
187Kb / 16P
   Complete 12-Bit 6 MSPS CCD/CIS Signal Processor
REV. A
AD9944 AD-AD9944_15 Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9943 AD-AD9943_15 Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9943 AD-AD9943 Datasheet
498Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. B
AD9845A AD-AD9845A_15 Datasheet
275Kb / 22P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9844A AD-AD9844A Datasheet
169Kb / 16P
   Complete 12-Bit 20 MSPS CCD Signal Processor
REV. 0
AD9845BJSTZ AD-AD9845BJSTZ Datasheet
264Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9844A AD-AD9844A_15 Datasheet
161Kb / 16P
   Complete 12-Bit 20 MSPS CCD Signal Processor
REV. 0
AD9845BJSTZ AD-AD9845BJSTZ Datasheet
237Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com