Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

044903.5MR Datasheet(PDF) 3 Page - Littelfuse

No. de Pieza. 044903.5MR
Descripción  Surface Mount Fuses NANO2® > Slo-Blo® > 449 Series
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo 

044903.5MR Datasheet(HTML) 3 Page - Littelfuse

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
449 Series
NANO> Slo-Blo® > 449 Series
Please refer to www.littelfuse.com/series/449.html for current information.
1 A
T
6.86
(.270")
3.15
(.124")
2.95
(.116")
1.96
(.077")
2.69
(.106")
2.69
(.106")
1.45
(.057")
6.10
(.240")
Recommended pad layout
F
Materials
Body: Ceramic
Terminations:
Product Marking
Brand, Amperage Rating
Operating
Temperature
-55°C to 125°C
Moisture
Sensitivity Level
Solderability
Insulation
Resistance (after
Opening)
A (10,000 ohms minimum)
Thermal Shock
Condition B, 5 cycles, -65°C to
125°C, 15 minutes @ each extreme
Mechanical Shock
sawtooth wave 6ms duration, 3
Vibration
Moisture Resistance
Salt Spray
Condition B (48hrs)
Resistance to Soldering
Heat
condition B (10 sec at 260°C)
Product Characteristics
Dimensions
Packaging
Part Numbering System
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
12mm Tape and Reel
1000
MR
0449 001. M R
SERIES
AMP Code*
QUANTITY Code
PACKAGING Code
Refer to Electrical charac-
teristics table
*Example:
0.375 Amp product is 0449.375MR
(1 amp product shown above).


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn