Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
0429007.WRM Datasheet(PDF) 1 Page - Littelfuse |
|
0429007.WRM Datasheet(HTML) 1 Page - Littelfuse |
1 / 3 page 33 © 2009 Littelfuse, Inc. Specifications are subject to change without notice. Surface Mount Fuses 429 Series Thin Film > 1206 Size > Very Fast-Acting > 429 Series Please refer to www.littelfuse.com/series/429.html for current information. 429 Series Fuse Description The 429 Series Fast-Acting SMF is a small (1206 size) thin- film device designed for secondary protection of circuits used in space constrained applications such as hand-held portable electronic devices. This series is Halogen-Free, Lead-Free and meets the requirements of the RoHS directive. Agency Approvals Agency Agency File number Ampere rAnge e10480 7A lr29862 7A Electrical Characteristics for Series Features • RoHScompliantand Lead-Free 7A device available-add ‘L’ suffix to part number. • Halogen-Free7A device available-add ‘HF’ suffix to the part number • For new designs up to 5A please consult the 433 or 466 Series % of Ampere rating OpeningTime at 25Oc 100% 4 hours, Minimum 200% 5 sec., Maximum 300% 0.2 sec., Maximum Applications Ampere rating (A) Amp code max Voltage rating (V) interrupting rating nominal cold resistance (Ohms) nominal melting i2t (A2sec) Agency Approvals 7.00 007. 24 35 amperes @ voltage, VAC/VDC 0.00925 3.6000 x x Electrical Specifications by Item 1. Measured at 10% of rated current, 25ºC. 2. Measured at rated voltage. • Cellphones • Batterypacks • Digitalcameras • DVDplayers • Harddiskdrives. Secondary protection for space constrained applications such as: Revised: Jun 16 , 2011 |
Número de pieza similar - 0429007.WRM |
|
Descripción similar - 0429007.WRM |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |