Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

0448012.MR Datasheet(PDF) 4 Page - Littelfuse

No. de Pieza. 0448012.MR
Descripción  Surface Mount Fuses NANO2 > Very Fast-Acting > 448 Series
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo 

0448012.MR Datasheet(HTML) 4 Page - Littelfuse

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
448 Series
NANO> Very Fast-Acting > 448 Series
Please refer to www.littelfuse.com/series/448.html for current information.
Materials
Product Marking
Operating
Temperature
-55o
o
Moisture Sensitivity
Level
Solderability
Insulation
Resistance (after
Opening)
Thermal Shock
o
125o
Mechanical Shock
sawtooth wave 6ms duration, 3
Vibration
Moisture Resistance
Salt Spray
Resistance to Soldering
Heat
o
Product Characteristics
F
7 A
6.86
3.15
2.95
1.96
2.69 ± .25
2.69 ± .25
1.45
6.10 ± .20
Recommended pad layout
Dimensions
Packaging
Part Numbering System
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
12mm Tape and Reel
1000
MR
0448 001. M R
SERIES
AMP Code*
QUANTITY Code
PACKAGING Code
Refer to Electrical
Characteristics table
M = 1000 pcs
R = Tape and Reel
*Example:
1.5 amp product is 044801.5MR


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn