Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

0451.160MRL Datasheet(PDF) 2 Page - Littelfuse

No. de Pieza. 0451.160MRL
Descripción  Wire-in-Air (WIA) square shape surface mount fuse
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo 

0451.160MRL Datasheet(HTML) 2 Page - Littelfuse

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
58
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
451/453 Series
NANO> Very Fast-Acting > 451/453 Series
Please refer to www.littelfuse.com/series/451.html
or /453.html for current information.
Electrical Specifications by Item
Ampere
Rating
(A)
Amp
Code
Max
Voltage
Rating
(V)
Interrupting
Rating
Nominal Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A2sec)
Agency Approvals
PS
E
0.062
.062
125
50amperes@125VAC/VDC
300amperes@32VDC
PSE: 100 amperes
@100VAC
5.5000
0.00019
x
x
0.080
.080
125
4.0500
0.00033
x
x
0.100
.100
125
3.1000
0.00138
x
x
0.125
.125
125
1.7000
0.00286
x
x
0.160
.160
125
1.2157
0.0048
x
x
0.200
.200
125
0.8372
0.0089
x
x
0.250
.250
125
0.5765
0.0158
x
x
0.315
.315
125
0.3918
0.0311
x
x
0.375
.375
125
0.6100
0.0425
x
x
0.400
.400
125
0.5600
0.0484
x
x
0.500
.500
125
0.4200
0.0795
x
x
0.630
.630
125
0.3050
0.143
x
x
0.750
.750
125
0.2450
0.185
x
x
0.800
.800
125
0.2120
0.271
x
x
1.00
001.
125
0.1530
0.459
x
x
x
1.25
1.25
125
0.0780
0.664
x
x
x
1.50
01.5
125
0.0630
0.853
x
x
x
1.60
01.6
125
0.0580
1.060
x
x
x
2.00
002.
125
0.0367
0.530
x
x
x
2.50
02.5
125
0.0286
1.029
x
x
x
3.00
003.
125
0.0227
1.650
x
x
x
3.15
3.15
125
0.0215
1.920
x
x
x
3.50
03.5
125
0.0200
2.469
x
x
x
4.00
004.
125
0.0160
3.152
x
x
x
5.00
005.
125
0.0125
5.566
x
x
x
6.30
06.3
125
0.0096
9.170
x
x
x
7.00
007.
125
0.0090
10.32
x
x
x
8.00
008.
125
0.0077
20.23
x
x
x
10.0
010.
125
35amperes@125VAC/
50amperes@125VDC
300amperes@32VDC
PSE: 100 amperes
@100VAC
0.0056
26.46
x
x
x
12.0
012.
65
50amperes@65VAC/VDC
300amperes@24VDC
0.0049
47.97
x
x
15.0
015.
65
0.0037
97.82
x
x
Notes:
- l2t calculated at 8ms.
- Resistance is measured at 10% of rated current, 25ºC


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn