Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL37231DRAZ-TS Datasheet(PDF) 6 Page - Intersil Corporation

No. de pieza ISL37231DRAZ-TS
Descripción Electrónicos  10.3125 Gb/s Retiming Dual-Channel Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL37231DRAZ-TS Datasheet(HTML) 6 Page - Intersil Corporation

  ISL37231DRAZ-TS Datasheet HTML 1Page - Intersil Corporation ISL37231DRAZ-TS Datasheet HTML 2Page - Intersil Corporation ISL37231DRAZ-TS Datasheet HTML 3Page - Intersil Corporation ISL37231DRAZ-TS Datasheet HTML 4Page - Intersil Corporation ISL37231DRAZ-TS Datasheet HTML 5Page - Intersil Corporation ISL37231DRAZ-TS Datasheet HTML 6Page - Intersil Corporation ISL37231DRAZ-TS Datasheet HTML 7Page - Intersil Corporation ISL37231DRAZ-TS Datasheet HTML 8Page - Intersil Corporation ISL37231DRAZ-TS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ISL37231
6
FN8266.1
January 25, 2013
Electrical Characteristics T
A = +25°C, VDD1 = 1.0V, VDD18 = 1.8V, unless otherwise noted
PARAMETERS
SYMBOL
CONDITION
MIN
(Note 12)
TYP
MAX
(Note 12)
UNITS
NOTES
1.0V Supply Current
(Combination of all 1V
Supplies)
IDD1
Both lanes active, after equalizer has trained
and is static, no eye monitors enabled
430
510
mA
No lanes active, but microcontroller awake
85
150
mA
Sleep Mode
4
mA
8
1.8V Supply Current
(Combination of all 1.8V
Supplies)
IDD18
Both lanes active, after equalizer has trained
and is static, no eye monitors enabled
25
55
mA
No lanes active, but microcontroller awake
9
20
mA
Sleep Mode
330
µA
8
Return Loss Limit
(Differential)
SDD11
SDD22
0.05GHz to 2GHz
-10
dB
9
2GHz to 5.2GHz
-6
dB
9
5.2GHz to 7GHz
-5
dB
9
Return Loss Limit (Common
Mode)
SCC11
SCC22
10MHz to 5GHz
-5
dB
9
Return Loss Limit (Diff. to
Com. Conversion)
SCD11
SCD22
10MHz to 5GHz
-20
dB
9
Input Equalization Range
EQ gain at 5GHz compared to DC. Set to
minimum gain
6
dB
10
EQ gain at 5GHz compared to DC. Set to
maximum gain
16.5
dB
10
Input Equalization
Increment
10 steps covering the Equalization range
1.5
dB
Output De-Emphasis Level
Range
Off-ramp channels optimized for PCB
dielectric loss. On-ramp channels optimized
for cable skin loss. Minimum setting
0
dB
Off-ramp channels optimized for PCB
dielectric loss. On-ramp channels optimized
for cable skin loss. Maximum setting
9
dB
De-Emphasis Increment
1dB
Number of De-Emphasis
Taps
3
11
Output Differential
Amplitude Range
VOUT
Minimum drive setting
200
mVP-P
Maximum drive setting
950
mVP-P
Output Differential
Amplitude Increment
15 Uniform Steps
50
mVP-P
Output Transition Time
tr, tf
20% to 80%
45
ps
Jitter Transfer Function
Bandwidth
5
MHz
Total Output Jitter
1E-13 BER; PRBS-31; no low frequency input
periodic jitter
0.3
UIP-P
SSC Down Spreading
Amplitude Tolerance
0.5
%
SSC Modulation Rate
Tolerance
33-37
kHz
NOTES:
8. The specified Sleep Mode currents can only be achieved when the ISL37231 is used in conjunction with the ISL80083 power management IC.
9. Measured with a Vector Network Analyzer with 100Ω -diff impedance and the ISL37231 input/output impedance at setting 0x07 (i.e. 100Ω-diff).
10. The equalization response includes all effects starting from the IC input pins up to the output of the equalization stage.
11. Three de-emphasis taps composed of: 1 pre-cursor + main + 1 post-cursor.
12. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.


Número de pieza similar - ISL37231DRAZ-TS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL37200M-CD INTERSIL-ISL37200M-CD Datasheet
479Kb / 1P
   PRISM 3 11 Mbps Wireless Local Area Network miniPCI
ISL37200M-EVAL INTERSIL-ISL37200M-EVAL Datasheet
479Kb / 1P
   PRISM 3 11 Mbps Wireless Local Area Network miniPCI
More results

Descripción similar - ISL37231DRAZ-TS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-57L5AP AVAGO-HFBR-57L5AP Datasheet
460Kb / 18P
   Digital Diagnostic SFP 850 nm Transceiver for Fibre Channel 1.0625 Gb/s and Ethernet 1.25 Gb/s
logo
Optoway Technology Inc
SPB-9805RG_2015 OPTOWAY-SPB-9805RG_2015 Datasheet
187Kb / 6P
   3.2 Gb/s Single-Fiber SFP Transceiver
logo
Finisar Corporation.
FTLF8528P3BNV FINISAR-FTLF8528P3BNV Datasheet
777Kb / 12P
   8.5 Gb/s Short-Wavelength SFP Transceiver
logo
Optoway Technology Inc
SPB-97120R-1590G OPTOWAY-SPB-97120R-1590G_15 Datasheet
184Kb / 5P
   3.2 Gb/s Single-Fiber SFP Transceiver
logo
Finisar Corporation.
FTLF8528P2BNV FINISAR-FTLF8528P2BNV Datasheet
745Kb / 12P
   8.5 Gb/s Short-Wavelength SFP Transceiver
FTLF8526P3BNL FINISAR-FTLF8526P3BNL Datasheet
762Kb / 12P
   6.1 Gb/s Short-Wavelength SFP Transceiver
logo
Optoway Technology Inc
SPB-97120R-1510G_2015 OPTOWAY-SPB-97120R-1510G_2015 Datasheet
224Kb / 5P
   3.2 Gb/s Single-Fiber SFP Transceiver
SPB-9840RG_2015 OPTOWAY-SPB-9840RG_2015 Datasheet
187Kb / 6P
   3.2 Gb/s Single-Fiber SFP Transceiver
SPB-9920RG_2015 OPTOWAY-SPB-9920RG_2015 Datasheet
187Kb / 6P
   3.2 Gb/s Single-Fiber SFP Transceiver
SPB-9740RG_2015 OPTOWAY-SPB-9740RG_2015 Datasheet
187Kb / 6P
   3.2 Gb/s Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com