Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL59960-Catx-EVZ Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza ISL59960-Catx-EVZ
Descripción Electrónicos  960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59960-Catx-EVZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL59960-Catx-EVZ Datasheet HTML 1Page - Intersil Corporation ISL59960-Catx-EVZ Datasheet HTML 2Page - Intersil Corporation ISL59960-Catx-EVZ Datasheet HTML 3Page - Intersil Corporation ISL59960-Catx-EVZ Datasheet HTML 4Page - Intersil Corporation ISL59960-Catx-EVZ Datasheet HTML 5Page - Intersil Corporation ISL59960-Catx-EVZ Datasheet HTML 6Page - Intersil Corporation ISL59960-Catx-EVZ Datasheet HTML 7Page - Intersil Corporation ISL59960-Catx-EVZ Datasheet HTML 8Page - Intersil Corporation ISL59960-Catx-EVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas Inc. 2012. All Rights Reserved
Intersil (and design) and MegaQ are trademarks owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
960MegaQ™: An Automatic 960H and Composite Video
Equalizer, Fully-Adaptive to 4000 Feet
ISL59960
The ISL59960 is a single-channel adaptive equalizer for 960H
(WD1) or 720H (D1) composite video designed to
automatically compensate for long runs of CAT 5/CAT 6 or
RG-59 cable, producing high quality video output with no user
interaction. The ISL59960 equalizes up to 4000 feet (1200
meters) of CAT 5/CAT 6 cable.
960MegaQ™ compensates for high frequency cable losses of
up to 70dB at 9MHz, as well as source amplitude variations up
to ±3dB.
The ISL59960 operates from a single +5V supply. Inputs are
AC-coupled and internally DC-restored. The output can drive
2VP-P into two source-terminated 75Ω loads (AC-coupled or
DC-coupled).
Related Literature
• AN1780 “ISL59605-Catx-EVZ/ISL59960-Catx-EVZ
Evaluation Board” (Stand-Alone Evaluation Board)
• AN1776 “ISL59603-Coax-EVZ/ISL59960-Coax-EVZ
Evaluation Board” (Stand-Alone Evaluation Board)
• AN1775 “ISL59605-SPI-EVALZ/ISL59960-SPI-EVALZ
Evaluation Board (with Serial Interface) Operation (Rev 5.0)”
(Evaluation Board with USB Serial Interface)
Features
• Equalizes both 960H and 720H video
• Equalizes up to 4000 feet of Cat 5/Cat 6 and up to 5000
feet (1500m) of RG-59
• Fully automatic, stand-alone operation - no user adjustment
required
• 13MHz -3dB bandwidth
• ±8kV ESD protection on all inputs
• Automatic cable type compensation
• Compatible with color or monochrome, 960H, NTSC or PAL
signals
• Automatic polarity detection and inversion
• Compensates for ±3dB source variation (in addition to cable
losses)
• Optional serial interface adds additional functionality
• Works with single-ended or differential inputs
• Output drives up to two 150Ω video loads
Applications
• Surveillance video
• Video distribution
Typical Application
IN-
GND
IN+
OUT
CFB
ISL59960
1.0µF
50
1k
1.0µF
50
PASSIVE
BALUN
960H, NTSC, PAL,
MONOCHROME CAMERA/
VIDEO SOURCE
75
0.047µF
300
1500pF
UP TO 4000 FEET OF
CAT 5/CAT 6 CABLE
APPLICATION CIRCUIT FOR CAT X CABLE
TV/DVR
Ω
Ω
Ω
Ω
Ω
IN-
GND
IN+
OUT
CFB
ISL59960
75.0
0.047µF
300
TV/DVR
1500pF
APPLICATION CIRCUIT FOR COAXIAL CABLE
0 TO 5000 FEET OVER RG-59
COPPER-CORE COAXIAL CABLE
960H, NTSC, PAL,
MONOCHROM E CAMERA /
VIDEO SOURCE
1.0µF
37.5
1k
1.0µF
37.5
0.1µF
VCC
0.1µF
10k
Ω
Ω
Ω
Ω
Ω
Ω
December 18, 2012
FN8358.0


Número de pieza similar - ISL59960-Catx-EVZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL59960-Catx-EVZ INTERSIL-ISL59960-Catx-EVZ Datasheet
757Kb / 17P
   960MegaQ™: An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
December 18, 2012
logo
Renesas Technology Corp
ISL59960-Catx-EVZ RENESAS-ISL59960-Catx-EVZ Datasheet
1,023Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
More results

Descripción similar - ISL59960-Catx-EVZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL59960 RENESAS-ISL59960 Datasheet
1,023Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Intersil Corporation
ISL59960IRZ INTERSIL-ISL59960IRZ Datasheet
757Kb / 17P
   960MegaQ™: An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
December 18, 2012
ISL59601 INTERSIL-ISL59601 Datasheet
4Mb / 27P
   MegaQ: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Renesas Technology Corp
ISL59601 RENESAS-ISL59601 Datasheet
3Mb / 28P
   MegaQ?? An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Intersil Corporation
ISL59601IRZ INTERSIL-ISL59601IRZ Datasheet
2Mb / 28P
   MegaQ™: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
September 5, 2012
logo
Cypress Semiconductor
CYV270M0104EQ CYPRESS-CYV270M0104EQ Datasheet
244Kb / 9P
   Adaptive Video Cable Equalizer
CYV270M0101EQ_0710 CYPRESS-CYV270M0101EQ_0710 Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
logo
Pericom Semiconductor C...
PI7VD9008ABH PERICOM-PI7VD9008ABH Datasheet
1Mb / 73P
   Adaptive EQ 8-channel 960H Video Decoder
PI7VD9004ABH PERICOM-PI7VD9004ABH Datasheet
1Mb / 53P
   Adaptive EQ 4-channel 960H Video Decoder
logo
Cypress Semiconductor
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com